Part Number Hot Search : 
JHV348 CDP1853D 00405 154M0 VFC219SA 00405 75733 L7421
Product Description
Full Text Search
  30.9k-ohm Datasheet PDF File

For 30.9k-ohm Found Datasheets File :: 156    Search Time::2.359ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    KPC457

COSMO Electronics Corporation
Part No. KPC457
OCR Text ...ond Rating 25 200 5 45 -0.5 to +30 -0.5 to +20 8 100 100 3750 -55 to +85 -55 to +125 260 Input Output Unit mA mA V mW V V mA mW mW ...9K ohm 10 5x10 1x1011 RISO DC=500V,40 to 60%RH - Cf V=0,f=1MHZ 0.6 Symbol Conditions (Ta=25) MAX....
Description High Speed 1Mb/s,High CMR Mini-flat Package Photocoupler

File Size 63.55K  /  4 Page

View it Online

Download Datasheet





    NX2155HCUPTR

Microsemi Corporation
Part No. NX2155HCUPTR
OCR Text ...A 2000 10 0.3 0.6 1.9 1.7 14 17 30 2500 0.36 0.66 MAX 7.5 Units V V uS kHz V % nS umho nA V V ohm ohm ns ns ns Ldrv going Low to Hdrv goi...9k GND 5 C4 180p FB 9 R6 15k C5 1n C6 10p R5 9.53k COMP GNDPAD 8 * R7 and C7 ar...
Description SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER

File Size 768.78K  /  17 Page

View it Online

Download Datasheet

    COSMO Electronics
Part No. KPC457
OCR Text ...w supply voltage v cc -0.5 to +30 v output voltage v o -0.5 to +20 v output current i o 8 m a output power dissipation (*3) p o ...9k ohm 15 C - % isolation resistance r iso dc=500v,40 to 60%rh 5x10 10 1x10 11 - ohm fl...
Description High CMR Mini-flat Package Photocoupler

File Size 87.22K  /  4 Page

View it Online

Download Datasheet

    ASJ Pte
Part No. CR21-750JT
OCR Text ...0) (0.80 0.10) (0.45 0.10) (0.30 0.20) (0.30 0.20) cr 21 0.079 0.006 0.049 0.004 0.020 0.004 0.016 0.008 0.016 0.008 (0805/2012) (2...9k ohm : <10db (3.2 v/v) 1k-9.9k ohm : <10db (3.2 v/v) 10k-99.9k ohm : <18db (5.6 v/v) 10k-99.9k ...
Description (CR Series) Thick Film Chip Resistors

File Size 62.69K  /  3 Page

View it Online

Download Datasheet

    RR2632

List of Unclassifed Manufacturers
Part No. RR2632
OCR Text ...ohm) (ppm/ o c) + 1.0% (f) 10-30 100(r) + 0.5% (d) 33-22k 25(p) 10-97.6 100(r) 100-100k 25(p) 10-97.6 50(q) 100-360k + 0.1% (b) 100-33...9k ohm ) tolerance d=0.5% - xxx "3" digit code to be added when e96 series of rr0816 (ex. 49.9k=68c...
Description Precision 0.1% and 0.5%, tolerance Thin Film Chip Resistor

File Size 93.44K  /  4 Page

View it Online

Download Datasheet

    ASJ
Part No. YCN16
OCR Text ...ver 0.1v 0.3v 1.0v 3.0 v 10.0 v 30.0 v 50.0 v 2 resistance temperature coefficient na refer section 3.4 table 2 jis c 5202 5.2 measure r at ...9k <10db (3.2 v/v) 10k~99.9k <18db (5.6 v/v) 100k~999.9k <20db (10 v/v) >1m <30db (3...
Description (YCN16 / YCN10) Chip Resistor Network

File Size 1,483.15K  /  18 Page

View it Online

Download Datasheet

    AV2432B AV0332C AVXXX-TGX8 AV4232 AV0932C AV0632E AV0932B AV1232D AV1832C AV3032

Aplus Intergrated Circuits
APLUS[Apuls Intergrated Circuits]
Aplus Integrated Circuits Inc.
Part No. AV2432B AV0332C AVXXX-TGX8 AV4232 AV0932C AV0632E AV0932B AV1232D AV1832C AV3032
OCR Text ...size voice up to 3,6,9,12,18,24,30,42 seconds ,using APLUS qualified coding algorithm (LOGPCM).Customer speech data will be edited and progr...9k ; b>8.6k ; c>7.9k ; i>4.7k ; j>4.3k ; k>4.1k playback speed=5.0khz -> a>10.3k ; b>10.0k ; c>9.2k ...
Description single-chip synthesizing CMOS VLSI

File Size 266.45K  /  13 Page

View it Online

Download Datasheet

    IR3080MPBF IR3080MTRPBF IR3080PBF

International Rectifier
IRF
Part No. IR3080MPBF IR3080MTRPBF IR3080PBF
OCR Text ... POWERGOOD RHOTSET2 32 30 31 29 28 27 26 VIDDEL SS/DEL HOTSET VRHOT RMPOUT VIDPGD PWRGD LGND...9k RROSC = 41.9k MIN TYP 0.5 MAX UNIT % Source Current Sink Current VID Input Threshold VID Pull-...
Description XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT

File Size 1,106.11K  /  41 Page

View it Online

Download Datasheet

    MERITEK ELECTRONICS COR...
Part No. RH73
OCR Text ....900.15 2.400.15 0.550.10 0.600.30 0.500.25 23.61 3a 2512 6.300.15 3.100.15 0.550.10 0.600.30 0.500.25 38.06 ? ? ? rev. 7b ? precis...9k ? 5 24.9 ? - 499k ? 4.7 ? - 1m ? 10 15 25 50 2e (1210) 1/ 3w -55 ~ +155 ? c 200v 4...
Description Advanced thin film technology

File Size 413.12K  /  4 Page

View it Online

Download Datasheet

    IRDCIP1201-A

International Rectifier
Part No. IRDCIP1201-A
OCR Text ...witching frequency is set to r3=30.9k for 300khz the input voltage range can be increased to allow operation between 3.14v in and 5.5v in . for paralleled single output operation see fig. 6 for configuration table in reference designsche...
Description Dual output, 15A per channel, 3V-5.5Vin, 0.8V-3.3Vout Synchronous Buck Converter reference design

File Size 198.27K  /  6 Page

View it Online

Download Datasheet

For 30.9k-ohm Found Datasheets File :: 156    Search Time::2.359ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 30.9k-ohm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.8594129085541