Part Number Hot Search : 
STEVA 1N6327US S012K R5150 BBY62 DB300S 2PFT2 NLX1G11
Product Description
Full Text Search
  3.9k-ohm Datasheet PDF File

For 3.9k-ohm Found Datasheets File :: 169    Search Time::1.391ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SP6122CU SP6122EB SP6122UEB

SIPEX[Sipex Corporation]
Part No. SP6122CU SP6122EB SP6122UEB
OCR Text ...he SP6122 operates from a 5V or 3.3V input supply, and delivers output voltages as low as 1.5V with an accuracy of 1.5% over line, load and ...9K The user of the SP6122 Evaluation Board can use the above equations for i3 and R2 to modify R2 an...
Description Evaluation Board Manual

File Size 315.81K  /  6 Page

View it Online

Download Datasheet





    IR3080 IR3080M IR3080MTR

IRF[International Rectifier]
Part No. IR3080 IR3080M IR3080MTR
OCR Text ...BIAS 24 23 22 VCCVID 3 VIDPWR 4 VID5 5 VID0 6 VID1 IR3080 CONTROL IC VOSNS- BBFB EAOUT 21 FB...9k RROSC = 41.9k MIN TYP 0.5 MAX UNIT % Source Current Sink Current VID Input Threshold VID Pull-...
Description XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
XPHASE VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT

File Size 1,031.81K  /  41 Page

View it Online

Download Datasheet

    PA21A PA21 PA26 PA25 PA25A

List of Unclassifed Man...
Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. PA21A PA21 PA26 PA25 PA25A
OCR Text ...r op amp in a 8-pin hermetic TO-3 package (PA21 and PA25) and a 12pin SIP package (PA26). Putting two power op amps in one package and on one die results in an extremely cost effective solution for applications requiring multiple amplifiers...
Description    POWER DUAL OPERATIONAL AMPLIFIERS
POWER DUAL OPERATIONAL AMPLIFIERS 功耗双运算放大

File Size 83.30K  /  5 Page

View it Online

Download Datasheet

    ARX4404 ARX4404-001-1 ARX4404-001-2 ARX4404-201-1 ARX4404-201-2 ARX4407-001-1 ARX4407-001-2 ARX4407-201-1 ARX4407-201-2

AEROFLEX[Aeroflex Circuit Technology]
Aeroflex Inc.
Part No. ARX4404 ARX4404-001-1 ARX4404-001-2 ARX4404-201-1 ARX4404-201-2 ARX4407-001-1 ARX4407-001-2 ARX4407-201-1 ARX4407-201-2 ARX4467 ARX4467-FP ARX4440-FP ARX4440
OCR Text ...e, with no delays between them. 3. DATA and DATA must be in the same state during off time (both high or low). Figure 2 - Receiver Logic ...9K resistor to GND, Pin 12 with a 6.65K resistor to GND, 1MHZ Sinewave applied to point A-A" VTH 0.6...
Description ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 & 4407 Transceivers for MACAIR A3818 A5690 A5232 A4905 & MIL-STD-1553
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 & 4407 Transceivers for MACAIR A3818/ A5690/ A5232/ A4905 & MIL-STD-1553
Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:22-9 RoHS Compliant: No
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553

File Size 93.83K  /  6 Page

View it Online

Download Datasheet

    AV2432B AV0332C AVXXX-TGX8 AV4232 AV0932C AV0632E AV0932B AV1232D AV1832C AV3032

Aplus Intergrated Circuits
APLUS[Apuls Intergrated Circuits]
Aplus Integrated Circuits Inc.
Part No. AV2432B AV0332C AVXXX-TGX8 AV4232 AV0932C AV0632E AV0932B AV1232D AV1832C AV3032
OCR Text ...that can synthesize voice up to 3,6,9,12,18,24,30,42 seconds ,using APLUS qualified coding algorithm (LOGPCM).Customer speech data will be e...9k ; b>8.6k ; c>7.9k ; i>4.7k ; j>4.3k ; k>4.1k playback speed=5.0khz -> a>10.3k ; b>10.0k ; c>9.2k ...
Description single-chip synthesizing CMOS VLSI

File Size 266.45K  /  13 Page

View it Online

Download Datasheet

    AVH316K AV0716K AV2816K AV4216K AVXX16K AV2116K APLUSINTEGRATEDCIRCUITSINC.-AV2116K AV1416K

APLUS[Apuls Intergrated Circuits]
Aplus Intergrated Circuits
Aplus Integrated Circuits Inc.
Part No. AVH316K AV0716K AV2816K AV4216K AVXX16K AV2116K APLUSINTEGRATEDCIRCUITSINC.-AV2116K AV1416K
OCR Text ...ice@aplusinc.com.tw Address: 3 F-10, No. 32, Sec. 1, Chenggung Rd., Taipei, Taiwan 115, R.O.C. (115) 32 3 10. TEL: 886-2-2782-9266 FAX:...9k ~ 14.0kHz) A 14.0kHz I 6.0kHz B 12.0kHz J 5.5kHz C 10.5kHz K 5.2kHz D 9.3kHz L 4.9kHz E 8.3kHz M ...
Description single-chip voice synthesizing CMOS IC 单芯片语音合成CMOS集成电路

File Size 358.89K  /  10 Page

View it Online

Download Datasheet

    HV9906DB3

Supertex Inc
SUTEX[Supertex, Inc]
Supertex Inc
Part No. HV9906DB3
OCR Text ...uFd C7 0.47uFd C6 R2 10K C10 3 14.7K D6 14.7K HV9906 4 7 5 100pF C11 1nF R7 C5&C5A 0.2uFd C8&C8A 0.2uFd 90.9K 4.7V R3 100K D8 1N4148 0.47 15uFd C4&C4A, C5&C5A, C8&C8A are two 0.1uF capa...
Description Off-Line PFC Current Source Controller

File Size 198.38K  /  3 Page

View it Online

Download Datasheet

    CT2511 CT2511-FP CT2510 CT2510-FP CT2512-FP CT2513 CT2513-FP CT2512

Aeroflex Circuit Techno...
AEROFLEX[Aeroflex Circuit Technology]
Aeroflex Inc.
Aeroflex, Inc.
Part No. CT2511 CT2511-FP CT2510 CT2510-FP CT2512-FP CT2513 CT2513-FP CT2512
OCR Text ...rature Range (TC) Limits -0.3 to +18.0 Units Volts +0.3 to -18.0 Volts -0.3 to +7.0 Volts 20 (40Vp-p) Volts 15 ...9K 20V 10V 40 Typ Max Units V Vpeak Vpeak dB Vth 0.8 1.1 Vp-p Electrical Ch...
Description CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal FOR MIL-STD-1553B CT2512 / CT2513 / CT2510 / CT2511的军用双冗余远程终端- STD - 1553B总线

File Size 252.25K  /  17 Page

View it Online

Download Datasheet

    DS1238A 1238A

MAXIM - Dallas Semiconductor
Dallas Semiconducotr
Part No. DS1238A 1238A
OCR Text ...VCC GND PF RVT OSCIN OSCSEL 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 RST RST WDS CEI CEO ST NMI IN VBAT VCCO VCC GND PF RVT OSCIN OSCSEL 1 2 3...9k Ohm 10k 9.00 x 5.0 = 35.4 Volts 1.27 R1 + 10k x 1.27 R1 = 27.8k Ohm 10k VMAX = NMI FRO...
Description MicroManager
MocroManager
From old datasheet system

File Size 209.95K  /  13 Page

View it Online

Download Datasheet

For 3.9k-ohm Found Datasheets File :: 169    Search Time::1.391ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 3.9k-ohm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.53865909576416