Part Number Hot Search : 
HRF502A NTE3116 DTL3A ICL765 R4F2426R 30A01C T121010 SSH10N70
Product Description
Full Text Search
  3.500mhz Datasheet PDF File

For 3.500mhz Found Datasheets File :: 2477    Search Time::3.343ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MABA-009180-500MHZ

M/A-COM Technology Solutions, Inc.
Part No. MABA-009180-500MHZ
OCR Text ...-- Typ -- -- Max -- 1 2 3 -- -- -- -- Amplitude Imbalance -- -- -- -- -- -- -- 0.1 0.6 2 5 Phase Imbalance -- Ordering Information Part Number MABA-009180-500MHZ Package Tape and Reel (2000 piece reels) ...
Description E-Series RF 1:1 Transformer 0.4-500 MHz

File Size 87.08K  /  3 Page

View it Online

Download Datasheet





    ADL Embedded Solutions
Part No. DDR-DRAM1024-3-EX DDR-DRAM1024-3LX DDR-DRAM128-3 DDR-DRAM256-3LX DDR-DRAM256-3-EX DDR-DRAM512-3-EX DDR2-DDR-DRAM512-3LX
OCR Text ...rface* pata (eide) pio 0/1/2/3/4 - dma33/66/100, primary only com1 rs232 rs422/485 optional com2 rs232 rs422/485 optional com3 / com4 -- lpt1 shared interface with fdc uni/ecp/epp/fdc usb 4x usb 1.1 / 2.0 usb 1-3 cfg host, usb 4 cf...
Description PC/104-Plus

File Size 231.35K  /  3 Page

View it Online

Download Datasheet

    F3345-500MHZ

FOX ELECTRONICS
Part No. F3345-500MHZ
OCR Text ...12$ / 607%&/ 63%& / 607%&/ 3%& $ 612$ $ 6312$ ( #. 21 40 48 4052 4212 0 53 22 0 0 12 3 3 0( 02 0 0 01233 0 0 22 4312 32 312 miniature smd hcmo...
Description CRYSTAL OSCILLATOR, CLOCK, 500 MHz, HCMOS/LSTTL OUTPUT

File Size 265.43K  /  1 Page

View it Online

Download Datasheet

    CTS Valpey, Corp.
VALPEY FISHER CORP
Part No. VFOV110-PADC-50.0MHZ VFOV110-MADC-50.0MHZ VFOV110-KADC-50.0MHZ VFOV110-LDBC-50.0MHZ VFOV110-MABC-50.0MHZ VFOV110-KDBC-50.0MHZ VFOV110-LBDC-50.0MHZ VFOV110-KGDC-50.0MHZ VFOV110-LABC-50.0MHZ VFOV110-KDDC-50.0MHZ VFOV110-PABC-50.0MHZ VFOV110-KABC-50.0MHZ VFOV110-KBDC-50.0MHZ VFOV110-LADC-50.0MHZ VFOV110-LDDC-50.0MHZ VFOV110-MBDC-50.0MHZ VFOV110-KDDC-FREQ
OCR Text ...5 ? c ? 0.2 ? 0.3 ? 0.5 ? 1.0 ppm see how to order chart vs. aging / year vs. aging / 10 years <1 <5 ppm ppm after 30 days operating temperature range t 0 ? 0 ? -20 ? -40 ? +50 ...
Description OCXO, CLOCK, 50 MHz, CMOS/TTL OUTPUT ROHS COMPLIANT, SMD, 5 PIN
OCXO, CLOCK, 50 MHz - 135 MHz, CMOS/TTL OUTPUT

File Size 139.55K  /  3 Page

View it Online

Download Datasheet

    KH600 KH600AI

Cadeka Microcircuits LLC.
Part No. KH600 KH600AI
OCR Text ... = 2Vpp 5Vpp Pulse Response 3 2 -40 Distortion (dBc) -50 -60 -70 -80 -90 2nd 3rd Output voltage (V) 1 0 -1 -2 -3 -100...500MHz Vo = 8Vpp DC to 500MHz 1MHz DC1 DC = 250MHz DC = 500MHz DC = 500MHz 2V step 8V step Vin = 4Vp...
Description 1GHz, Differential Input/Output Amplifier

File Size 352.87K  /  13 Page

View it Online

Download Datasheet

    MHQ0402PSA1N4ST000-17

TDK Electronics
Part No. MHQ0402PSA1N4ST000-17
OCR Text 3 creation date : july 07, 2017 (gmt) mhq0402psa1n4st000 applications commercial grade feature multilayer multilayer non-mag core non-...500mhz rated current 400ma dc resistance [typ.] 180m dc resistance [max.] 300m self resonant frequen...
Description Inductors (Coils)

File Size 180.92K  /  3 Page

View it Online

Download Datasheet

    PE43404MLI-Z PE43404MLI PE43404 EK43404-01

Peregrine Semiconductor Corp.
Part No. PE43404MLI-Z PE43404MLI PE43404 EK43404-01
OCR Text ...interface, operates on a single 3-volt supply and maintains high attenuation accuracy over frequency and temperature. It also has a unique c...500Mhz 750Mhz 1010Mhz 1210Mhz 0.5 0 0.5 Attenuation Error (dB) -0.5 8dB -1 15dB Atte...
Description 75 -RF Digital Attenuator 4-bit, 15 dB, DC - 2.0 GHz

File Size 525.39K  /  11 Page

View it Online

Download Datasheet

    2SC472610

Rohm
Part No. 2SC472610
OCR Text 3.2GHz) 2SC5662 / 2SC4726 /2SC4083 / 2SC3838K Features 1) High transition frequency. (Typ. fT= 3.2GHz) 2) Small rbb'Cc and high gain. (Typ...500MHz VCB = 10V , IE = 0A , f = 1MHz VCB = 10V , IC = 10mA , f = 31.8MHz VCE = 6V , IC = 2mA , f = ...
Description High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)

File Size 136.04K  /  3 Page

View it Online

Download Datasheet

    MAX2130 MAX2130EUA MAX213 MAX2130EUAT

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Maxim Integrated Products, Inc.
Part No. MAX2130 MAX2130EUA MAX213 MAX2130EUAT
OCR Text ...B with a noise figure less than 3.2dB over the 44MHz to 878MHz frequency range. The MAX2130 features an externally adjustable bias control, ...500MHz, ZO = 75. Typical values are at VCC = +5V, MIN TYP MAX UNITS CONDITIONS 2 _________...
Description Broadband / Two-Output / Low-Noise Amplifier for TV Tuner Applications
Broadband, Two-Output, Low-Noise Amplifier for TV Tuner Applications 44 MHz - 878 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER

File Size 180.98K  /  8 Page

View it Online

Download Datasheet

    XT4.60MW XT4.60MWP XT5.57MW XT5.65MW XT4.47MW XT4.47MWP XT5.57MWP XT5.60MW XT5.60MWP XT5.65MWP XT6.65MWP

Token Electronics Industry Co., Ltd.
Part No. XT4.60MW XT4.60MWP XT5.57MW XT5.65MW XT4.47MW XT4.47MWP XT5.57MWP XT5.60MW XT5.60MWP XT5.65MWP XT6.65MWP
OCR Text ...tenuation and space saving with 3-terminal type. The characteristic of a three-terminal ceramic trap equals two two-terminal ceramic trap. T...500MHz; Cener Frequency f02:4.724MHz; 30db min @f01& f02; 50(kHz)min@f01 30dB Att BW XT4.60MW Cener...
Description XT MW Double Type Trap Filters

File Size 254.76K  /  3 Page

View it Online

Download Datasheet

For 3.500mhz Found Datasheets File :: 2477    Search Time::3.343ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 3.500mhz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.8724300861359