Part Number Hot Search : 
TDA15 6038015 74F455 IRU431L 0F0AR20 CPS140 HFU2N70S TPS62130
Product Description
Full Text Search
  3.3v-only Datasheet PDF File

For 3.3v-only Found Datasheets File :: 81476    Search Time::4ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IL485-3V

List of Unclassifed Manufacturers
Part No. IL485-3V
OCR Text 3.3 V Input Supply Compatible * 2500 VRMS Isolation (1 min) * 25 ns Maximum Propagation Delay * 35 MBaud Data Rate * 1 ns Pulse Skew (typ.) ...3V is a galvanically isolated, high speed differential bus transceiver, designed for bidirectional d...
Description Isolated RS485-3V Interface

File Size 344.70K  /  8 Page

View it Online

Download Datasheet





    IL422-3V

Electronic Theatre Controls, Inc.
ETC[ETC]
ANALOGICTECH[Advanced Analogic Technologies]
List of Unclassifed Manufacturers
Part No. IL422-3V
OCR Text 3.3 V Input Supply Compatible * 2500 VRMS Isolation (1 min) * 25 ns Propagation Delay * 25 MBaud Data Rate * 1 ns Pulse Skew (typ) * 60 mA D...3V is a galvanically isolated, high speed differential driver and receiver pair, designed for bidire...
Description Isolated 3Volt RS422/RS485 Interface

File Size 343.03K  /  7 Page

View it Online

Download Datasheet

    DE1A1B-L-3V DE1A1BL1.5 DE1A1BL12 DE1A1BL21.5 DE1A1BL212 DE1A1BL224 DE1A1BL23 DE1A1BL24 DE1A1BL24.5 DE1AL4.5 DE1A1BL4.5 D

Panasonic Semiconductor
Part No. DE1A1B-L-3V DE1A1BL1.5 DE1A1BL12 DE1A1BL21.5 DE1A1BL212 DE1A1BL224 DE1A1BL23 DE1A1BL24 DE1A1BL24.5 DE1AL4.5 DE1A1BL4.5 DE2AL4.5 DE1AL24.5 DE2AL24.5 DE2AL248 DE1AL248 DE1AL224 DE2AL224 DE1AL1.5 DE2AL1.5
OCR Text ...ltage between contact and coil* 3 min. 12,000 v (initial) operate time [set time]* 4 max. 10ms (typ. 5ms) [max. 10ms (typ. 4ms)] (at 20 ? ...3v 3 2.1 0.3 45 66.6 200 3.9 de ? -4.5v 4.5 3.15 0.45 101 44.5 200 5.85 de ? -5v 5 3.5 0.5 125 40 2...
Description COMPACT HIGH-INSULATION POLARIZED POWER RELAY
   COMPACT HIGH-INSULATION POLARIZED POWER RELAY

File Size 2,015.25K  /  5 Page

View it Online

Download Datasheet

    RPM3-869-17-3V RPM3-869-17-3V-SMA RPM3-869-17-ANT RPM3-869-17-SMA RPM3-914-17 RPM3-914-17-3V RPM3-914-17-3V-ANT RPM3-914

Radiometrix Ltd
Part No. RPM3-869-17-3V RPM3-869-17-3V-SMA RPM3-869-17-ANT RPM3-869-17-SMA RPM3-914-17 RPM3-914-17-3V RPM3-914-17-3V-ANT RPM3-914-17-3V-RPS RPM3-914-17-ANT RPM3-914-17-RPS RPM3
OCR Text ...rms to European ETSI EN 300 220-3 and EN 301 489-3 Conforms to FCC Part 15.249 Dimensions: 39mm X 23mm X 10mm 39mm 17kbps with ACK 28kbps wi...3V variant is used. 4. WAKE pin should be pulled to ground if DTE cannot provide DTR signal 5. TXSEL...
Description UHF Radio Packet Modem

File Size 740.63K  /  15 Page

View it Online

Download Datasheet

    Panasonic, Corp.
Part No. TQ2SL-3V-Z TQ2SL-L2-3V TQ2SL-L2-4.5V-Z TQ2SL-L2-3V-Z TQ2SL-L-3V TQ2SL-L2-48V TQ2SL-L2-5V TQ2SA-9V TQ2SL-6V TQ2SS-5V TQ2SL-5V TQ2SA-L-5V TQ2SA-12V-Z
OCR Text ...act carrying current: 2 a. * 3 nominal voltage applied to the coil, excluding contact bounce time. * 4 nominal voltage applied to t...3v z ex. tq contact arrangement surface-mount availability operating function coil voltage (dc) pack...
Description LOW-PROFILE SURFACE-MOUNT RELAY 小尺寸的表面安装继电

File Size 103.96K  /  5 Page

View it Online

Download Datasheet

    ATS014014023-MF-3V

Advanced Thermal Solutions, Inc.
Part No. ATS014014023-MF-3V
OCR Text ...0 m/s @500 lfm 2.5 m/s @600 lfm 3.0 m/s @700 lfm 3.5 m/s @800 lfm 4.0 m/s thermal resistance unducted flow 7.44 c/w 6.2 c/w 5.4 c/w 4.9 c/w 4.5 c/w 4.3 c/w 4 c/w ducted flow 5.9 5.1 4.6 4.2 3.9 3.7 3.5 product detail schematic image ...
Description 14.00 x 14.00 x 23.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Slant Fin

File Size 280.00K  /  1 Page

View it Online

Download Datasheet

    ATS014014023-SF-3V

Advanced Thermal Solutions, Inc.
Part No. ATS014014023-SF-3V
OCR Text ...0 m/s @500 lfm 2.5 m/s @600 lfm 3.0 m/s @700 lfm 3.5 m/s @800 lfm 4.0 m/s thermal resistance unducted flow 8.12 c/w 6.5 c/w 5.6 c/w 5.1 c/w 4.7 c/w 4.4 c/w 4.2 c/w ducted flow 5.6 4.8 4.3 4 3.7 3.5 3.3 product detail schematic image ...
Description 14.00 x 14.00 x 23.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin

File Size 277.94K  /  1 Page

View it Online

Download Datasheet

    ATS014014023-PF-3V

Advanced Thermal Solutions, Inc.
Part No. ATS014014023-PF-3V
OCR Text ...0 m/s @500 lfm 2.5 m/s @600 lfm 3.0 m/s @700 lfm 3.5 m/s @800 lfm 4.0 m/s thermal resistance unducted flow 9.21 c/w 7.6 c/w 6.7 c/w 6 c/w 5.6 c/w 5.3 c/w 5 c/w ducted flow 6.7 5.8 5.2 4.8 4.5 4.3 4.1 product detail schematic image di...
Description 14.00 x 14.00 x 23.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Custom Pin FIn

File Size 250.03K  /  1 Page

View it Online

Download Datasheet

    LTC3525L-3 LTC3525LESC6-3

Linear Technology
Part No. LTC3525L-3 LTC3525LESC6-3
OCR Text 3 400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect FEATURES DESCRIPTIO Startup at 0.7V Typ...3V Fixed Output Voltage Delivers 65mA at 3V from a 1V Input or 160mA from a 1.8V input Burst Mode(R)...
Description 400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect

File Size 225.84K  /  12 Page

View it Online

Download Datasheet

For 3.3v-only Found Datasheets File :: 81476    Search Time::4ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 3.3v-only

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.7583711147308