Part Number Hot Search : 
PI3HD ADR02BR 78083 25X40AV 10101 BDT41 TSH22I 6KE400CA
Product Description
Full Text Search
  3-port Datasheet PDF File

For 3-port Found Datasheets File :: 58496    Search Time::2.797ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Vectron International, Inc.
Part No. OCXO-PORT-10.0MHZ-OUT1-STBY2 OCXO-PORT-10.0MHZ-OUT1-STBY1
OCR Text ...,test ea, 100 g, 6ms half-sine, 3 bumps in 3 main directions vibration: din iec 68-2-6, test fc, 10-500hz, 10g, 2 h in 3 main directions humidity: din iec 68-2-3, 40c/93%rh, 21 days solderability: din iec 68-2-20 only for wire leads, method...
Description OCXO, SINE OUTPUT, 10 MHz

File Size 39.11K  /  2 Page

View it Online

Download Datasheet





    MACOM[Tyco Electronics]
Part No. ESSM-3-3-75
OCR Text 3 Way 0 Power Divider -- 40 - 870 MHz o ESSM-3-3-75 ESSM-3-3-75 o E-Series 3-Way 0 Power Divider 40 - 870 MHz Features * * * ...Port 1 - Port 3 435 - 870 MHz Insertion Loss @ 870 MHz Port 1 Insertion Loss @ 870 MHz Port 2 Insert...
Description E-Series 3-Way 0 Power Divider 40 - 870 MHz

File Size 196.40K  /  2 Page

View it Online

Download Datasheet

    SF1186B-3

RF Monolithics, Inc
Part No. SF1186B-3
OCR Text 3 10/26/10 sm3030-6 1575.42 mhz saw filter sf1186b-3 pin # description pin # description 1 ground 4 ground 2 input 5 output 3 ground 6 grou...port 1 or port 2 may be used for either input or output in the design. however, impedances and imp...
Description 1575.42 MHz SAW Filter

File Size 566.96K  /  5 Page

View it Online

Download Datasheet

    SF2040B-3

RF Monolithics, Inc
Murata Manufacturing Co., Ltd.
Part No. SF2040B-3
OCR Text ...of rf monolithics, inc. sf2040b-3-011207 notes: 1. unless noted otherwise, all specifications apply over the operating temperature range wit...port 1 or port 2 may be used for either input or output in the design. however, impedances and impe...
Description Designed for SDARS IF Receiver
80.460 MHz SAW Filter

File Size 79.16K  /  3 Page

View it Online

Download Datasheet

    AD9522-3 AD9522-3_PCBZ AD9522-3BCPZ AD9522-3BCPZ-REEL7

Analog Devices
Part No. AD9522-3 AD9522-3_PCBZ AD9522-3BCPZ AD9522-3BCPZ-REEL7
OCR Text 3 FEATURES Low phase noise, phase-locked loop (PLL) On-chip VCO tunes from 1.72 GHz to 2.25 GHz Supports external 3.3 V/5 V VCO/VCXO to 2....port 64-lead LFCSP Nonvolatile EEPROM stores configuration settings FUNCTIONAL BLOCK DIAGRAM CP ...
Description 12 LVDS/24 CMOS Output Clock Generator with Integrated 2 GHz VCO

File Size 925.33K  /  84 Page

View it Online

Download Datasheet

    AD9520-3 AD9520-3_PCBZ AD9520-3BCPZ AD9520-3BCPZ-REEL7

Analog Devices
Part No. AD9520-3 AD9520-3_PCBZ AD9520-3BCPZ AD9520-3BCPZ-REEL7
OCR Text 3 FEATURES Low phase noise, phase-locked loop (PLL) On-chip VCO tunes from 1.72 GHz to 2.25 GHz Supports external 3.3 V/5 V VCO/VCXO to 2....port 64-lead LFCSP Nonvolatile EEPROM stores configuration settings FUNCTIONAL BLOCK DIAGRAM CP ...
Description 12 LVPECL/24 CMOS Output Clock Generator with Integrated 2 GHz VCO

File Size 924.98K  /  84 Page

View it Online

Download Datasheet

    TE Connectivity, Ltd.
Part No. ES-4-3
OCR Text 3 V3.00 R-2 4 Way 0 Specifications @ 25C Frequency Range Insertion Loss 0.25 -2.5 MHz 2.5 - 125 MHz 125 - 250 MHz Isolation 0.25 ...Port 1 Port 2 Port 3 Port 4 Pin No. 3,5,6 3,5,6 4 7 8 1 2 Absolute Maximum Ratings Parameter Max...
Description E-Series 4-Way 0Power Divider 0.25250 MHz E系列4?功分器0.25250兆赫
0.25 MHz - 250 MHz RF/MICROWAVE SPLITTER, 1.2 dB INSERTION LOSS

File Size 39.52K  /  1 Page

View it Online

Download Datasheet

    JCPS-6-3

Mini-Circuits
Part No. JCPS-6-3
OCR Text ... 0.2 0.5 0.6 0.5 MJ Typ. Max. 0.3 0.6 1.1 0.6 0.3 1.0 1.0 1.0 2.5 0.9 0.75 2.0 U Typ. Max. 0.8 1.5 0.9 0.6 1.8 2.0 1.3 1.5 PHASE UNBALANC...PORT bj bk SUM PORT 1 1 PORT 1 4 3 PORT 2 8 4 PORT 3 12 8 PORT 4 16 12 PORT 5 15 16 PORT 6 -- 15 GND...
Description Power Splitter

File Size 248.12K  /  2 Page

View it Online

Download Datasheet

    RPM1-151.300-3 RPM1-151.300-3-LP RPM1-151.300-3-LP-3V RPM1-173.225-3 RPM1-173.225-3-3V RPM1-173.225-3-HP RPM1-173.250-3

Radiometrix Ltd
Part No. RPM1-151.300-3 RPM1-151.300-3-LP RPM1-151.300-3-LP-3V RPM1-173.225-3 RPM1-173.225-3-3V RPM1-173.225-3-HP RPM1-173.250-3 RPM1-173.250-3-3V RPM1-173.250-3-HP RPM1
OCR Text ...verted RS232 interface at 5V or 3.3VCMOS level DTE speed 600-115200bps 600Overall throughput: 3.7kbps with ACK with 5.3kbps without ACK Sing...port on a host microcontroller or PC. The module provides all the RF circuits and processor intensiv...
Description VHF Radio Packet Modem

File Size 643.39K  /  15 Page

View it Online

Download Datasheet

    RC86L60-3 RC86L60-2 RC86L60-1

List of Unclassifed Manufacturers
Part No. RC86L60-3 RC86L60-2 RC86L60-1
OCR Text 3.3 Volt / 5 Volt Voice Synthesizer Chipset GeneRal DeSCRipTiOn The RC8660 is a versatile voice and sound synthesizer, integrating a tex...port, even in the field after the RC8660 has been integrated into the end-product. The RC8660 is com...
Description CMOS, 3.3 Volt / 5 Volt Voice Synthesizer Chipset

File Size 557.38K  /  49 Page

View it Online

Download Datasheet

For 3-port Found Datasheets File :: 58496    Search Time::2.797ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 3-port

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.74099087715149