Part Number Hot Search : 
A105M B2188 CS830 GBJ150 BA3123F FR207GP A105M 25F10
Product Description
Full Text Search
  28.63636mhz Datasheet PDF File

For 28.63636mhz Found Datasheets File :: 20    Search Time::2.266ms    
Page :: | <1> | 2 | 3 |   

    CXD3152AR

Sony Corporation
Part No. CXD3152AR
OCR Text ... : 18.9375MHz EIA (768 x 494) : 28.63636mhz CCIR (752 x 582) : 28.375MHz Slave operation according to the sync signal <CSYNC_IN> from an external TG: Composite sync input Gain Control Built-in auto gain control circuit The maximum AGC (anal...
Description Signal Processor LSI for Single-chip CCD B/W Camera

File Size 322.14K  /  45 Page

View it Online

Download Datasheet





    KS7301

Samsung semiconductor
Part No. KS7301
OCR Text ...7 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 Symbol SCK PCK ID DISRSTN NC NC VDD NC NC NC NC NC NC SP0 CLP1 CLP2 C...63636MHz, PAL:28,375Mhz *3. IC Test Pin ( TST1, TST0, DCPN) ( 0,0,0 ) : TEST ( CPM ) ( 0,0,1 ) : TES...
Description DIGITAL CAMERA PROCESSOR

File Size 239.26K  /  34 Page

View it Online

Download Datasheet

    CXD3152R

Sony Corporation
Part No. CXD3152R
OCR Text ... : 18.9375MHz EIA (768 x 494) : 28.63636mhz CCIR (752 x 582) : 28.375MHz Slave operation according to the sync signal <CSYNC_IN> from an external TG: Composite sync input Gain Control * Gain control Built-in auto gain control circuit The ma...
Description Signal Processor LSI for Single-chip CCD B/W Camera

File Size 306.46K  /  45 Page

View it Online

Download Datasheet

    KS7301B KS7301

Samsung Electronic
Samsung semiconductor
Part No. KS7301B KS7301
OCR Text ...7 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 Symbol SCK PCK ID DISRSTN NC NC VDD NC NC NC NC NC NC SP0 CLP1 CLP2 C...63636MHz, PAL:28,375Mhz *3. IC Test Pin ( TST1, TST0, DCPN) ( 0,0,0 ) : TEST ( CPM ) ( 0,0,1 ) : TES...
Description DIGITAL CAMERA PROCESSOR

File Size 358.48K  /  34 Page

View it Online

Download Datasheet

    TE Connectivity, Ltd.
KSS[Kyocera Kinseki Corpotation]
American KSS
Kyocera Kinseki Corporation
Part No. FXO-62FL FXO-62F FXO-62FL-17.734476MHZ
OCR Text ....0~32.0MHz 14.31818, 17.734476, 28.375, 28.63636mhz *1 30x10 -6 -10~+60: -20~+80: 3.3V5% 8mA MAX. 15pF (1TTL) VOH : 0.9VDD MIN. VOL : 0.4V MAX. FXO-62FL sOutline FXO-62F #4 #3 sLand Pattern(reference) 28.636 KSS 9G 5.00.15 4.5 0....
Description CRYSTAL OSCILLATOR, CLOCK, 17.734476 MHz, CMOS/TTL OUTPUT
Miniature Clock Crystal Oscillator

File Size 139.54K  /  1 Page

View it Online

Download Datasheet

    AT-51-4.000-STD-PFV-2 AT-51CD2-4.000-STD-PFV-2 AT-51CD2

NIHON DEMPA KOGYO
Part No. AT-51-4.000-STD-PFV-2 AT-51CD2-4.000-STD-PFV-2 AT-51CD2
OCR Text ...odel AT-51 / AT-51CD2 3.1875 to 28.63636mhz Fundamental 20 x 10-6 30 x 10-6 -10 to +70 Refer to *1 and *2 Refer to *3 (Max:1000W) Series resonance 26 to 75MHz 3rd overtone n How to Specify an Order When ordering our products, specify th...
Description Crystal Units For OA / AV

File Size 81.85K  /  1 Page

View it Online

Download Datasheet

    AI2410

A1 PROs co., Ltd.
Part No. AI2410
OCR Text ...system CCD image sensors 760H: 28.63636mhz (EIA) and 28.375MHz (CCIR) 510H: 19.0699MHz (EIA), 18.9375MHz (CCIR) Storage Temperature TSTG Operating Temperature TOPR Allowable Power Dissipation Supply voltage VEE - 0.3 to VHH + 0.3 V ...
Description Signal Processor for Single-Chip CCD B/W Camera

File Size 581.47K  /  27 Page

View it Online

Download Datasheet

    BU6521KV BU6520KV BU6520KV-E2 BU6520KV10 BU6521KV-E2

Rohm
Part No. BU6521KV BU6520KV BU6520KV-E2 BU6520KV10 BU6521KV-E2
OCR Text ...4) Compatible with NTSC (27MHz, 28.63636mhz and 19.06993MHz)/ *2 PAL(27MHz, 28.375MHz, 35.46895MHz and 18.9375MHz) . 5) Registers can be set up with a 2-line serial interface. 6) Registers can be automatically set up by reading from externa...
Description Video Encoders built-in Image Correction

File Size 354.97K  /  19 Page

View it Online

Download Datasheet

    Ecliptek, Corp.
Part No. EP1100TSC-28.63636M
OCR Text 28.63636m ep11 00 ts c -28.63636m series rohs compliant (pb-free) 5.0v 14 pin dip metal thru-hole hcmos/ttl programmable oscillator frequ...63636mhz output logic type cmos pin 1 connection tri-state (disabled output: high impedance) duty cy...
Description OSCILLATORS 100PPM -20 70 5.0V 4 28.63636mhz TS CMOS FULL 14PIN DIP CRYSTAL OSCILLATOR, CLOCK, 28.63636 MHz, HCMOS OUTPUT

File Size 146.53K  /  7 Page

View it Online

Download Datasheet

For 28.63636mhz Found Datasheets File :: 20    Search Time::2.266ms    
Page :: | <1> | 2 | 3 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 28.63636mhz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.54088711738586