Part Number Hot Search : 
30A02CH C161S ATMEGA8 3600B BGU8004 MUN2233 B3913 ZBNG4001
Product Description
Full Text Search
  28-qsop Datasheet PDF File

For 28-qsop Found Datasheets File :: 876    Search Time::1.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AK18D300-QSOP AK06D300-QSOP12 AK14D300-QSOP AK20D300-QSOP AK16D300-QSOP

ACCUTEK MICROCIRCUIT CORPORATION
ACCUTEK MICROCIRCUIT CORPOR...
ACCUTEK MICROCIRCUIT CO...
Part No. AK18D300-QSOP AK06D300-QSOP12 AK14D300-QSOP AK20D300-QSOP AK16D300-QSOP
OCR Text ...6, 8 14, 16, 18, 20, 22, 24 and 28 pins, are fully assem - bled and tested and may include a decoupling capacitor. these dip adapters can be...qsop dip adapters accutek microcircuit corporation dip adapter modules eliminate the need to redesig...
Description Quarter Size Small Outline Package QSOP DIP Adapters

File Size 169.18K  /  4 Page

View it Online

Download Datasheet





    ASM3P4200AG-28-TR ASM3P4200AG-28-TT

PulseCore Semiconductor
Part No. ASM3P4200AG-28-TR ASM3P4200AG-28-TT
OCR Text ...% Supply Voltage * Available in 28-pin TSSOP. Centre Spread for Spread Spectrum ASM3P4200A Product Description The ASM3P4200A is a ve...QSOP, T/R - QSOP, TUBE 1 - reserved 2 - Non PLL based 3 - EMI Reduction 4 - DDR support products ...
Description Multi-Output Custom Clock Generator

File Size 360.54K  /  7 Page

View it Online

Download Datasheet

    ASM3P4201AG-28-TR ASM3P4201AG-28-TT

PulseCore Semiconductor
Part No. ASM3P4201AG-28-TR ASM3P4201AG-28-TT
OCR Text ...mation Part Number ASM3P4201AG-28-TT ASM3P4201AG-28-TR ASM3P4201A Marking 3P4201AG 3P4201AG Package 20-Pin TSSOP, Tube, Green 20...QSOP, T/R - QSOP, TUBE 1 - reserved 2 - Non PLL based 3 - EMI Reduction 4 - DDR support products ...
Description Multi-Output Custom Clock Generator

File Size 319.49K  /  7 Page

View it Online

Download Datasheet

    NLAST4053

ON Semiconductor
Part No. NLAST4053
OCR Text ... -3.0 -55 to 25C Min Typ Max 40 28 23 23 40 28 23 23 40 28 23 23 v85C Min Max 45 30 25 25 45 30 25 25 45 30 25 25 v125C Min Max 50 35 30 28 50 35 30 28 50 35 30 28 Unit ns Symbol tTRANS Parameter Transition Time (Address Selection Tim...
Description Analog Multiplexer/ Demultiplexer

File Size 130.99K  /  14 Page

View it Online

Download Datasheet

    ISL28470FAZ ISL28470FAZ-T7 ISL28470EVAL1Z ISL28270IAZ-T13 ISL28273FAZ-T7 ISL28270INEVAL1Z ISL28273INEVAL1Z

Intersil Corporation
http://
Part No. ISL28470FAZ ISL28470FAZ-T7 ISL28470EVAL1Z ISL28270IAZ-T13 ISL28273FAZ-T7 ISL28270INEVAL1Z ISL28273INEVAL1Z
OCR Text ...pplication Note ISL28470 FAZ 28 Ld QSOP ISL28470 FAZ 28 Ld QSOP ISL28270INEVAL1Z Evaluation Platform ISL28273INEVAL1Z Evaluation Platform ISL28470EVAL1Z Evaluation Platform *Please refer to TB347 for details on reel specifications....
Description Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers

File Size 715.12K  /  18 Page

View it Online

Download Datasheet

    PI2DBS212ZHE PI2DBS212QE PI2DBS212

Pericom Semiconductor Corporation
Part No. PI2DBS212ZHE PI2DBS212QE PI2DBS212
OCR Text ...free & Green): - 20-Lead QSOP - 28-Contact TQFN Description Pericom Semiconductor's PI2DBS212 is an 1:2 differential channel multiplexer/demultiplexer switch. Using a specialized design scheme, Pericom has been able to achieve a perform...
Description 1.8V, 1.8GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch, w/ Single Enable

File Size 900.54K  /  10 Page

View it Online

Download Datasheet

    INTERSIL CORP
Part No. ISL6227IAZ-T
OCR Text ...l6227ca* isl 6227ca -10 to +100 28 ld qsop m28.15 isl6227caz* (note) isl 6227caz -10 to +100 28 ld qsop (pb-free) m28.15 isl6227ia* isl 6227ia -40 to +100 28 ld qsop m28.15 isl6227iaz* (note) isl 6227iaz -40 to +100 28 ld qsop (pb-free)...
Description Dual Mobile-Friendly PWM Controller with DDR Option; Temperature Range: -40&deg;C to 85&deg;C; Package: 28-qsop T&amp;R

File Size 817.38K  /  27 Page

View it Online

Download Datasheet

    MAX1772EEI MAX177209

Maxim Integrated Products
Maxim Integrated Produc...
Part No. MAX1772EEI MAX177209
OCR Text ... is available in a space-saving 28-pin QSOP package. Applications Notebook and Subnotebook Computers Personal Digital Assistants Handheld Terminals Pin Configuration TOP VIEW DCIN 1 LDO 2 CLS 3 REF 4 CCS 5 CCI 6 CCV 7 GND 8 GND 9 I...
Description Low-Cost, Multichemistry Battery-Charger Building Block
   Low-Cost, Multichemistry Battery-Charger Building Block

File Size 213.88K  /  20 Page

View it Online

Download Datasheet

    MAX1226-MAX1230 MAX1230 MAX1228 MAX1226-BMAX1230 MAX1229 MAX1226 MAX1226ACEE-T MAX1226AEEE-T MAX1227

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX1226-MAX1230 MAX1230 MAX1228 MAX1226-BMAX1230 MAX1229 MAX1226 MAX1226ACEE-T MAX1226AEEE-T MAX1227
OCR Text ...atible Interface o Space-Saving 28-Pin 5mm x 5mm QFN Package MAX1226/MAX1228/MAX1230 The MAX1226/MAX1228/MAX1230 are serial 12-bit ana...QSOP packages. The MAX1226/MAX1228 are only available in QSOP packages. All three devices are specif...
Description 12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
12-Bit 300ksps ADCs with FIFO Temp Sensor Internal Reference

File Size 539.15K  /  24 Page

View it Online

Download Datasheet

    MAX1227-MAX1231 MAX1231 MAX1231ACEG-T MAX1231AEEG-T MAX1231BCEG-T MAX1231BCGI-T MAX1231BEEG-T MAX1231BEGI-T MAX1229AEEP-

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Part No. MAX1227-MAX1231 MAX1231 MAX1231ACEG-T MAX1231AEEG-T MAX1231BCEG-T MAX1231BCGI-T MAX1231BEEG-T MAX1231BEGI-T MAX1229AEEP-T MAX1229 MAX1227 MAX1227ACEE-T MAX1227AEEE-T MAX1227BCEE-T MAX1227BEEE-T MAX1229ACEP-T MAX1229BCEP-T MAX1229BEEP-T
OCR Text ...atible Interface o Space-Saving 28-Pin 5mm x 5mm QFN Package General Description The MAX1227/MAX1229/MAX1231 are serial 12-bit analog-to...QSOP packages. The MAX1227/MAX1229 are only available in QSOP packages. All three devices are specif...
Description 12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference

File Size 507.41K  /  24 Page

View it Online

Download Datasheet

For 28-qsop Found Datasheets File :: 876    Search Time::1.14ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 28-qsop

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7314820289612