Part Number Hot Search : 
SGM3110 SMV1812A P2600 K1205 ALDL190G AS630 STYN855 ST2222
Product Description
Full Text Search
  27v Datasheet PDF File

For 27v Found Datasheets File :: 56329    Search Time::1.719ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LINER[Linear Technology]
Part No. LTC6911-2 LTC6911-1 LTC6911IMS-2 LTC6911CMS-1 LTC6911CMS-2 LTC6911HMS-1 LTC6911HMS-2 LTC6911IMS-1
OCR Text 2 Dual Matched Amplifiers with Digitally Programmable Gain in MSOP FEATURES s DESCRIPTIO s s s s s s s s s s 3-Bit Digital Gain C...7V to 10.5V Total 11MHz Gain Bandwidth Product Input Noise: 10nV/Hz Total System Dynamic Range to 12...
Description Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
Dual Matched Amplifiers with Digitally Programmable Gain in MSOP

File Size 222.75K  /  20 Page

View it Online

Download Datasheet





    26
Part No. LTC3406B-2
OCR Text 2 3406b2f n high efficiency: up to 96% n 600ma output current at v in = 3v n 2.5v to 5.5v input voltage range n 2.25mhz constant frequency ...7v to 5.5v ltc3406b-2 run 2.2 h* 3406b ta01a sw v fb gnd 10 f cer v out 1.8v 600ma 22pf 1m 499k ou...
Description 2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT Linear Technology

File Size 245.41K  /  16 Page

View it Online

Download Datasheet

    LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR

Linear Technology, Corp.
Part No. LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR
OCR Text 2 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator FEATURES DESCRIPTIO High Efficiency: ...7V EFFICIENCY (%) 85 80 75 70 65 60 1 EFFICIENCY (%) VIN = 4.2V 4 UW 100 35482 G07 ...
Description Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40&deg;C to 125&deg;C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10
Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator

File Size 219.23K  /  16 Page

View it Online

Download Datasheet

    ML4826IP-2 ML4826CP-2 ML4826CS-1 ML4826CS-2 ML4826IS-1 ML4826IS-2 ML4826CP-1 ML4826 ML4826IP-1

MICRO-LINEAR[Micro Linear Corporation]
Part No. ML4826IP-2 ML4826CP-2 ML4826CS-1 ML4826CS-2 ML4826IS-1 ML4826IS-2 ML4826CP-1 ML4826 ML4826IP-1
OCR Text ...t fully complies with IEC1000-3-2 specifications. The ML4826 includes circuits for the implementation of a leading edge, average current "bo...7V + - VREF 18 Q Q PFC OUT Q Q 15 GAIN MODULATOR 3.5k 8V R S R PFC ILIMIT OS...
Description PFC and Dual Output PWM Controller Combo

File Size 292.14K  /  16 Page

View it Online

Download Datasheet

    Linear
Part No. LTC6910-2
OCR Text 2 Digitally Controlled Programmable Gain Amplifier in SOT-23 March 2003 FEATURES s s s s s s s s s s DESCRIPTIO 3-Bit Digital Gai...7V to 10.5V Total 13MHz Gain Bandwidth Product 13nV/Hz Input Noise at Gain of 64 120dB Total System ...
Description Digitally Controlled Programmable Gain Amplifier 

File Size 147.65K  /  8 Page

View it Online

Download Datasheet

    LTC3407AEDD-2 LTC3407AEDD-2-PBF LTC3407AIDD-2-PBF LTC3407AEDD-2-TR LTC3407AIDD-2-TR LTC3407AEDD-2-TRPBF LTC3407AIDD-2-TR

LINEAR TECHNOLOGY CORP
Linear Technology, Corp.
Part No. LTC3407AEDD-2 LTC3407AEDD-2-PBF LTC3407AIDD-2-PBF LTC3407AEDD-2-TR LTC3407AIDD-2-TR LTC3407AEDD-2-TRPBF LTC3407AIDD-2-TRPBF LTC3407AEMSE-2 LTC3407AEMSE-2-PBF LTC3407AEMSE-2-TR LTC3407AEMSE-2-TRPBF LTC3407AIMSE-2-PBF LTC3407AIMSE-2-TR LTC3407AIMSE-2-TRPBF LTC3407A-2 LTC3407AIMSE-2 LTC3407AEMSE-2TR LTC3407AIDD-2TR LTC3407AIMSE-2TR LTC3407AEDD-2PBF
OCR Text 2 Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator FEATURES DESCRIPTIO High Efficiency: Up to 95% Low Rippl...7V 4.2V 3.3V 100 90 80 VOUT ERROR(%) Efficiency vs Load Current 100 90 80 70 EFFICIENCY (%) 6...
Description Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40&deg;C to 85&deg;C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10
Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40&deg;C to 125&deg;C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10
Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40&deg;C to 125&deg;C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10
Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40&deg;C to 85&deg;C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10

File Size 267.89K  /  16 Page

View it Online

Download Datasheet

    LINEAR TECHNOLOGY CORP
Part No. LTC1757A-2 LTC1757A-1 LTC1757A-1EMS8TR LTC1757A-1EMS8TRPBF
OCR Text 2 Single/Dual Band RF Power Controllers FEATURES s s s s DESCRIPTIO s s s s s s s s s s s Dual Band RF Power Amplifier Contr...7V to 6V Allows Direct Connection to Battery RF Output Power Set by External DAC Fast Acquire After ...
Description Single/Dual Band RF Power Controllers; Package: MSOP; No of Pins: 8; Temperature Range: -40&deg;C to 125&deg;C
Single/Dual Band RF Power Controller with 400kHz Loop Bandwidth

File Size 198.21K  /  16 Page

View it Online

Download Datasheet

    LINER[Linear Technology]
Part No. LTC4302IMS-2 LTC4302IMS-1 LTC4302CMS-1 LTC4302CMS-2 LTC4302-1 LTC4302-2
OCR Text 2 Addressable 2-Wire Bus Buffers DESCRIPTIO The LTC(R)4302-1/LTC4302-2 addressable I2C bus and SMBus compatible bus buffers allow a periphe...7V to 5.5V. The SDA and SCL inputs and outputs do not load the bus lines when VCC is low. Rise time ...
Description Addressable 2-Wire Bus Buffers

File Size 290.90K  /  20 Page

View it Online

Download Datasheet

    LTC1758-2 LTC1758-1 LTC1758-1EMS8 LTC1758-2EMS LTC1758-2EMSTRPBF LTC1758-2EMSPBF LTC1758-1-15 LTC1758-2-15

LINER[Linear Technology]
Linear Technology Corporation
Part No. LTC1758-2 LTC1758-1 LTC1758-1EMS8 LTC1758-2EMS LTC1758-2EMSTRPBF LTC1758-2EMSPBF LTC1758-1-15 LTC1758-2-15
OCR Text 2 RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range DESCRIPTIO The LTC(R)1758-2 is a dual band RF power contro...7V to 6V Allows Direct Connection to Battery RF Output Power Set by External DAC 250kHz Control Loop...
Description RF Power Controllers with 250kHz Control Loop Bandwidth and 40dB Dynamic Range; Package: MSOP; No of Pins: 10; Temperature Range: -40&deg;C to 125&deg;C

File Size 204.25K  /  16 Page

View it Online

Download Datasheet

For 27v Found Datasheets File :: 56329    Search Time::1.719ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 27v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.20618891716