Part Number Hot Search : 
FU5410 2SD1376 AS2023 1MC04018 1200F JANTXV RL251 RJK0454
Product Description
Full Text Search
  27.145 Datasheet PDF File

For 27.145 Found Datasheets File :: 14084    Search Time::1.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    507-145-Z251FB 507-145-Z251FK 507-145-Z251EB 507-145-Z251EK 507-145-Z209EB 507-145-Z209EK 507-145-NF25HB 507-145-NF25HK

Glenair, Inc.
Part No. 507-145-Z251FB 507-145-Z251FK 507-145-Z251EB 507-145-Z251EK 507-145-Z209EB 507-145-Z209EK 507-145-NF25HB 507-145-NF25HK 507-145-NF21B 507-145-NF21EB 507-145-NF21EK 507-145-NF21FB 507-145-NF21FK 507-145-NF21HB 507-145-NF21HK 507-145-NF21K 507-145-NF09HB 507-145-NF09HK 507-145-M51FB 507-145-M51FK 507-145-M51-2HB 507-145-M51-2HK 507-145-J51HB 507-145-J51HK 507-145-J15EB 507-145-J15EK 507-145-E25B 507-145-E25EK 507-145-E25FB 507-145-E25FK 507-145-E25HB 507-145-E25HK 507-145-E25K 507-145-E21FB 507-145-E21FK 507-145-E15EB 507-145-E15EK 507-145-Z215HB 507-145-M25EB 507-145-Z225B 507-145-J51-2B 507-145-J51-2EB 507-145-J51-2EK 507-145-J51-2FB 507-145-J51-2FK 507-145-J51-2HB 507-145-J51-2HK 507-145-J51-2K 507-145-E51-2B 507-145-E51-2EB 507-145-E51-2EK 507-145-E51-2FB 507-145-E51-2FK 507-145-E51-2HB 507-145-E51-2HK 507-145-E51-2K 507-145-NF09EB 507-145-NF09EK 507-145-M31EB 507-145-M31EK 507-145-M15EB 507-145-M15EK 507-145-M51HB 507-145-M51HK 507-145-M15HB 507-145-M15HK 507-145-M31FB 507-145-M31FK 507-145-M51-2B 507-145-M51-2EB 507-145-M51-2EK 507-145-M51-2FB 507-145-M51-2FK 507-145-M51-2K 507-145-M25FB 507-145-M25FK 507-145-M25HB 507-145-M25HK 507-145-M21EB 507-145-M21EK 507-145-M21FB 507-145
OCR Text ...2.365 1.865 2.305 mm. 23.24 27.05 30.86 33.40 37.21 41.02 39.75 48.91 60.07 47.37 58.55 mm. 11.43 11.43 11.43 11.43 11.43 11.43 12.57 11.43 11.43 12.57 13.72 In. .010 .160 .190 .220 .260 .275 .285 .350 .285 .350 .350 .490 In...
Description Micro-D Backshells EMI Split Backshell, Round Cable Entry 507-145

File Size 75.88K  /  1 Page

View it Online

Download Datasheet





    S-145 S-145-12 S-145-15 S-145-24 S-145-27 S-145-48 S-145-5 S-145-7.5

Mean Well Enterprises Co., Ltd.
Part No. S-145 S-145-12 S-145-15 S-145-24 S-145-27 S-145-48 S-145-5 S-145-7.5
OCR Text ...p 21 ~ 28V 1.0% 0.5% 0.5% S-145-27 27V 5.3A 0 ~ 5.3A 143.1W 200mVp-p 24.5 ~ 29.5V 1.0% 0.5% 0.5% S-145-48 48V 3A 0 ~ 3A 144W 240mVp-p 43.2 ~ 52.8V 1.0% 0.5% 0.5% 0 ~ 25A(30A max.) 0 ~ 18A(21A max.) 0 ~ 12A(14A max.) 0 ~ 9.6A(11A max.) 0 ...
Description 145W Single Output Switching Power Supply

File Size 348.33K  /  2 Page

View it Online

Download Datasheet

    QBH-145

Spectrum Microwave, Inc.
Part No. QBH-145
OCR Text ...9.0 -43.1 15.7 40 -36.6 -147.3 -27.8 13.0 -44.2 163.2 -40.0 30.1 50 -31.5 -128.2 -26.9 13.0 30.0 -54.2 158.4 -39.1 70 -25.6 -126.9 -25.1 13.0 -70.8 148.8 -37.1 30.9 80 -23.7 -130.7 -24.3 13.0 -78.4 143.9 -36.3 31.3 90 -22.1 -134.7 -23.6 13....
Description RF AMPLIFIER

File Size 52.10K  /  1 Page

View it Online

Download Datasheet

    SAMTEC INC
Part No. SFM-145-L1-L-S SFM-145-L3-L-S SFM-107-L3-S-S SFM-107-03-L-S SFML35-T1-L-D
OCR Text ... .180 b (0,13) .005 typ a (1,27) .050 (1,59) .063 (1,27) .050 dia (1,65) .065 (1,59) .063 (1,41 x 0,25) .056 x .010 (1,27) .050 x no. of...145 (2,41) .095 ?01, ?l1, ?t1 lead style a b (3,05) .120 (1,91) .075 (0,51) .020 (0,41) .016 ?03...
Description 45 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
70 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET

File Size 731.50K  /  1 Page

View it Online

Download Datasheet

    DPC30-145

Superworld Electronics
Part No. DPC30-145
OCR Text ...ttern UNIT : mm (inch) WT. B 27.94 (1.100) (gram) 197.86 OPTIONAL BRACKET * NO. --MW --MD --- SIZE (VA) 4.4 L 41.28 (1.625) W 31.75 (1.250) H 34.93 (1.375) A-8 8 PIN 6.35 (0.250) 2. SCHEMATIC : 1 5 1 5 230V 2 PRI 3 6 7 ...
Description POWER TRANSFORMER

File Size 104.68K  /  1 Page

View it Online

Download Datasheet

    PC30-145

Superworld Electronics
Part No. PC30-145
OCR Text ...t * wt. (gram) 197.86 (1.100) b 27.94 --- no. mw --- md --- series connected 2 pri 115v 1 4 5 3 6 parallel connected 115v pri 2 1 4 6 5 3 eo eo a. primary voltage ac 115 v 60 hz . b. no load primary current less than 30ma . c. second...
Description POWER TRANSFORMER

File Size 103.64K  /  1 Page

View it Online

Download Datasheet

    SPA-1001-27

PREMIER DEVICES, INC.
Part No. SPA-1001-27
OCR Text 27 Features * * * * * Frequency Range 50 - 1000 MHz Low Cost Industry Standard SMT package Available in Tape-and -Reel 75 Ohms Characteris...145 240 335 430 525 620 715 810 905 1000 S21 S31 dB -25 -30 -35 -40 50 145 240 335 430 525 ...
Description SURFACE MOUNT 2-WAY SPLITTER

File Size 46.31K  /  1 Page

View it Online

Download Datasheet

    PLL600-27-37 PLL600-27SC PLL600-27TC P600-37SC PLL600-37SC PLL600-27SC-R PLL600-37SC-R PLL600-37TC P600-27SC

PhaseLink Corporation
Part No. PLL600-27-37 PLL600-27SC PLL600-27TC P600-37SC PLL600-37SC PLL600-27SC-R PLL600-37SC-R PLL600-37TC P600-27SC
OCR Text 27/-37 Ultra Low Current XO 10 MHz to 52 MHz FEATURES * * * * * * * * * * Low phase noise (-130 dBc @ 10kHz offset). CMOS output with O...145 CONDITIONS With capacitive decoupling between VDD and GND. 30MHz @100Hz offset 30MHz @1kHz o...
Description Ultra Low Current XO 10 MHz to 52 MHz
   Ultra Low Current XO 10 MHz to 52 MHz

File Size 177.02K  /  5 Page

View it Online

Download Datasheet

    MILL-MAX MFG CORP
Part No. 0679-0-15-80-30-27-10-0 0679-0-15-80-30-02-10-0 7065-0-15-80-30-02-10-0 7065-0-15-01-30-27-10-0 7065-0-15-01-30-84-10-0 7065-0-15-15-30-84-10-0 1065-0-15-80-30-27-10-0 1065-0-15-15-30-02-10-0
OCR Text ...10 ? gold over nickel (rohs) ? 27 30 ? gold over nickel (rohs) select contact #30 or #32 contact (data on pages 218 & 219) rohs 2002/95/ec
Description BERYLLIUM COPPER, GOLD (30) OVER NICKEL FINISH, PCB TERMINAL
BERYLLIUM COPPER ALLOY, TIN LEAD (100) OVER NICKEL FINISH, PCB TERMINAL
BERYLLIUM COPPER ALLOY, TIN (100) OVER NICKEL FINISH, PCB TERMINAL
BERYLLIUM COPPER, TIN (100) OVER NICKEL FINISH, PCB TERMINAL

File Size 84.97K  /  1 Page

View it Online

Download Datasheet

For 27.145 Found Datasheets File :: 14084    Search Time::1.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 27.145

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.5787019729614