Part Number Hot Search : 
Z5257B 10200 MB86298 TA78L12S W2040 STC1120 A1727 BL24C256
Product Description
Full Text Search
  25oc Datasheet PDF File

For 25oc Found Datasheets File :: 23990    Search Time::1.687ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AF4835P AF4835PS AF4835PSA AF4835PSL AF4835PSLA

ETC
ANACHIP[Anachip Corp]
Part No. AF4835P AF4835PS AF4835PSA AF4835PSL AF4835PSLA
OCR Text ...rain-Source Leakage Current (TJ=25oc) Drain-Source Leakage Current (TJ=70oC) Gate-Source Leakage Total Gate Charge (Note 3) Gate-Source Charge Gate-Drain ("Miller") Charge Turn-On Delay Time (Note 3) Rise Time Turn-Off Delay Time Fall-Time ...
Description P-Channel 30-V (D-S) MOSFET
P-Channel Enhancement Mode Power MOSFET

File Size 245.21K  /  6 Page

View it Online

Download Datasheet





    AME7106 AME7106A AME7106ACKW AME7106CPL AME7106R AME7106RCPL AME7106Y AME7107 AME7107A AME7107ACKW AME7107CPL AME7107R A

AME[Analog Microelectronics]
Part No. AME7106 AME7106A AME7106ACKW AME7106CPL AME7106R AME7106RCPL AME7106Y AME7107 AME7107A AME7107ACKW AME7107CPL AME7107R AME7107RCPL AME7107Y
OCR Text ...& AME7107 are specified at TA = 25oc, fclock = 48KHz. Supply voltage = 9V (V+ to V-) Parameter Zero Input Reading Ratiometric Reading Roll-Over Error (Difference in Reading for Equal Positive and Negative Reading Near Full-Scale) Linear...
Description 3-1/2 Digit A/D Converter High Accuracy, Low Power

File Size 1,365.67K  /  20 Page

View it Online

Download Datasheet

    BAT54C

RECTRON[Rectron Semiconductor]
Part No. BAT54C
OCR Text ...e Maximun Ratings per Diode (Ta=25oc) Dimensions SOTSOT-23 SOT-23 Items Reverse Voltage Power Dissipation * Forward Voltage @ If = 100mA Forward Current Junction Temp. Storage Temp. Symbol VR PTOT VF IF TJ TSTG Ratings 30 300 1...
Description DUAL SURFACE MOUNT SCHOTTKY

File Size 16.35K  /  1 Page

View it Online

Download Datasheet

    CD4043BMS CD4043BMSH CD4044BMS CD4044BMSH FN3311 CD4044

INTERSIL[Intersil Corporation]
Part No. CD4043BMS CD4043BMSH CD4044BMS CD4044BMSH FN3311 CD4044
OCR Text ...ature Range; - 100nA at 18V and 25oc * Noise Margin (Over Full Package Temperature Range): - 1V at VDD = 5V - 2V at VDD = 10V - 2.5V at VDD = 15V * Meets All Requirements of JEDEC Tentative Standard No. 13B, "Standard Specifications for Des...
Description Single 100Mbps Digital Isolator with Enable 8-SOIC -40 to 125
CMOS Quad Clocked “DLatch
R/S Latches, Tri-State, Quad, Rad-Hard, CMOS, Logic
CMOS Quad Clocked “D” Latch
From old datasheet system
CMOS Quad 3 State R/S Latches
CMOS Quad Clocked D Latch
CMOS Quad Clocked “D Latch

File Size 108.99K  /  10 Page

View it Online

Download Datasheet

    CLM1117 CLM1117M CLM1117M-X CLM1117M-10 CLM1117M-2.85 CLM1117M-3.3 CLM1117M-12 CLM1117M-5

Calogic LLC
CALOGIC[Calogic, LLC]
Part No. CLM1117 CLM1117M CLM1117M-X CLM1117M-10 CLM1117M-2.85 CLM1117M-3.3 CLM1117M-12 CLM1117M-5
OCR Text ...ACTERISTICS: VIN = VOUT+1, TA = 25oc, CL = 3.3f, unless otherwise noted. Boldface apply over full operating temperature range. PARAMETER TYP 2.85 2.85 2.85 3.0 3.0 3.30 3.30 5.0 5.0 Output Voltage Temperature Stability 1.00 1.00 1.00 1.00 ...
Description GIGATRUE 550 CAT6 PATCH 20 FT, NON BOOT, PURPLE 800mA的低压差稳压器的SCSI - 2有源终结
800mA Low Dropout Regulator SCSI-II Active Terminator

File Size 47.09K  /  4 Page

View it Online

Download Datasheet

    DCR806SG27 DCR806SG28 DCR806SG DCR806SG24 DCR806SG25 DCR806SG26

DYNEX[Dynex Semiconductor]
Part No. DCR806SG27 DCR806SG28 DCR806SG DCR806SG24 DCR806SG25 DCR806SG26
OCR Text ... source 30V, 15 tr = 0.5s, Tj = 25oc Repetitive 50Hz Non-repetitive Typ. Max. 50 1000 300 500 0.91 0.65 1.5 Units mA V/s A/s A/s V m s dI/dt Rate of rise of on-state current VT(TO) rT tgd Threshold voltage On-state slope resista...
Description Phase Control Thyristor

File Size 114.80K  /  8 Page

View it Online

Download Datasheet

    DCR818SG47 DCR818SG46 DCR818SG48 DCR818SG DCR818SG44 DCR818SG45

Dynex Semiconductor Ltd.
DYNEX[Dynex Semiconductor]
Part No. DCR818SG47 DCR818SG46 DCR818SG48 DCR818SG DCR818SG44 DCR818SG45
OCR Text ...ce 30V, 15 Rise time 0.5s, Tj = 25oc Tj = 25oc, VD = 5V, Gate source = 20V, 10 Tj = 25oc, Rg-k = Repetitive 50Hz Non-repetitive Typ. 100 60 Max. 50 1000 75 150 1.4 1.7 1.7 1000 500 Units mA V/s A/s A/s V m s mA mA s dI/dt Rate of ris...
Description Phase Control Thyristor

File Size 108.66K  /  8 Page

View it Online

Download Datasheet

For 25oc Found Datasheets File :: 23990    Search Time::1.687ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 25oc

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.2560510635376