Part Number Hot Search : 
HD74AC MMBT2 TL072CD R1600 IRLML64 DF78078 H1138T MUR210
Product Description
Full Text Search
  25lc160 Datasheet PDF File

For 25lc160 Found Datasheets File :: 7    Search Time::2.188ms    
Page :: | <1> |   

    25LC160-I_P 25LC160-I_SN 25LC160T-I_P 25LC160T-I_SN 25LC160T-E_SN 25AA160 25AA160-_P 25AA160-_SN 25AA160-E_P 25AA160-E_S

MICROCHIP[Microchip Technology]
Part No. 25lc160-I_P 25lc160-I_SN 25lc160T-I_P 25lc160T-I_SN 25lc160T-E_SN 25AA160 25AA160-_P 25AA160-_SN 25AA160-E_P 25AA160-E_SN 25AA160-I_P 25AA160-I_SN 25AA160T-_P 25AA160T-_SN 25AA160T-E_P 25AA160T-E_SN 25AA160T-I_P 25AA160T-I_SN 25C160 25C160-_P 25C160-_SN 25C160-E_P 25C160-E_SN 25C160-I_P 25C160-I_SN 25C160T-_P 25C160T-_SN 25C160T-E_P 25C160T-E_SN 25C160T-I_P 25C160T-I_SN 25lc160 25lc160-_P 25lc160-_SN 25lc160-E_P 25lc160-E_SN 25lc160T-_P 25lc160T-_SN 25lc160T-E_P 25AA160-I/P 25AA160-I/SN 25AA160/P 25AA160/SN 25AA160T-I/SN 25AA160T/SN 25C160-E/P 25C160-E/SN 25C160-I/P 25C160-I/SN 25C160/P 25C160T-I/SN 25lc160T-I/SN 25C160T-E/SN 25lc160-I/P 25lc160-I/SN 25lc160/P 25lc160/SN 25lc160T/SN
OCR Text 25lc160/25C160 16K SPITM Bus Serial EEPROM Device Selection Table Part Number 25AA160 25lc160 25C160 VCC Range 1.8-5.5V 2.5-5.5V 4.5-5.5V Max Clock Frequency 1 MHz 2 MHz 3 MHz Temp Ranges I I I,E Description: The Microchip Technology...
Description 16K SPI Bus Serial EEPROM
The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI™) ...
The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI™) ...
The 25lc160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI™) ...

File Size 213.15K  /  22 Page

View it Online

Download Datasheet





    Microchip
Part No. 25AA160 25C160 25lc160 25lc160T-ISN 25C160T-ISN 25AA160T-ISN 25C160T-ESN
OCR Text 25lc160 25C160 VCC Range 1.8 - 5.5V 2.5 - 5.5V 4.5 - 5.5V 25AA160/25lc160/25C160 DESCRIPTION Temp Ranges I I I,E The Microchip Technology Inc. 25AA160/25lc160/ 25C160 (25XX160*) are 16 Kbit Serial Electrically Erasable PROMs. The memor...
Description Power Source Selector for Dual-Battery Systems
Voltage-Positioning Evaluation Kit for the MAX1711
Evaluation Kit for the MAX1773
Evaluation Kit for the MAX1844
The 25lc160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI™) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI™) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data
The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI™) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat

File Size 200.85K  /  20 Page

View it Online

Download Datasheet

    25AA160-E/P 25C160-E/P 25LC160-E/P 25AA160-E/SN 25C160-E/SN 25LC160-E/SN 25LC160-/P 25LC160-/SN 25LC160-I/P 25LC160-I/SN

Microchip Technology
Part No. 25AA160-E/P 25C160-E/P 25lc160-E/P 25AA160-E/SN 25C160-E/SN 25lc160-E/SN 25lc160-/P 25lc160-/SN 25lc160-I/P 25lc160-I/SN 25lc160T-/P 25AA160T-/SN 25C160T-/SN 25lc160T-/SN 25C160-I/P 25AA160-I/SN 25C160-I/SN 25C160-/P 25C160-/SN 25AA160-/P 25lc160T-I/P 25C160T-I/P 25AA160T-I/SN 25C160T-I/SN 25lc160T-I/SN 25C160T-E/SN
OCR Text 25lc160/25C160 16K SPITM Bus Serial EEPROM Device Selection Table Part Number 25AA160 25lc160 25C160 VCC Range 1.8-5.5V 2.5-5.5V 4.5-5.5V Max Clock Frequency 1 MHz 2 MHz 3 MHz Temp Ranges I I I,E Description: The Microchip Technology...
Description 16K SPI Bus Serial EEPROM

File Size 217.52K  /  22 Page

View it Online

Download Datasheet

    Microchip Technology Inc.
Microchip Technology, Inc.
Part No. 25AA160T-/P 25C160T-/P 25C160T-E/P 25AA160T-E/P 25AA160T-/SN 25AA160-/SN 25C160-E/P
OCR Text 25lc160/25c160 device selection table features: ? low-power cmos technology: - write current: 3 ma maximum - read current: 500 a typical - standby current: 500 na typical  2048 x 8-bit organization  16 byte page  write cycle time: 5 ms ...
Description 16K SPI Bus Serial EEPROM 16K的SPI总线串行EEPROM

File Size 216.60K  /  22 Page

View it Online

Download Datasheet

    Microchip
Part No. 25AA160D-I/ST 25lc160D-I/MS 25lc160D-I/P 25AA160D-I/SN 25AA160DT-I/MS 25lc160D-I/MNY 25lc160D-I/SN 25AA160D-I/P 25AA160DT-I/SN 25AA160DT-E/SN 25AA160DT-E/MS 25AA160DT-I/MNY 25AA160C-I/MNY 25lc160C-E/MNY 25lc160C-E/MS 25AA160C-I/ST 25AA160C-I/P 25AA160C-I/MS 25lc160C-H/SN 25AA160D-E/MS 25lc160DT-E/MNY 25lc160DT-E/MS 25lc160DT-E/SN 25lc160DT-E/SN16KVAO 25lc160DT-E/ST16KVAO 25lc160DT-H/SN
OCR Text 25lc160/25c160 device selection table features: low-power cmos technology: - write current: 3 ma maximum - read current: 500 ? a typical - standby current: 500 na typical 2048 x 8-bit organization 16 byte page write cycle time: 5 ms max...
Description Memory

File Size 258.69K  /  22 Page

View it Online

Download Datasheet

    24LC160-IP 24LC160-ISN 24LC160-P 24LC160-SN 25LC160 24LC080-IP 24LC080-ISN 24LC080-P 24LC080-SN 24LC16 25LC080 25LC160T-

Microchip Technology, Inc.
Microchip Technology Inc.
MicrochipTechnology
MICROCHIP[Microchip Technology]
Part No. 24LC160-IP 24LC160-ISN 24LC160-P 24LC160-SN 25lc160 24LC080-IP 24LC080-ISN 24LC080-P 24LC080-SN 24LC16 25LC080 25lc160T-IP 25lc160T-P 25lc160T-SN 25LC080T-IP 25LC080T-P
OCR Text ... x 8 for 25LC080 - 2048 x 8 for 25lc160 * 16 Byte Page * Sequential Read * Self-timed ERASE and WRITE Cycles * Block Write Protection - Protect none, 1/4, 1/2, or all of Array * Built-in Write Protection - Power On/Off Data Protection Circu...
Description 8K,16K 2.5V SPI bus EEPROM
8K/16K 2.5V SPI O Bus Serial EEPROM 8K/16K O总线.5V的SPI串行EEPROM
8K/16K2.5VSPIOBusSerialEEPROM

File Size 81.71K  /  12 Page

View it Online

Download Datasheet

For 25lc160 Found Datasheets File :: 7    Search Time::2.188ms    
Page :: | <1> |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 25lc160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.78440403938293