Part Number Hot Search : 
WCSMC H838600R MAC15AFP 3120A FAN3223 BC338 ZSPM9015 JANTXV
Product Description
Full Text Search
  24-lead Datasheet PDF File

For 24-lead Found Datasheets File :: 92322    Search Time::2.265ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    POWER-ONE INC
Part No. 40IMX7-24-24-8G 110IMX7-05-8Z
OCR Text ...0 ? 150 84 110imx7-15-15-8 z, g 24 0.13 24 0.13 6.2 8.4 ? 36 84 20imx7-24-24-8 z, g 24 0.13 24 0.13 7.2 16.8 ? 75 3 84 40imx7-24-24-8 z, g 2...lead lenght of 0.1 m, leads twisted. double output units with both outputs in parallel. 70/110 imx7 ...
Description 2-OUTPUT 7.2 W DC-DC REG PWR SUPPLY MODULE
1-OUTPUT 6.1 W DC-DC REG PWR SUPPLY MODULE

File Size 319.42K  /  14 Page

View it Online

Download Datasheet





    3M ELECTRONIC PRODUCTS DIVISION
Part No. 929850-01-24-30 929852-01-02-30 929974-01-23-30 929850-01-02-10 929850-01-26-10
OCR Text ...50 [ 12.70 ] 06 06 12 0.60 [ 15.24 ] 07 07 14 0.70 [ 17.78 ] 08 08 16 0.80 [ 20.32 ] 09 09 18 0.90 [ 22.86 ] 10 10 20 1.00 [ 25.40 ] 11 11 2...lead contact quantity code see table. gold plating thickness on wiping area: 10 = 10 m [ 0.25 m ...
Description 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
23 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
26 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET

File Size 31.75K  /  2 Page

View it Online

Download Datasheet

    ARIES ELECTRONICS INC
Part No. 24-C212-11H 24-C182-10H 24-C182-11T
OCR Text ...g" dim. "h" 14 14-c280-xx .950 [24.10] .600 [15.24] .300 [7.62] .400 [10.16] .770 [19.56] 1.300 [33.02] .490 [12.45] .280 [7.11] 14 14-c195-xx .950 [24.10] .600 [15.24] .300 [7.62] .400 [10.16] .770 [19.56] 1.300 [33.02] .450 [11.43] .194 [...
Description DIP24, IC SOCKET

File Size 166.35K  /  1 Page

View it Online

Download Datasheet

    109-330-01-24 109-000-04-50 109-000-04-51 109-000-04-52 109-000-04-53 109-000-04-54 109-000-20-50 109-000-20-51 109-000-

Marl International Limited
MARL INTERNATIONAL LTD
Part No. 109-330-01-24 109-000-04-50 109-000-04-51 109-000-04-52 109-000-04-53 109-000-04-54 109-000-20-50 109-000-20-51 109-000-20-52 109-000-20-53 109-311-04-24 109-000-01-50 109-314-04-24 109-314-04-26 109-381-20 109-314-01-24 109-314-01-50 109-314-01-51 109-330-04-24 109-330-01 109-330-04 109-330-13 109-332-04 109-332-13 109-305-01 109-305-01-24 109-305-04 109-320-04-50 109-383-20 109-305-04-24 109-000-02-50 109-000-13-50 109-000-01-58 109-000-01-53 109-000-01-54 109-000-01-57 109-000-01-51 109-000-04-61 109-000-04-58 109-000-04-63 109-382-20 109-000-04-60 109-000-04-62 109-000-04-65 109-000-04-66 109-301-04 109-311-01-24 109-000-04-56 109-000-04-57 109-305-13
OCR Text ... to the end of the part number:-24 = 3mm -26 = 5mm (E.g 109-305-04-26) Other non-standard lead lengths are available on request. Bi-colour 2 Pin Operation T o acheive the second colour for a 2 pin Bi-colour unit the supply must be rev...
Description T-1 SINGLE COLOR LED ARRAY, GREEN OVER YELLOW, 3 mm
PCB MOUNTING LEDs - 篓陋 3mm
PCB MOUNTING LEDs - ? 3mm
PCB MOUNTING LEDs - ? 3mm
T-1 SINGLE COLOR LED ARRAY, RED, 3 mm
T-1 SINGLE COLOR LED ARRAY, YELLOW OVER GREEN, 3 mm
T-1 SINGLE COLOR LED ARRAY, YELLOW OVER BLUE, 3 mm
T-1 SINGLE COLOR LED ARRAY, RED OVER YELLOW, 3 mm
T-1 SINGLE COLOR LED ARRAY, YELLOW OVER RED, 3 mm
T-1 SINGLE COLOR LED ARRAY, GREEN OVER RED, 3 mm
T-1 SINGLE COLOR LED ARRAY, GREEN, 3 mm

File Size 213.57K  /  3 Page

View it Online

Download Datasheet

    ARIES ELECTRONICS INC
Part No. ARIESELECTRONICSINC-24-4518-102T 20-3518-102T
OCR Text ...0 400 [10 16] 500 [12 70] 20 22 24 c 3 .300 [7.62] .400 [10.16] 24, 28 .600 [15.24] .700 [17.78] 24, 28, 32, 40 style b (2 rib) no. of pins ...lead shell 1=gold collet/gold shell solder tail pin row-to-row spacing: 3: ?y?=.300 [7.62] 4: ?y?=.4...
Description DIP20, IC SOCKET

File Size 214.69K  /  1 Page

View it Online

Download Datasheet

    1107254-24 1107254-40

Aries Electronics, Inc.
ARIES ELECTRONICS INC
Part No. 1107254-24 1107254-40
OCR Text ... the pcb is drilled on .600 [15.24] centers and vice-versa, giving the flexibility of using .600 [15.24] or .300 [7.62] center devices in th...lead per astm b545 or over 200 [5.08 m] min. tin per astm b545 type 1 over 100 [2.54m] nickel per s...
Description 24 PIN ADAPT SOCKET .600 TO .300 DIP24, IC SOCKET
DIP40, IC SOCKET

File Size 337.37K  /  1 Page

View it Online

Download Datasheet

    Altera, Corp.
AlteraCorporation
ALTERA[Altera Corporation]
Part No. 24-CERDIP
OCR Text 24-Pin Ceramic Dual In-Line Package (CerDIP) All dimensions and tolerances conform to ANSI Y14.5M - 1994. Controlling dimension is in in...Lead Material Lead Finish JEDEC Outline JEDEC Option Weight Moisture Sensitivity Level D CerDIP Allo...
Description 24-Pin Ceramic Dual In-Line Package (CerDIP) 24引脚陶瓷双列直插封装(CerDIP
24-PinCeramicDualIn-LinePackage(CerDIP)

File Size 22.85K  /  1 Page

View it Online

Download Datasheet

    AD815ARB-24 AD815ARB-24-REEL AD815AVR AD815AY AD815AYS AD815 AD815-EB AD815AV

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD815ARB-24 AD815ARB-24-REEL AD815AVR AD815AY AD815AYS AD815 AD815-EB AD815AV
OCR Text ... NO CONNECT REFER TO PAGE 3 FOR 24-lead SOIC PACKAGE NC NC NC NC +IN2 -IN2 OUT2 +VS -VS OUT1 -IN1 +IN1 NC NC NC AD815 coupling transformer with a greater than 1:1 turns ratio. The low harmonic distortion of -66 dB @ 1 MHz into 200 co...
Description 18V; 20mA; high output current differential driver. For ADSL, HDLS and VDSL line interface driver, coil or transformer driver
ER 3C 3#12 SKT RECP LINE DRIVER, PDSO24

File Size 333.26K  /  16 Page

View it Online

Download Datasheet

    聚兴科技股份有限公司
ATMEL CORP
Part No. ATZB-24-A2 ATXMEGA128A4 ATXMEGA32A4-AUR
OCR Text ... TWI T/C0 TWI 10 11 24 23 SPI Port C Port D SPI Port E 12 13 14 15 16 17 18 19 20 21 PD1 PC2 PC3 PC4 PC5 PC6 PC7 GND VCC PD0 Notes: 1. For full detail...
Description 8/16-bit XMEGA A4 Microcontroller
16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP44

File Size 3,764.22K  /  108 Page

View it Online

Download Datasheet

    http://
POWER-ONE[Power-One]
Part No. OVP-24 OVP-12
OCR Text ...A CP510-A (1) OVP-12 (1) OVP-24 (1) OVP-12 protects both outputs (1) OVP-24 protects both outputs (1) OVP-12 protects both 12V through 15...lead solder exemption compliance, no RoHS suffix character is required to be added to the part numbe...
Description Linear Power Supplies

File Size 826.71K  /  9 Page

View it Online

Download Datasheet

For 24-lead Found Datasheets File :: 92322    Search Time::2.265ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 24-lead

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7329688072205