Part Number Hot Search : 
C2405 2N335 774EPA KMB110S LM78M05 CS126 ASM3P2 CDP0815
Product Description
Full Text Search
  23.9 Datasheet PDF File

For 23.9 Found Datasheets File :: 170627    Search Time::3.968ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TX34-23-8.9 TX34/8.9-H2-A101 TX34/8.9-M2-A101 TX34/8.9-M2-A109 TX34/8.9-S7-A16 TX34/8.9-S7-A57 TX34/8.9-H2-A93 TX34/8.9-

Ferroxcube International Holding B.V.
Part No. TX34-23-8.9 TX34/8.9-H2-A101 TX34/8.9-M2-A101 TX34/8.9-M2-A109 TX34/8.9-S7-A16 TX34/8.9-S7-A57 TX34/8.9-H2-A93 TX34/8.9-H2-A16 TX34/8.9-H2-A38 TX34/8.9-H2-A79 TX34/8.9-M2-A16 TX34/8.9-M2-A126 TX34/8.9-S7-A47 TX34/8.9-M2-A38 TX34/8.9-S7-A38 TX34/8.9-M2-A190 TX34/8.9-M2-A79 TX34/8.9-M2-A9 TX34/8.9-M2-A93 TX34/8.9-S7-A79 TX34/23/8.9
OCR Text 23/8.9 Alloy powder toroids New data 2008 Sep 01 Ferroxcube Alloy powder toroids RING CORES (TOROIDS) Effective core parameters SYMBOL (I/A) Ve Ie Ae m PARAMETER core factor (C1) effective volume effective length effective area mass...
Description Alloy powder toroids

File Size 35.69K  /  3 Page

View it Online

Download Datasheet





    Amphenol, Corp.
AMPHENOL CORP
Part No. LJT06RT-23-55PA155 LJT06RT-15-15PC155 LJT06RT-23-1PA155 LJT06RT-25-1PA155 AMPHENOLCORP-LJT06RT-13-8PD155 LJT06RT-25-4PD155 LJT06RT-17-6SA155 LJT06RT-17-2PC155 LJT06RT-11-2PD155
OCR Text ...1 .209 .078 +.000 ?.004 .141 12 23 17 42 20 85 12 .100 .002 .209 .116 +.004 ?.002 .141 10 (power) 33 na 33 na na 10 (power) .137 .002 .355 n...9-3 x 8-6 x x p p m6 6 9-6 x x p p m7 7 9-7 x i2 2 9-22 x 8-35 x p p m66 9-35 x p p 8-44 x p p m4 4 ...
Description 55 CONTACT(S), STAINLESS STEEL, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
15 CONTACT(S), STAINLESS STEEL, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
100 CONTACT(S), STAINLESS STEEL, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
128 CONTACT(S), STAINLESS STEEL, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
56 CONTACT(S), STAINLESS STEEL, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
6 CONTACT(S), STAINLESS STEEL, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG
39 CONTACT(S), STAINLESS STEEL, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
2 CONTACT(S), STAINLESS STEEL, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG

File Size 2,960.54K  /  17 Page

View it Online

Download Datasheet

    W40S11-23 S11-23 W40S11

Cypress Semiconductor Corp.
CYPRESS[Cypress Semiconductor]
Part No. W40S11-23 S11-23 W40S11
OCR Text 23 Clock Buffer/Driver Features * Thirteen skew-controlled CMOS clock outputs (SDRAM0:12) * Supports three SDRAM DIMMs * Ideal for high...9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 VDD SDRAM11 SDRAM10 GND VDD SDRAM9 SDRAM8...
Description Clock Buffer/Driver(时钟缓冲驱动
From old datasheet system

File Size 122.96K  /  9 Page

View it Online

Download Datasheet

    VNA-23

MINI[Mini-Circuits]
Part No. VNA-23
OCR Text 23 Maximum Ratings Operating Temperature Storage Temperature DC Voltage Power Input Power (no damage) * * * * * * * 3V & 5V operat...9 14.6 14.6 17.6 17.1 15.9 13.9 4.7 4.7 1.5 1.3 1.5 1.5 15-20 14-21 *VSWR above .75 GHz ...
Description .: -25C to 70C/40C to 70C, Low Ripple & Noise, High Efficiency up to 76%,Single & Dual Ouputs, Regulated, Switching
High Directivity Monolithic Amplifier 50OHM 0.5 to 2.5 GHz

File Size 135.65K  /  1 Page

View it Online

Download Datasheet

    Winchester Electronics Corporation
Winchester Electronics ...
Part No. 276-25-23 276-27-06 276-27-06-792 276-25-24 276-25-46-4989 276-27-09 276-27-10 276-27-07 276-50-47-4989 276-27-35 276-27-36 276-27-37 276-27-38 276-27-20-4857 276-27-19-5218 276-27-19-4874 276-30-29 2762706792
OCR Text ...ru 45 47, 48, 51, 52 42 9,19,22,23,26,27 6 34,46, 49,50,53,54 6 .634 [16.10] 276-27-37 3 thru 10 14 thru 21 30 thru 37 41 thru 48 32 1, 2, 11, 12, 13, 22 thru 27 11 28,29, 38, 39, 40 49 thru 54 11 .634 [16.10] 276-27-36 2 thru 9 11 thru ...
Description C-PRESS EDGE CARD ASSENBLY
.125 X .125 GRID

File Size 129.34K  /  2 Page

View it Online

Download Datasheet

    江苏长电科技股份有限公司
姹???跨?绉???′唤??????
Part No. BZX84C2V4-SOT-23 BZX84C39
OCR Text ... j l top view m b c h g d k sot-23 dim min max a 0.37 0.51 b 1.19 1.40 c 2.10 2.50 d 0.89 1.05 e 0.45 0.61 g 1.78 2.05 h 2.65 3.05 j 0.013 0...9 5.0 100 600 1.0 20 1.0 -3.5 0 bzx84c3v0 z13/kzd 3.0 2.8 3.2 5.0 95 600 1.0 10 1.0 -3.5 0 bzx84c3v3...
Description Plastic-Encapsulate Diode

File Size 63.26K  /  3 Page

View it Online

Download Datasheet

    江苏长电科技股份有限公司
Part No. MC2838-SOT-23
OCR Text ... sot - 23 plastic - encapsulate diodes mc2838 switching diode features power di...9 1 1.2 v diode capacitance c d v r = 0v f=1mhz 4 pf reverse recovery time...
Description SWITCHING DIODE

File Size 117.54K  /  2 Page

View it Online

Download Datasheet

    ICS843001I-23 ICS843001AGI-23 ICS843001AGI-23T ICS843001AGI-23LF ICS843001AGI-23LFT

Integrated Circuit Systems
Part No. ICS843001I-23 ICS843001AGI-23 ICS843001AGI-23T ICS843001AGI-23LF ICS843001AGI-23LFT
OCR Text 23 www.icst.com/products/hiperclocks.html rev. b january 6, 2006 1 integrated circuit systems, inc. ics843001i-23 f emto c locks ? c ryst...9 10 11 12 ref_out v ee oe_ref m2 m1 m0 mr sel1 sel0 clk xtal_in0 xtal_out0 24 23 22 21 20 19 18 17 ...
Description FEMTOCLOCKSCRYSTAL-TO-3.3V LVPECL/LVCMOS FREQUENCY SYNTHESIZER

File Size 185.62K  /  15 Page

View it Online

Download Datasheet

    22-23-2191 A-6373-19A102 0022232191

Molex Electronics Ltd.
Part No. 22-23-2191 A-6373-19A102 0022232191
OCR Text ... eng number void ckt 2 22-23-2021 a-6373-02a102 9 22-04-5094 a-6373-09a102-4 4 11 22-04-5117 a-6373-11a102-7 7 07 22-04-5076 a-6373-07a102-2 2 3 22-23-2031 a-6373-03a102 9 22-04-5096 a-6373-09a102-6 6 06 22-04-5063 a-6...
Description 2.54mm (.100) Pitch KK? Solid Header, Vertical, with Friction Lock, 19 Circuits, Tin (Sn) Plating

File Size 294.45K  /  17 Page

View it Online

Download Datasheet

For 23.9 Found Datasheets File :: 170627    Search Time::3.968ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 23.9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.2105040550232