Part Number Hot Search : 
HMC51 ADG409 AD9712 22100 P10N60 J100590 PCU9955 25V10
Product Description
Full Text Search
  22-ohm Datasheet PDF File

For 22-ohm Found Datasheets File :: 31001    Search Time::1.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD5235 AD5235BRU25 AD5235BRU250

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5235 AD5235BRU25 AD5235BRU250
OCR Text ... to +5V Single Supply Operation 2.5V Dual Supply Operation 30 bytes of general purpose nonvolatile memory APPLICATIONS Mechanical Potentiometer Replacement Instrumentation: Gain, Offset Adjustment Programmable Voltage to Current Conversion ...
Description Audio digital potentiometers DUAL 250K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, PDSO16
Nonvolatile Memory/ Dual 1024 Position Digital Potentiometers
RES MF 1/8W 160K 1% 2PPM
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers

File Size 100.47K  /  10 Page

View it Online

Download Datasheet





    BCM3440

ETC
Part No. BCM3440
OCR Text ...* 3.3V operation * 48-pin TQFP 2 * Designed to work with the BCM4500 and BCM4201 satellite receivers * Operates across entire satellite L-band frequency range * Extremely low phase noise for operation with 8PSK modulation systems * High...
Description DIRECT CONVERSION SATELLITE TUNER

File Size 104.65K  /  2 Page

View it Online

Download Datasheet

    C67070-A2701-A67 050B17N2 BSM50GB170DN2

SIEMENS AG
SIEMENS[Siemens Semiconductor Group]
Part No. C67070-A2701-A67 050B17N2 BSM50GB170DN2
OCR Text ...(th) 4.8 5.5 3.4 4.6 0.4 1.6 6.2 3.9 5.3 V VGE = VCE, IC = 4 mA Collector-emitter saturation voltage VCE(sat) - VGE = 15 V, IC = 50 A, Tj = 25 C VGE = 15 V, IC = 50 A, Tj = 125 C Zero gate voltage collector current ICES ...
Description IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate) IGBT功率模块(半桥包括快速续流二极管的绝缘金属基片包
From old datasheet system

File Size 111.79K  /  9 Page

View it Online

Download Datasheet

    CPV364M4K

IRF[International Rectifier]
Part No. CPV364M4K
OCR Text ...e space is at a premium. IMS-2 Absolute Maximum Ratings Parameter VCES IC @ TC = 25C IC @ TC = 100C ICM ILM tsc VGE VISOL PD @ TC = 25C PD @ TC = 100C TJ TSTG Collector-to-Emitter Voltage Continuous Collector Current Continuous Coll...
Description IGBT SIP MODULE

File Size 269.79K  /  10 Page

View it Online

Download Datasheet

    FDS6680S

FAIRCHILD[Fairchild Semiconductor]
Part No. FDS6680S
OCR Text ... * D D D D 5 6 4 3 2 1 SO-8 S S S G 7 8 Absolute Maximum Ratings Symbol VDSS VGSS ID PD Drain-Source Voltage Gate-Source Voltage Drain Current - Continuous - Pulsed TA=25 C unless otherwise noted o ...
Description 30V N-Channel PowerTrench SyncFET⑩

File Size 220.76K  /  9 Page

View it Online

Download Datasheet

    GA100TS120U

IRF[International Rectifier]
Part No. GA100TS120U
OCR Text ... VCES = 1200V VCE(on) typ. = 2.4V @VGE = 15V, IC = 100A Benefits * Increased operating efficiency * Direct mounting to heatsink * Performance optimized for power conversion: UPS, SMPS, Welding * Lower EMI, requires less snubbing ...
Description    HALF-BRIDGE IGBT INT-A-PAK
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package

File Size 268.82K  /  10 Page

View it Online

Download Datasheet

    GA125TS120U

IRF[International Rectifier]
Part No. GA125TS120U
OCR Text ... VCES = 1200V VCE(on) typ. = 2.2V @VGE = 15V, IC = 125A Benefits * Increased operating efficiency * Direct mounting to heatsink * Performance optimized for power conversion: UPS, SMPS, Welding * Lower EMI, requires less snubbing ...
Description 1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package
HALF-BRIDGE IGBT INT-A-PAK

File Size 220.37K  /  10 Page

View it Online

Download Datasheet

    GA50TS120U

IRF[International Rectifier]
Part No. GA50TS120U
OCR Text ... VCES = 1200V VCE(on) typ. = 2.4V @VGE = 15V, IC = 50A Benefits * Increased operating efficiency * Direct mounting to heatsink * Performance optimized for power conversion: UPS, SMPS, Welding * Lower EMI, requires less snubbing A...
Description    HALF-BRIDGE IGBT INT-A-PAK
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package

File Size 208.85K  /  10 Page

View it Online

Download Datasheet

    GA75TS120U GA75TS120UPBF

IRF[International Rectifier]
Part No. GA75TS120U GA75TS120UPBF
OCR Text ... VCES = 1200V VCE(on) typ. = 2.1V @VGE = 15V, IC = 75A Benefits * Increased operating efficiency * Direct mounting to heatsink * Performance optimized for power conversion: UPS, SMPS, Welding * Lower EMI, requires less snubbing A...
Description    Ultra-FastTM Speed IGBT
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package
75 A, 1200 V, N-CHANNEL IGBT

File Size 255.15K  /  10 Page

View it Online

Download Datasheet

    IRF234 IRF235 IRF236 IRF237

HARRIS SEMICONDUCTOR
INTERSIL[Intersil Corporation]
Intersil, Corp.
Part No. IRF234 IRF235 IRF236 IRF237
OCR Text ... DRAIN (FLANGE) SOURCE (PIN 2) GATE (PIN 1) CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures. Copyright (c) Harris Corporation 1997 File Number 2208.3 5-1...
Description 8.1A and 6.5A/ 275V and 250V/ 0.45 and 0.68 Ohm/ N-Channel Power MOSFETs
8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs 6.5 A, 275 V, 0.68 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA

File Size 68.51K  /  7 Page

View it Online

Download Datasheet

For 22-ohm Found Datasheets File :: 31001    Search Time::1.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 22-ohm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3208301067352