|
|
|
SAMTEC INC
|
Part No. |
SAMTECINC-MW-13-03-G-D-245-100 MW-19-03-G-D-235-125 MW-39-03-G-D-095-075 MW-18-03-G-D-235-065 MW-18-03-G-D-235-100 MW-05-03-G-D-095-125 MW-16-03-G-D-095-160 MW-38-03-G-D-150-065 MW-22-03-G-D-185-065
|
OCR Text |
... post height (1,65) .065 min (5,21) .205 (1,49) .059 (1,80) .071 (0,30) .012 sq typ (3,18) .125 (5,08) .200 x (3,18) .125 02 01 100 99 stac...245 example: ?245 = (6,22mm) .245" ?g = 10" (0,25m) gold plating option 03 option ??xxx? = post ... |
Description |
38 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT 78 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT 36 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT 10 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT 32 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT 76 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT 44 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT
|
File Size |
922.06K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
TDK[TDK Electronics]
|
Part No. |
CXAM10A CXA-M10A-L CXA-M10L-L CXA-M10M-L
|
OCR Text |
...4.5 4 4 23 1000 -- typ. 10 10 0.21 28 1200 -- 6 6 0.14 31 1200 -- 5 5 0.12 28 1200 -- 5 5 5 5 0.21 28 1200 -- max. 11 12 0.33 33 -- 6 6.4 7 ...245% 245% 245% 245% 245% 241% 245% 245% 245% 245% 245% 241% 245% 245% 245% 245% 245% 241% 241% 245% ... |
Description |
On-board type, Non-dimming, 6W, For 1 and 2 bulbs
|
File Size |
46.62K /
4 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|