Part Number Hot Search : 
SC604A 1N5352 74LV02DB C5886A SF106 1N5225 1N5225 RF1211C
Product Description
Full Text Search
  20bit Datasheet PDF File

For 20bit Found Datasheets File :: 243    Search Time::2.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AK4121

AKM
Asahi Kasei Microsystems
Part No. AK4121
OCR Text ...DD=3.03.6V; TVDD=3.0~5.5V; data=20bit; measurement bandwidth=20Hz~FSO/2; unless otherwise specified.) Parameter Symbol min typ max Resolution 20 Input Sample Rate FSI 8 96 Output Sample Rate FSO 32 96 Dynamic Range (Input= 1kHz, -60dBFS, No...
Description 20-bit Asynchronous Sample-Rate Converter 96KHz
ASYNCHRONOUS SAMPLE RATE CONVERTER

File Size 192.82K  /  19 Page

View it Online

Download Datasheet





    MC145074D MC145074

Motorola, Inc
Motorola Mobility Holdings, Inc.
Part No. MC145074D MC145074
OCR Text ... operation ? accepts 16, 18, or 20bit data words ? dual/single pin data input modes ? programmable wclk divider ? operating temperature range: 40 to + 85 c ? low power consumption: 40 mw typical ? companion to mc145076 stereo audio fir sm...
Description    Stero Audio Sigma-Delta Digital-to-Analog Converter
Simple -48V Hot Swap Controller with Enable 8-MSOP -40 to 85 PARALLEL, WORD INPUT LOADING, 20-BIT DAC, PDSO16

File Size 182.98K  /  14 Page

View it Online

Download Datasheet

    http://
Part No. AKD4523
OCR Text ...ial i/o interface clock divider 20bit stereo ds adc & dac ak4523 asahi kasei [ak4523] m0021-e-03 1999/12 - 2 - n ordering guide ak4523vf -40 ~ +85 c 28pin vsop (0.65mm pitch) akd4523 evaluation board for ak4523 n pin layout agnd ...
Description 20bit STEREO ADC & DAC

File Size 163.10K  /  20 Page

View it Online

Download Datasheet

    AK5352 AK5352-VF AKD5352 AKD5351

AKM[Asahi Kasei Microsystems]
Part No. AK5352 AK5352-VF AKD5352 AKD5351
OCR Text 20bit ADC GENERAL DESCRIPTION The AK5352 is a 20-bit, 96kHz sampling rate for DAT and DVD, 64x oversampling rate(64fs), 2-channel A/D converter for stereo digital systems. The modulator in the AK5352 uses the new developed Enhanced Dual b...
Description Sampling 20 bit ADC
96kHz Sampling 20bit ADC
96kHz Sampling ## 20bit ADC

File Size 173.20K  /  19 Page

View it Online

Download Datasheet

    AK5354 AK5354VT AKD5354

AKM[Asahi Kasei Microsystems]
Asahi Kasei Microsystems Co.,Ltd
Asahi Kasei Microsystem...
Part No. AK5354 AK5354VT AKD5354
OCR Text 20bit ADC with PGA FEATURES The AK5354 is a low voltage 20bit A/D converter for digital audio system. The AK5354 also includes Analog input PGA, therefore is suitable for microphone application and etc. As digital power supply of the AK53...
Description    LOW POWER 20 BIT ADC WITH PGA
Low Power 20bit ## ADC with PGA
Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:16-35 RoHS Compliant: No
Lowe Power 20bit ΔΣ ADC with PGA(带可编程增益放大器的低电0位ΔΣA/D转换

File Size 107.86K  /  19 Page

View it Online

Download Datasheet

    YSS915

YAMAHA CORPORATION
ETC
Part No. YSS915
OCR Text ...l multiplier-accumulator become 20bit*13bit=24bit therefore overall bit accuracy become improved from 18bit(YSS903) to 20bit(YSS915). In through-mode which internal DSP is not used for processing the accuracy of input data is maintained to ...
Description Karaoke Processor 2 for Video disc player

File Size 819.56K  /  32 Page

View it Online

Download Datasheet

    Asahi Kasei Microsystems Co.,Ltd
Part No. AK5351-VF
OCR Text ... enhanced dual bit ds 20bit adc general description the ak5351 is a 20-bit, 64x oversampling rate(64fs), 2-channel a/d converter for stereo digital systems. the ds modulator in the ak5351 uses the new developed enhanced dual bit...
Description Circular Connector; No. of Contacts:26; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:16-26 RoHS Compliant: No

File Size 177.00K  /  19 Page

View it Online

Download Datasheet

    Electronic Theatre Controls, Inc.
Part No. YSS915
OCR Text ...l multiplier-accumulator become 20bit*13bit=24bit therefore overall bit accuracy become improved from 18bit(yss903) to 20bit(yss915). in through-mode which internal dsp is not used for processing the accuracy of input data is maintained to ...
Description Karaoke Processor 2 for Video disc player

File Size 826.63K  /  32 Page

View it Online

Download Datasheet

    Asahi Kasei Microsystems Co.,Ltd
Part No. AK4523 AK4523VF
OCR Text ...ial i/o interface clock divider 20bit stereo ds adc & dac ak4523 asahi kasei [ak4523] m0021-e-03 1999/12 - 2 - n ordering guide ak4523vf -40 ~ +85 c 28pin vsop (0.65mm pitch) akd4523 evaluation board for ak4523 n pin layout agnd ...
Description 20bit STEREO ADC & DAC

File Size 163.10K  /  20 Page

View it Online

Download Datasheet

For 20bit Found Datasheets File :: 243    Search Time::2.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 20bit

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.2200310230255