Part Number Hot Search : 
U1897 7BZXC CAP3540B BAT54TW PE9647 MTZJ22 24S10 CDB61880
Product Description
Full Text Search
  20amp Datasheet PDF File

For 20amp Found Datasheets File :: 379    Search Time::1.062ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CD5356B CD5364B CD5349B CD5339B CD5345B CD5360B CD5361B CD5362B CD5363B CD5365B CD5366B CD5367B CD5368B CD5369B CD5370B

MICROSEMI CORP-LAWRENCE
CDI-DIODE[Compensated Deuices Incorporated]
Compensated Devices Incorporated
Part No. CD5356B CD5364B CD5349B CD5339B CD5345B CD5360B CD5361B CD5362B CD5363B CD5365B CD5366B CD5367B CD5368B CD5369B CD5370B CD5371B CD5372B CD5373B CD5374B CD5375B CD5376B CD5377B CD5378B CD5379B CD5333B CD5334B CD5335B CD5336B CD5337B CD5338B CD5340B CD5341B CD5342B CD5343B CD5344B CD5346B CD5347B CD5348B CD5350B CD5351B CD5352B CD5353B CD5354B CD5355B CD5357B CD5358B CD5359B CD5334 CD5339A D5337A CD5350A CD5350 CD5370 CD5333
OCR Text ...3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82...0Amp = 1.5 Volts maximum 10 5 2 1 .5 .2 1 2 5 10 20 50 100 200 OPERATI...
Description surface mount silicon Zener diodes
4.7 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5.6 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
3.6 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
ZENER DIODE CHIPS
13 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
56 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
3.3 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE

File Size 81.71K  /  2 Page

View it Online

Download Datasheet





    HSMA4004 HSMA4007 HSMA4005 HSMA4001 HSMA4003 HSMA4006 HSMA4002

HSMC[Hi-Sincerity Mocroelectronics]
HI-SINCERITY MICROELECTRONICS, CORP.
HSMC CORP.
Part No. HSMA4004 HSMA4007 HSMA4005 HSMA4001 HSMA4003 HSMA4006 HSMA4002
OCR Text ...ical Junction Capacitance (Note 2) 12 pF Operating Temperature Range Tj -55 to +150 C Storage Temperature Range Tstg -55 to +150 C Note1: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A Note2: Measured at 1 MHz and Applied VR=...
Description 1.0AMP.SURFACE MOUNT RECTIFIERS 1.0AMP.SURFACE贴装二极

File Size 36.84K  /  3 Page

View it Online

Download Datasheet

    OM7815SM OM7812SM OM7805SM

List of Unclassifed Manufacturers
ETC[ETC]
International Rectifier
Part No. OM7815SM OM7812SM OM7805SM
OCR Text ...tput Voltages Set Internally To 2% Built-In Thermal Overload Protection Short Circuit Current Limiting Product Is Available Hi-Rel Screened ...0Amp IO = 250mA to 750mA IO = 5mA to 1.5Amp OM7812SM IO = 250mA to 750mA IO = 5mA to 1.0Amp OM7815SM...
Description SURFACE MOUNT POSITIVE FIXED VOLTAGE REGULATOR
Hi-Rel Fixed Voltage 3-Terminal Positive Regulator

File Size 26.63K  /  2 Page

View it Online

Download Datasheet

    MBRS340TR MBRS340TRPBF MBRS340

http://
IRF[International Rectifier]
Part No. MBRS340TR MBRS340TRPBF MBRS340
OCR Text ...verse Leakage Current (1) 2.0 20 35 CT LS Max. Junction Capacitance Typical Series Inductance 230 3.0 10000 dv/dt Max. Voltage Rate of Change (1) Pulse Width < 300s, Duty Cycle < 2% Thermal-Mechanical Specifications P...
Description SCHOTTKY RECTIFIER

File Size 113.59K  /  6 Page

View it Online

Download Datasheet

    MBRS320TRPBF MBRS320TR

IRF[International Rectifier]
Part No. MBRS320TRPBF MBRS320TR
OCR Text ...ulse Width < 300s, Duty Cycle < 2% V/ s (Rated VR) Thermal-Mechanical Specifications Parameters TJ Tstg Max. Junction Temperature Range (*) Max. Storage Temperature Range Value - 65 to 150 - 65 to 150 12 46 Units C C Cond...
Description SCHOTTKY RECTIFIER

File Size 115.42K  /  6 Page

View it Online

Download Datasheet

    Bay Linear Inc
Part No. B1117
OCR Text ...e or fix voltages of 1.5V,1.8V, 2.5V, 2.85V, 3.3V, and 5Volts. The output current has a capability up to 1.0Amp,. This device has been optimized for low voltage where transient response and minimum input voltage are critical. The 2.85V vers...
Description Voltage Regulator

File Size 348.63K  /  7 Page

View it Online

Download Datasheet

    FR301G FR307G FR302G FR303G FR304G FR305G FR306G

BYTES[Bytes]
Part No. FR301G FR307G FR302G FR303G FR304G FR305G FR306G
OCR Text ...t: 1.10 grams .375(9.5) .285(7.2) .052(1.3) .048(1.2) DIA. 1.0(25.4) MIN. Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single...
Description 3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS

File Size 134.45K  /  2 Page

View it Online

Download Datasheet

    FR301G FR307G FR302G FR303G FR304G FR305G FR306G

FORMOSA[Formosa MS]
Part No. FR301G FR307G FR302G FR303G FR304G FR305G FR306G
OCR Text ...t: 1.10 grams .375(9.5) .285(7.2) .052(1.3) .048(1.2) DIA. 1.0(25.4) MIN. Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single...
Description 3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS

File Size 34.36K  /  2 Page

View it Online

Download Datasheet

    B1584 B1584T

BayLinear
ETC[ETC]
N.A.
Part No. B1584 B1584T
OCR Text ...ements and output voltage 1.5V, 2.5V, 3.0V, 3.3V, or 5V. The B1584 Outstanding features include full power usage up to 8.0Amp of load current internal current limiting and thermal shutdown. Other fixed versions are also available consult wi...
Description 8.0A Low Dropout Voltage Regulator Adjustable & Fix Output

File Size 29.59K  /  3 Page

View it Online

Download Datasheet

For 20amp Found Datasheets File :: 379    Search Time::1.062ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 20amp

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6830959320068