Part Number Hot Search : 
KBPC1005 P1C4F RSS070 IRFC130R VCX162 PST9332U 14D331K OV6620
Product Description
Full Text Search
  208-pin Datasheet PDF File

For 208-pin Found Datasheets File :: 11170    Search Time::3.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PAN301BSI-208

Pixart Imaging Inc.
Part No. PAN301BSI-208
OCR Text 208 PAN301BSI-208 CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR General Description The PAN301BSI-208 is a high performance CMOS process op...pin and register setting for low power Resolution dissipation. Power saving mode during times of no ...
Description CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR

File Size 460.70K  /  27 Page

View it Online

Download Datasheet





    quicklogic
Part No. QV-PCI32RDK-208 PCI_RDK32_208
OCR Text 208 Data Sheet Development Kit for the 32-Bit PCI Devices in 208 PQFP Packages last updated 12/15/99 FEATURES Features PCI32RDK - 20...pin Expansion Connector (32-bit bus + control) 8K deep, 32-bit Synchronous FIFO connected to the Qui...
Description Development Kit for the 32-Bit PCI Devices in 208 PQFP Packages
From old datasheet system

File Size 176.14K  /  6 Page

View it Online

Download Datasheet

    208-PGM17039-30 96-208M50-P 96-208M50

Aries Electronics, Inc.
Part No. 208-PGM17039-30 96-208M50-P 96-208M50
OCR Text 208-Position, 0.0197 [0.50] Pitch Adapter FEATURES * Convert surface-mount QFP packages to a 17x17 PGA footprint. * Reduce costs by using l...PIN PLATING: 200 [5.08] Sn/Pb 93/7 per ASTM B579-73 over 100 [2.54] Ni per SAE AMS-QQ-N-29 * OPERATI...
Description CONN ADAPTER 208 EIAJ QFP TO PGA QFP208-PGA208, IC SOCKET
QFP-to-PGA EIAJ 208-Position, 0.0197 [0.50] Pitch Adapter

File Size 757.31K  /  1 Page

View it Online

Download Datasheet

    MILL-MAX MFG CORP
Part No. 579-11-208-08-001429
OCR Text ...xx-xx-432-15-001 16 x 16 xxx-xx-208-08-001 22 x 22 xxx-xx-324-11-005 22 x 22 xxx-xx-376-11-005 22 x 22 xxx-xx-484-11-005 26 x 26 xxx-xx-352-13-007 26 x 26 xxx-xx-388-13-007 26 x 26 xxx-xx-484-13-005 8 x 8 xxx-xx-064-04-000 10 x 10 xxx-xx-10...
Description BGA208, IC SOCKET

File Size 496.88K  /  2 Page

View it Online

Download Datasheet

    MILL-MAX MFG CORP
Part No. 446-99-208-41-013
OCR Text ...ct is rated at 3 amps. see page 208 for details. fig. 1 fig. 2 application of compliant tail pins mill-max?s patented* compliant tail featu...pin is inserted, the slot compresses to fit the pth, thus avoiding damage (see illustration at left)...
Description DIP8, IC SOCKET

File Size 186.69K  /  1 Page

View it Online

Download Datasheet

    MILL-MAX MFG CORP
Part No. 446-99-208-41-012 446-99-214-41-012
OCR Text ...ct is rated at 3 amps. see page 208 for details. fig. 1 fig. 2 application of compliant tail pins mill-max?s patented* compliant tail featu...pin is inserted, the slot compresses to fit the pth, thus avoiding damage (see illustration at left)...
Description DIP8, IC SOCKET
DIP14, IC SOCKET

File Size 147.64K  /  1 Page

View it Online

Download Datasheet

    http://
PREDIP[Precid-Dip Durtal SA]
PRECI-DIP SA
Part No. 917-99-208-41-005 917-93-208-41-005 917-91-208-41-005 917-99-210-41-005 917-99-104-41-005 917-99-103-41-005 917-97-210-41-005 917-97-108-41-005 917-97-103-41-005 917-93-108-41-005 917-93-104-41-005 917-93-103-41-005 917-91-103-41-005 917-91-104-41-005 917-91-108-41-005 917-91-210-41-005 917-93-210-41-005 917-97-104-41-005 917-97-208-41-005 917-99-108-41-005
OCR Text ...08 mm circle diameter 917-xx-208-41-005 917-xx-210-41-005 Series 917 sockets for TO 100 package Contacts arranged on 5.84 mm circle diameter B Products not available from stock. Please consult PRECI-DIP.
Description TO sockets Solder tail 给插座焊

File Size 37.19K  /  1 Page

View it Online

Download Datasheet

    PRECI-DIP SA
PREDIP[Precid-Dip Durtal SA]
Part No. 446-99-208-41-036 346-91-108-41-035 346-91-108-41-036 346-93-108-41-035 346-93-108-41-036 346-99-108-41-035 346-99-108-41-036 446-91-208-41-035 446-91-208-41-036 446-93-208-41-035 446-93-208-41-036 446-99-208-41-035
OCR Text ... 0.40-0.56 mm For corresponding pin connectors see pages 43 to 46 New version with modified eye of the needle pin Platings 91 93 99 Sleeve 5 m Sn Pb 5 m Sn Pb 5 m Sn Pb Clip 0.25 m Au 0.75 m Au 5 m Sn Pb Pin Ordering informat...
Description PCB connectors 2.54 mm Single row / Double row Press-fit 电路板连接器2.54毫米单列/双列
OSC 5V SMT PLAS 14X9 CMOS

File Size 52.59K  /  1 Page

View it Online

Download Datasheet

    CY2DP818-208 CY2DP818ZXI-2 CY2DP818ZXI-2T CY2DP818ZXC-2T CY2DP818ZC-2T

Cypress Semiconductor, Corp.
Part No. CY2DP818-208 CY2DP818ZXI-2 CY2DP818ZXI-2T CY2DP818ZXC-2T CY2DP818ZC-2T
OCR Text ...nfigurable through the Inconfig pin for single ended or differential input. Low voltage operation VDD = 3.3V 1:8 fanout Single-input configurable for LVDS, LVPECL, or LVTTL 8 pairs of LVPECL outputs with enable and disable Drives a 50 oh...
Description 2DP SERIES, LOW SKEW CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO38 4.40 MM, TSSOP-38
1:8 Clock Fanout Buffer

File Size 351.46K  /  9 Page

View it Online

Download Datasheet

    TLE4264-208 TLE4264-2G

Infineon Technologies AG
Part No. TLE4264-208 TLE4264-2G
OCR Text ...SOT223-4 package. The device is pin compatible to the TLE 4264. The regulator is designed to supply microprocessor systems under the severe condition of automotive applications and is therefore equipped with additional protection against ov...
Description 5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??卤3% (卤2% up to 50 mA)
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ?±3% (±2% up to 50 mA)

File Size 198.42K  /  11 Page

View it Online

Download Datasheet

For 208-pin Found Datasheets File :: 11170    Search Time::3.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 208-pin

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.56876015663147