Part Number Hot Search : 
258829 M09H05 LLM317 GC562 TA761 BPC3510 DS2200 MUR405RL
Product Description
Full Text Search
  20.32mm Datasheet PDF File

For 20.32mm Found Datasheets File :: 545    Search Time::1.562ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LTM8033 LTM8033EV-PBF LTM8033IV-PBF LTM8033MPV-PBF

Linear Technology
http://
Part No. LTM8033 LTM8033EV-PBF LTM8033IV-PBF LTM8033MPV-PBF
OCR Text ...4.8k VOUT 12V 3A 70 60 50 40 30 20 10 0 30 226.2 422.4 618.6 814.8 1010 324.3 520.5 716.7 912.9 128.1 FREQUENCY (MHz) 8033 TA01a 8033 TA01b...32mm) TJMAX = 125C, JA = 15.4C/W, JCbottom = 5.2C/W, JB = 9.8C/W, JCtop = 16.7C/W VALUES DERIVED...
Description Ultralow Noise EMC 36VIN, 3A DC/DC 渭Module Regulator
Ultralow Noise EMC 36VIN, 3A DC/DC μModule Regulator
   Ultralow Noise EMC 36VIN, 3A DC/DC μModule Regulator

File Size 269.82K  /  24 Page

View it Online

Download Datasheet





    0031.3577 0031.3584 0031.3573

Schurter Inc.
Part No. 0031.3577 0031.3584 0031.3573
OCR Text 20 / 6.3 x 32 mm, slot, horizontal 250 vac 3.2 w / 10 a (vde)16 a (ul/csa) description - kicked or straight pcb-terminals - horizont...32mm straight ip 40 - - 1) 0031.3573 l - 5 x 20 or 6.3 x 32mm kicked ip 40 - - - 0031.3577 l slot kn...
Description
File Size 410.79K  /  2 Page

View it Online

Download Datasheet

    Holtek Semiconductor
Part No. LTM4618
OCR Text ...Current at Start-Up 2.00 1.85 2.20 2.00 2.35 2.15 V V 0.3 0.2 A A 4618f 2 www.DataSheet4U.com LTM4618 ELECTRICAL CHARA...32mm) (Reference LTC DWG # 05-08-1842 Rev O) DETAIL A 4.22 - 4.42 aaa Z 7 6 5 4 3 ...
Description 6A DC/DC uModule Regulator

File Size 383.07K  /  24 Page

View it Online

Download Datasheet

    Harris Semiconductor
Part No. V421HA32
OCR Text ...ATED VALUE 90 80 70 60 50 40 30 20 10 0 -55 50 60 70 80 90 100 110 120 130 140 150 AMBIENT TEMPERATURE (oC) FIGURE 1. CURRENT, ENERGY ...32mm 130 TO 750VM(AC) RATING TA = -55oC to 85oC 6,000 5,000 4,000 MAXIMUM PEAK VOLTS (V) 3,000 2,000...
Description Industrial High Energy Metal-Oxide Varistors

File Size 110.88K  /  5 Page

View it Online

Download Datasheet

    Samtec, Inc.
Part No. EZ-2P2-GG EZ-2P2-GT
OCR Text ...) .045 sq (1,75) .069 dia (0,20) .008 x (0,71) .028 (0,89) .035 dia (0,25) .010 x (0,51) .020 (0,71) .028 dia (0,41) .016 x (0,51) ...32mm) to .205" (5,21mm) lead dia accepted (sc-2p9) = .045" (1,14mm) to .055" (1,40mm) plating availa...
Description BERYLLIUM COPPER, GOLD (30) OVER NICKEL FINISH, PCB TERMINAL

File Size 560.85K  /  2 Page

View it Online

Download Datasheet

    LTM4627 LTM4627IVPBF LTM4627EVPBF

Linear Technology
Part No. LTM4627 LTM4627IVPBF LTM4627EVPBF
OCR Text ... 18. MIN l TYP 1.50 MAX 20 1.523 UNITS V V 4.5 1.477 CIN = 22F x 3 COUT = 100F Ceramic, 470F POSCAP RFB = 40.2k, MODE_PLLIN = GND VIN = 5V to 20V, IOUT = 0A to 15A (Note 4) VRUN Rising l Input Specifications VRUN VRUN...
Description 15A DC/DC 渭Module Regulator
15A DC/DC μModule Regulator

File Size 368.18K  /  28 Page

View it Online

Download Datasheet

    LTM8062 LTM8062EVPBF LTM8062IVPBF

Linear Technology
Part No. LTM8062 LTM8062EVPBF LTM8062IVPBF
OCR Text ...53 V nA V V k A % V mV nA 20 1.20 120 -10 0.4 1.25 V A V MHz 125C internal operating temperature range. Note that the maximum in...32mm) (Reference LTC DWG # 05-08-1856 Rev A) DETAIL A X Y A B C D E 15 BSC MOLD CAP SUBSTRATE G 0....
Description 32VIN, 2A 渭Module Power Tracking Battery Charger

File Size 582.46K  /  20 Page

View it Online

Download Datasheet

    LTM8061 LTM8061EV-4.1PBF LTM8061EV-4.2PBF LTM8061EV-8.2PBF LTM8061EV-8.4PBF LTM8061IV-4.1PBF LTM8061IV-4.2PBF LTM8061IV-

Linear Technology
Part No. LTM8061 LTM8061EV-4.1PBF LTM8061EV-4.2PBF LTM8061EV-8.2PBF LTM8061EV-8.4PBF LTM8061IV-4.1PBF LTM8061IV-4.2PBF LTM8061IV-8.2PBF LTM8061IV-8.4PBF
OCR Text ...5 0.265 V mV nA 1.36 0.29 20 500 50 50 0.50 1.20 120 1 1.45 0.315 V V % k 52.5 55 0.58 1.25 A A V/A V mV A 0.4 25 0.25 ...32mm) (Reference LTC DWG # 05-08-1856 Rev O) DETAIL A X Y A B C D E 15 BSC MOLD CAP SUBSTRATE G 0....
Description 32V, 2A 渭Module Li-Ion/ Polymer Battery Charger
32V, 2A μModule Li-Ion/ Polymer Battery Charger

File Size 202.45K  /  20 Page

View it Online

Download Datasheet

    FAU 0031.1661 0031.1663 0031.3573 0031.3577 0031.3581 0031.3583

Schurter Inc.
Part No. FAU 0031.1661 0031.1663 0031.3573 0031.3577 0031.3581 0031.3583
OCR Text 20 / 6.3 x 32 mm, Slot, horizontal FAU 250 VAC * 3.2 W / 10 A (VDE)16 A (UL/CSA) Description Standards -KickedorstraightPCB-terminal...32mm 5 x 20 or 6.3 x 32mm 6.3 x 32mm 6.3 x 32mm 6.3 x 32mm 5 x 20mm 6.3 x 32mm Terminal Straight Kic...
Description Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot, horizontal

File Size 410.98K  /  2 Page

View it Online

Download Datasheet

    FAC 0031.1661 0031.1663 0031.1666 0031.3804 0031.3803 0031.3823 0031.3822

Schurter Inc.
Part No. FAC 0031.1661 0031.1663 0031.1666 0031.3804 0031.3803 0031.3823 0031.3822
OCR Text 20 / 6.3 x 32 mm, Slot, vertical FAC 250 VAC * 3.2 W / 10 A (VDE)16 A (UL/CSA) Description Standards -KickedorstraightPCB-terminals ...32mm 5 x 20 or 6.3 x 32mm 6.3 x 32mm 6.3 x 32mm 6.3 x 32mm 5 x 20mm 6.3 x 32mm Terminal Straight Kic...
Description Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot, vertical

File Size 410.24K  /  2 Page

View it Online

Download Datasheet

For 20.32mm Found Datasheets File :: 545    Search Time::1.562ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 20.32mm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.43530702590942