Part Number Hot Search : 
CDBM120 22522062 1012S A1444 APD322 DDZ9700 C100LVE 72002
Product Description
Full Text Search
  2.925 Datasheet PDF File

For 2.925 Found Datasheets File :: 5144    Search Time::1.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

   
Part No. MM3-925 MM3-837
OCR Text ...58, 15 feet mount: abs plastic, 2" diameter whip material: flexible rubber radiator whip length: 3 ? inches glass attachment: double sided t...925 smr/gsm/ism 860-970 mhz mm3-900/1900 cellular/pcs 824-894 mhz & 1850-1990 mhz mm3-925/1800 gsm/d...
Description MOBILE STATION ANTENNA

File Size 34.79K  /  1 Page

View it Online

Download Datasheet





    T-925

Rhombus Industries Inc.
Part No. T-925
OCR Text 2% ) 1:1:1 Schematic Diagram Units mH 11.0 35 0.90 Sec 1 Sec 2 240 4000 0.76 1.10 H pF ohms Parameter Inductance (Primary) Leakage Inductance Capacitance (CW/W) Primary DC Resistance Secondary DC Resistance Min. 4.0 Max. 5A? 2...
Description High Isolation Pulse Transformer

File Size 24.06K  /  1 Page

View it Online

Download Datasheet

    6450120-2

Tyco Electronics
Part No. 6450120-2
OCR Text ...eature a minimum wipe of 0.100 [2.54mm] I MULTI-BEAM XL connectors provides EXPANDABLE LENGTH connectors I Overall length is expandabl...925 [48.90mm] 2.250 [57.15mm] 2.750 [69.85mm] 3.400 [86.36mm] 3.650 [92.71mm] 4.350 [110.49mm] 3.950...
Description MULTI-BEAM XL and MULTI-BEAM XLE - Power Distribution Connector System; MBXL R/A HDR 2P 24S 2P ( AMP )

File Size 909.94K  /  18 Page

View it Online

Download Datasheet

    POWEREX INC
Part No. RBS82456XX00
OCR Text ...c package excellent surge and i 2 t ratings applications: dc power supplies ordering information input rectifiers plating supplies select th...925-7272 pwrx.com 5680 amperes 2400 volts absolute maximum ratings characteristic symbol rating...
Description 6400 A, 2400 V, SILICON, RECTIFIER DIODE

File Size 101.34K  /  4 Page

View it Online

Download Datasheet

    POWEREX INC
Part No. RBS8244525
OCR Text ...c package excellent surge and i 2 t ratings applications: dc power supplies ordering information select the com plete 10 digit part number ...925-7272 www.pwrx.com 4500 amperes 3200 volts absolute maximum ratings characteristic symbol ra...
Description 4500 A, 2400 V, SILICON, RECTIFIER DIODE

File Size 170.03K  /  4 Page

View it Online

Download Datasheet

    POWEREX INC
Part No. PS21964-4S
OCR Text ... 35.00.3 o 0.070.008 1.7780.2 p 0.02 0.5 q 0.47 12.0 r 0.011 0.28 dimensions inches millimeters s 0.12 2.8 t 0.02...925-7272 2 rev. 12/09 absolute maximum ratings, t j = 25c unless otherwise specifed characteristic...
Description AC MOTOR CONTROLLER, 30 A, DMA24

File Size 1,060.94K  /  10 Page

View it Online

Download Datasheet

    CM150RX-24S

Powerex Power Semiconductors
Powerex Power Semiconductor...
Part No. CM150RX-24S
OCR Text ... 0.83 21.14 j 0.37 6.5 k 2.44 62.0 l 2.26 57.5 m 1.970.02 50.00.5 n 1.53 39.0 p 0.24 6.0 q 0.48 12.0 r 0.67 17.0 ...925-7272 www.pwrx.com absolute maximum ratings, t j = 25c unless otherwise specifed inverter par...
Description Six IGBT Brake NX-Series Module 150 Amperes/1200 Volts

File Size 1,479.67K  /  13 Page

View it Online

Download Datasheet

    AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1117R AS1117R-X AS1117S AS1117S-X AS1117T AS1117T-X AS1117U AS1117U-X A

ALPHA Semiconductor
Alpha Industries Inc
ETC[ETC]
ALPHA[Alpha Industries]
Alpha Industries, Inc.
Part No. AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1117R AS1117R-X AS1117S AS1117S-X AS1117T AS1117T-X AS1117U AS1117U-X AS1117R-5V AS1117R-2.85V AS1117R-1.5V AS1117R-3.3V AS1117S-3V AS1117M1-3V AS1117U-5V AS1117T-2.5V AS1117T-2.85V AS1117M1-2.85V AS1117M1-5V AS1117M1-2.5V AS1117M3-5V AS1117S-2.5V
OCR Text ...minal Adjustable Or Fixed 1.5V, 2.5V, 2.85V, 3V, 3.3V & 5V * Very Low Quiescent Current * Low Dropout Voltage Of 1.2 Volts At Full Load * Ex...925) 417-1391 Fax: (925) 417-1390 Rev. 9/14/99 AS1117 ABSOLUTE MAXIMUM RATINGS Power Dissipatio...
Description 800mA low dropout regulator 2,5V
800mA low dropout regulator 3V
800mA low dropout regulator 1,5V
800mA low dropout regulator 5V
800mA Low Dropout Regulator SCSI-II Active Terminator
AB 2C 2#16 SKT RECP
800mA low dropout regulator 2,85V
800mA low dropout regulator 3,3V

File Size 75.37K  /  11 Page

View it Online

Download Datasheet

    DS2501

Advanced Monolithic Sys...
Advanced Monolithic Systems
Part No. DS2501
OCR Text ...ble or Fixed Output 1.5V, 1.8V, 2.5V, 2.85V, 3.0V, 3.3V, 3.5V and 5.0V * Output Current of 1A * Low Dropout, typ. 200mV at 500mA Output Curr...925) 443-0722 Fax (925) 443-0723 AMS2501/AMS2502 ABSOLUTE MAXIMUM RATINGS (Note 1) VPOWER In...
Description 1A VERY LOW DROPOUT VOLTAGE REGULATORS

File Size 72.69K  /  8 Page

View it Online

Download Datasheet

For 2.925 Found Datasheets File :: 5144    Search Time::1.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2.925

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4142301082611