Part Number Hot Search : 
C4051 5KP58A 24265 1N2428 M38B79 BR1632A CDRH8 2N440
Product Description
Full Text Search
  2.5l Datasheet PDF File

For 2.5l Found Datasheets File :: 1992    Search Time::1.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TIM1414-5L

Toshiba Semiconductor
Part No. TIM1414-5L
OCR Text ....0 -42 TYP. MAX. 37.5 6.0 2.0 23 -45 2.0 2.5 0.8 2.5 80 CONDITIONS VDS= 9V f= 14.0 to 14.5GHz add IM3 IDS2 Tch Two-Tone...5L ABSOLUTE MAXIMUM RATINGS CHARACTERISTICS Drain-Source Voltage Gate-Source Voltage Drain Curre...
Description MICROWAVE POWER GaAs FET

File Size 147.27K  /  4 Page

View it Online

Download Datasheet





    VICOR[Vicor Corporation]
Part No. QPI-5L
OCR Text ... available in a 1.0" x 1.0" x 0.2" SiP (System in Package) with LGA mounting. QPI-5-EVAL1 kits are available for testing the QPI-5. The eval...5L Data Sheet Rev. 2.0 Page 1 of 8 Absolute Maximum Ratings - Exceeding these parameters may resu...
Description 14 Amp Active EMI Filter for 24V DC Bus

File Size 124.90K  /  8 Page

View it Online

Download Datasheet

    NIB6404-5L-D NIB6404-5L

Atmel, Corp.
ON Semiconductor
Part No. NIB6404-5L-D NIB6404-5L
OCR Text ...2 1 February, 2002 - Rev. 2 Publication Order Number: NIB6404-5L/D NIB6404-5L ELECTRICAL CHARACTERISTICS (TJ = 25C unless otherwise noted) Characteristic OFF CHARACTERISTICS Drain-to-Source Breakdown Voltage (Note 2) (VGS = 0...
Description TRANSISTOR | MOSFET | N-CHANNEL | 40V V(BR)DSS | 52A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 40V的五(巴西)直| 52A条(丁)|63AB
HDPlus 52 Amps, 40 Volts Self Protected with Temperature Sense N-Channel D2PAK

File Size 62.74K  /  8 Page

View it Online

Download Datasheet

    Toshiba Corporation
TOSHIBA[Toshiba Semiconductor]
Part No. TIM1011-5L
OCR Text ...N. TYP. MAX. UNIT 37.0 37.5 7.0 2.0 23 -45 2.0 2.5 2.5 80 dBm dB A % dBc A C f =10.7-11.7GHz add IM3 -42 VDS X IDS X Rth(c-...5L ABSOLUTE MAXIMUM RATINGS ( Ta= 25C ) CHARACTERISTICS Drain-Source Voltage Gate-Source Voltage...
Description MICROWAVE POWER GaAs FET

File Size 133.39K  /  5 Page

View it Online

Download Datasheet

    ADM809-5L ADM809-5LART ADM809-5LART-REEL ADM809-5LART-REEL-7 ADM809-5S ADM809-5SART ADM809-5SART-REEL ADM809-5SART-REEL-

AD[Analog Devices]
Analog Devices, Inc.
Part No. ADM809-5L ADM809-5LART ADM809-5LART-REEL ADM809-5LART-REEL-7 ADM809-5S ADM809-5SART ADM809-5SART-REEL ADM809-5SART-REEL-7 ADM809-5SCHIPS ADM809-5SL ADM809-5LART-REEL7 ADM809-5S/L ADM809-5SART-REEL7
OCR Text ...erating Voltage Range Min 1.0 1.2 Supply Current Typ Max 3.3 3.3 24 17 5.5 5.5 60 50 100 100 Unit V V A A A A (VCC = Full Operating Range...5L ADM809-5L ADM809-5S ADM809-5S Reset Threshold Temperature Coefficient VCC to Reset Delay Reset Ac...
Description ADM809-5S/L: Microprocessor Supervisory Circuit Data Sheet (Rev. 0. 9/00) ADM809 - 5 / L的:微处理器监控电路数据手册(版 / 00
Analog IC
SRAM Nonvolatile Controller IC for 4 SRAM Banks 16-PDIP 0 to 70
SRAM Nonvolatile Controller IC for 4 SRAM Banks 16-SOIC 0 to 70
PRECISION THERMOSTATS 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
Microprocessor Supervisory Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
Microprocessor Supervisory Circuit 微处理器监控电路

File Size 86.81K  /  6 Page

View it Online

Download Datasheet

    SC70-5L 82402374

Wurth Elektronik GmbH & Co. KG, Germany.
Part No. SC70-5L 82402374
OCR Text ...in max v rwm 5 v v bv 6.0 v i r 2.5 a v f 0.6 1 v v c v v cl v c in 17 pf specification for release datum / date : 2010-01-27 tvs diode arra...5l pin 1,3,4,5 to pin 2 8.5 6.8 v rwm =5v, pin 1,3,4,5 to pin 2 v io =0v, f=1mhz, pin 1,3,4,5 to p.2...
Description TVS Diode Array WE-TVS

File Size 218.23K  /  5 Page

View it Online

Download Datasheet

    UN Semiconducctor INC
Part No. ESD3.3V26T-5L ESD24V26T-5L ESDXXV26T-5L
OCR Text ... leakage current u iec61000-4-2 (esd) 15kv (air), 8kv (contact) u iec61000-4-4 (eft) 40a (5/50 s) u iec61000-4-5 (lightning) 12a ...5l series un semiconductor co., ltd. www....
Description Transient Voltage Suppressors Array for ESD Protection

File Size 338.41K  /  3 Page

View it Online

Download Datasheet

    LM1501BT-5.0-5L LM1501BT-12-5L LM1501BT-3.3-5L LM1501BR-3.3-5L LM1501BT-ADJ-5L LM1501BR-12-5L LM1501BR-5.0-5L LM1501BR-A

HTC Korea TAEJIN Technology Co.
http://
Part No. LM1501BT-5.0-5L LM1501BT-12-5L LM1501BT-3.3-5L LM1501BR-3.3-5L LM1501BT-ADJ-5L LM1501BR-12-5L LM1501BR-5.0-5L LM1501BR-ADJ-5L
OCR Text 2 1 htc absolute maximum ratings ...5l lm1501bt-x.x to-220 5l features ...
Description 5.0A, 300kHz, Step-down Switching Regulator

File Size 158.54K  /  4 Page

View it Online

Download Datasheet

    LM1501AT-3.3-5L LM1501AT-12-5L LM1501AT-5.0-5L LM1501AR-12-5L LM1501AR-3.3-5L LM1501AR-5.0-5L LM1501AR-ADJ-5L LM1501AT-A

HTC Korea TAEJIN Technology Co.
Part No. LM1501AT-3.3-5L LM1501AT-12-5L LM1501AT-5.0-5L LM1501AR-12-5L LM1501AR-3.3-5L LM1501AR-5.0-5L LM1501AR-ADJ-5L LM1501AT-ADJ-5L
OCR Text ...lity (human body model) v esd 2 kv operating supply voltage v in 4.5 to 45 v note 1. absolute maximum rating indicate limits beyon...5l lm1501at-x.x to-220 5l features ...
Description 5.0A, 150kHz, Step-down Switching Regulator

File Size 166.27K  /  4 Page

View it Online

Download Datasheet

    M13S32321A-5L M13S32321A-6L M13S32321A08

Elite Semiconductor Memory Technology Inc.
Part No. M13S32321A-5L M13S32321A-6L M13S32321A08
OCR Text ...l and Interleave Burst Length : 2, 4, 8 All inputs except data & DM are sampled at the rising edge of the system clock(CLK) Data I/O transit...5L MAX FREQ 200MHz VDD 2.5V PACKAGE 100 LQFP COMMENTS Pb-free M13S32321A -6L 166MHz 2.5V ...
Description 256K x 32 Bit x 4 Banks Double Data Rate SDRAM

File Size 826.11K  /  50 Page

View it Online

Download Datasheet

For 2.5l Found Datasheets File :: 1992    Search Time::1.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2.5l

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.4969749450684