Part Number Hot Search : 
L2SA1576 TSOP4 2SK2161 NCP15 RB095 630NM BC243 80001
Product Description
Full Text Search
  2.50mm Datasheet PDF File

For 2.50mm Found Datasheets File :: 9525    Search Time::1.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MDU-18-V-25-100 MLD8-C-35170 MDU93570 MDU9357011 HL16-WW

Dialight Corporation
Part No. MDU-18-V-25-100 MLD8-C-35170 MDU93570 MDU9357011 HL16-WW
OCR Text ...93570 3 110-240vac x 100 x 40 x 25 mm mld8-c-35170 2 230vac x 111 x 52 x 23.5 mm mdu-18-v-25-100 4 230vac via 0-10v dimmer 110 x 49 x 25 mm mnd70 3 110 C 240vac trailing edge dimmer 99 x 39 x 23.5mm hl16 with wide lens dialight reserves t...
Description HL16 LED LIGHT ENGINE

File Size 178.95K  /  2 Page

View it Online

Download Datasheet





    TLP421

Toshiba Semiconductor
Part No. TLP421
OCR Text ...d no.9910249/01 1 2002-09-25 TLP421 * Option(D4)type TUV approved: DIN VDE0884 Approved no.R9950202 Maximum operating insulation v...0mm(min) 7.0mm(min) 0.4mm(min) 10.16mm Pich TLPxxxF Type 8.0mm(min) 8.0mm(min) 0.4mm(min) Current...
Description Photocoupler GaAs Ired & Photo - Transistor

File Size 186.49K  /  9 Page

View it Online

Download Datasheet

    GCJ21BR71H474KA12L

Murata Manufacturing Co., Ltd.
Murata Manufacturing Co., L...
Part No. GCJ21BR71H474KA12L
OCR Text ...des temperature characteristics 25 to 125 c 25 c temperature range reference temperature 0 30ppm/ c capacitance change or temperature coefficient c0g eia 25 c eia ?5 to 125 c +22, ?3% x7t d7 ?5 to 125 c 25 c eia ?5 to 125 c 15% x...
Description Click to View Pricing, Inventory, Delivery & Lifecycle Information

File Size 39.17K  /  3 Page

View it Online

Download Datasheet

    TLP741G

Toshiba Corporation
TOSHIBA[Toshiba Semiconductor]
Part No. TLP741G
OCR Text ...n.) 0.5mm(min.) 1 2002-09-25 TLP741G Maximum Ratings (Ta = 25C) Characteristic Forward current Forward current derating (Ta 39C) Peak forward current (100s pulse, 100pps) LED Power dissipation Power dissipation derating (Ta 25C...
Description TOSHIBA Photocoupler GaAs Ired & Photo&#8722;Thyristor
TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
TOSHIBA Photocoupler GaAs Ired & Photo−Thyristor

File Size 502.72K  /  6 Page

View it Online

Download Datasheet

    BD8961NV

Rohm
Part No. BD8961NV
OCR Text ...ating temperature range : - 25 to + 10 5 packages son008v5060 5.0mm x 6.0mm x 1.0mm applications p ower supply for lsi including dsp, micro computer and asic typical application circuit...
Description 4.5V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET

File Size 622.02K  /  18 Page

View it Online

Download Datasheet

    BD8960NV12

Rohm
Part No. BD8960NV12
OCR Text ...rat ing temperature range : - 25 to + 10 5 packages son008v5060 : 5.0mm x 6.0mm x 1.0mm applications p ower supply for lsi including dsp, micro computer and asic typical applicati...
Description 2.7V to 5.5V, 2.0A 1ch Synchronous Buck Converter Integrated FET

File Size 730.71K  /  19 Page

View it Online

Download Datasheet

    TDK
Part No. NTCDP NTCGP3UG503HCZCCA
OCR Text ...d b constant) products. ? 1 r 25 : compatible with the 5k ? to 50k ? range, b 25/50 : compatible with the 3400k to 4100k range ? 2 can...0mm) type: compatible with copper case type of ?6.0mm applications temperature detection of refriger...
Description NTC Thermistors

File Size 273.03K  /  5 Page

View it Online

Download Datasheet

    GCM31C GCM033

Murata Manufacturing Co., Ltd.
Murata Manufacturing Co...
Part No. GCM31C GCM033
OCR Text ...des temperature characteristics 25 to 125 c 25 c temperature range reference temperature 0 30ppm/ c capacitance change or temperature coefficient c0g eia 25 c 25 c eia eia 25 to 125 c -750 120ppm/ c u2j 7u -55 to 125 c 25 c eia ...
Description Chip Monolithic Ceramic Capacitors for Automotive

File Size 731.12K  /  44 Page

View it Online

Download Datasheet

    Kemet
Part No. ESY158M016AL3AA ESH227M025AG3AA ESH477M025AH1AA ESH225M050AC3AA ESK226M050AC3AA ESY108M035AL4AA ESH228M035AM7AA ESH106M050AC3AA ESY108M016AH4AA ESY107M050AG3AA ESH337M035AH1AA ESH227M035AH1AA ESH337M050AH4AA ESY477M025AG6AA
OCR Text ... case size d l (mm) each 1-24 25-99 70233322 e s h477m010ae3aa 470 10 ? ? ? 6 11 .11 .09 70233316 e s h108m010ah1aa 1000 10 ? ? ? 10 12 .24 .20 70233321 e s h338m010al3aa 3300 10 ? ? ? 13 20 .06 .05 70233271 e s h476m016ac3aa 47 16 ...
Description Aluminum Electrolytic Capacitors

File Size 740.85K  /  1 Page

View it Online

Download Datasheet

    EMEM8004

EUROQUARTZ limited
Part No. EMEM8004
OCR Text ...150mhz frequency stability 20, 25 or 50ppm operating voltage: 1.71v to 3.60v operating temperature range ext. commercial: -20 to +70c ...0mm p=b: 5.0 x 3.2mm p=c: 3.2 x 2.5mm p=d: 2.5 x 2.0mm t=e:-20 ~ +70c t=i:-40 ~ +85c t=l:-40 ~ +105c...
Description Programmable Low Power Precision CMOS
   Programmable Low Power Precision CMOS

File Size 268.32K  /  5 Page

View it Online

Download Datasheet

For 2.50mm Found Datasheets File :: 9525    Search Time::1.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2.50mm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.84433603286743