Part Number Hot Search : 
EML12 150200 ON1270 MAX4649 R2560 ISL976 2SB1115A 60F6X
Product Description
Full Text Search
  2-ft. Datasheet PDF File

For 2-ft. Found Datasheets File :: 31675    Search Time::1.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Future Technology Devices International Ltd
Part No. FT-MOD-4232HUB
OCR Text 2 seaward place, centurion business park, glasgow, g41 1hh, united kingdom tel.: +44 (0) 141 429 2777 fax: + 44 (0) 141 429 2758 ...ft_000 331 version 1.2 issue date: 2010 - 10 - 2 8 ` copyright ? 2 010 future tech...
Description
File Size 593.44K  /  16 Page

View it Online

Download Datasheet





    ZFBT-4R2GW-FT

Mini-Circuits
Part No. ZFBT-4R2GW-FT
OCR Text ...CKET (OPTION "B") Price $79.95 $2.50 Qty. (1-9) (1+) 0.1 to 4200 MHz -55C to 100C -55C to 100C 30dBm max. 30V max. 500mA Applications...FT(+) 0.1 fU 4200 L M U L Typ. Max. Typ. Max. Typ. Max. Typ. Min. 0.15 0.8 0.6 1.2 0.6 1.6 -- ...
Description BIAS TEE / SMA / RoHS

File Size 171.93K  /  1 Page

View it Online

Download Datasheet

    MINI[Mini-Circuits]
Part No. ZFBT-4R2G-FT_ ZFBT-4R2G-FT
OCR Text ...FT $59.95 BRACKET (OPTION "B") $2.50 Qty. (1-9) (1+) 10 to 4200 MHz Applications * * * * * * biasing amplifiers biasing of laser diod...FT INSERTION LOSS WITH CURRENT 2.0 ZFBT-4R2G-FT ISOLATION WITH CURRENT 60 INSERTION LOSS (dB)...
Description Wideband 10 to 4200 MHz

File Size 125.26K  /  1 Page

View it Online

Download Datasheet

    Yaesu
Part No. FT-1000MP
OCR Text ... a Heil with the same settings. 2. Connect the mike as instructed in the Rigblaster manual. Run the mike cable from the Rigblaster to the Ma...FT-1000 MP Mark V with Writelog Interfacing 6. Connect an audio cable from the Rigblaster Audio O...
Description Mark-V

File Size 92.95K  /  2 Page

View it Online

Download Datasheet

    Yaesu
Part No. FT-1000MP
OCR Text ...ion. These 300-Watt (150-Watt x 2) transistors are run well below their maximum ratings, ensuring high reliability and excellent signal puri...FT-1000D, effectively suppresses harmonic energy while efficiently delivering at least 200 Watts to ...
Description Mark-V Transceiver

File Size 1,009.89K  /  8 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
Part No. FT-12T-6.6ME FT-12T-66ME
OCR Text ...0.03 t0.05 12 9 0.05 0.11 2. dimension ?unit:mm resonant frequency ? (khz) static capacitance (pf30%) resonant resistance ? ( ) input voltage ??? current consumption ? plate material ? operating temperature ??? storage temperature ...
Description 30Vp-p Square Wave MAX.

File Size 59.24K  /  1 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
Part No. FT-12N-6.5ME FT-12N-65ME
OCR Text ...0.03 t0.05 12 9 0.05 0.11 2. dimension ?unit:mm resonant frequency ? (khz) static capacitance (pf30%) resonant resistance ? ( ) input voltage ??? current consumption ? plate material ? operating temperature ??? storage temperature ...
Description 30Vp-p Square Wave MAX.

File Size 59.51K  /  1 Page

View it Online

Download Datasheet

    3EQHM14-FT-32.768R-D1.0 3EQHM14-FT-32.768R-C0.5 3EQHM14-FT-32.768R-C1.5 3EQHM14-FT-32.768R-D3.0 3EQHM14-BT-32.768R-C0.5

EUROQUARTZ limited
Part No. 3EQHM14-FT-32.768R-D1.0 3EQHM14-FT-32.768R-C0.5 3EQHM14-FT-32.768R-C1.5 3EQHM14-FT-32.768R-D3.0 3EQHM14-BT-32.768R-C0.5 3EQHM14-BT-32.768R-C1.5 3EQHM14-BT-32.768R-D1.0 3EQHM14-BT-32.768R-D3.0 3EQHM14-AT-32.768R-C0.5 3EQHM14-AT-32.768R-C1.5 3EQHM14-AT-32.768R-D1.0 3EQHM14-AT-32.768R-D3.0
OCR Text ...d Miniature package: 5.0 mm x 3.2 mm x 1.2mm Page 1 of 2 In electrical systems the principal cause of electromagnetic interference (EMI) is the system clock oscillator. Traditional methods of 'patching-up' systems with too high a leve...
Description 14 pin Dual-in-Line Spread Spectrum Clock Ocillator

File Size 346.74K  /  2 Page

View it Online

Download Datasheet

    SI3210-FT SI3210-TSSOP SI3210M-TSSOP SI3211-E-GM SI3211-E-GT SI3211-E-FM SI3210-E-GM SI3210-E-FM SI3210PPQX-EVB SI3210PP

Silicon image
Silicon Laboratories
Part No. SI3210-FT SI3210-TSSOP SI3210M-TSSOP SI3211-E-GM SI3211-E-GT SI3211-E-FM SI3210-E-GM SI3210-E-FM SI3210PPQX-EVB SI3210PPT1-EVB SI3210MPPT1-EVB SI3210-GT SI3210-QFN SI3210M-E-FM SI3210M-E-GM SI3210M-GT SI3210M-FT SI3210MPPTX-EVB SI3201-FS SI3201-GS SI3211-TSSOP SI3210PPTX-EVB
OCR Text ...ammable line-feed parameters ?? 2-wire ac impedance and hybrid ?? constant current feed (20 to 41 ma) ?? loop closure and ring trip thresholds and filtering ? internal balanced ringing up to 90v pk ?? 5 ren up to 4 kft; 3 ren up to 8 kft ?...
Description PROSLIC? PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input

File Size 805.75K  /  148 Page

View it Online

Download Datasheet

    3EQHM44-FT-32.768R-C0.5 3EQHM44-FT-32.768R-C1.5 3EQHM44-FT-32.768R-D1.0 3EQHM44-FT-32.768R-D3.0 3EQHM44-AT-32.768R-C0.5

EUROQUARTZ limited
Part No. 3EQHM44-FT-32.768R-C0.5 3EQHM44-FT-32.768R-C1.5 3EQHM44-FT-32.768R-D1.0 3EQHM44-FT-32.768R-D3.0 3EQHM44-AT-32.768R-C0.5 3EQHM44-AT-32.768R-C1.5 3EQHM44-AT-32.768R-D1.0 3EQHM44-AT-32.768R-D3.0 3EQHM44-BT-32.768R-C0.5 3EQHM44-BT-32.768R-C1.5 3EQHM44-BT-32.768R-D1.0 3EQHM44-BT-32.768R-D3.0
OCR Text ...d Miniature package: 5.0 mm x 3.2 mm x 1.2mm Page 1 of 2 In electrical systems the principal cause of electromagnetic interference (EMI) is the system clock oscillator. Traditional methods of 'patching-up' systems with too high a leve...
Description 11.4 x 9.6 x 4.7mm SMD Spread Spectrum Clock Ocillator

File Size 346.72K  /  2 Page

View it Online

Download Datasheet

For 2-ft. Found Datasheets File :: 31675    Search Time::1.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 2-ft.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7266659736633