|
|
|
AD[Analog Devices] Analog Devices, Inc.
|
Part No. |
AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD5203 AD5204 AD5206 AD5220 AD5222 AD5232 AD5235 AD5262 AD7376 AD8400 AD5207BRU10 AD5260 AD5207BRUZ10
|
OCR Text |
2-Channel Potentiometer Replacement 10 k , 50 k , 100 k Power Shut-Down, Less than 5 A 2.7 V to 5.5 V Single Supply 2.7 V Dual Supply 3-Wire...Differential Nonlinearity2 Resistor Nonlinearity2 Nominal Resistor Tolerance3 Resistance Temperature... |
Description |
Dual, 256 Position, Digital Potentiometer 2-Channel/ 256-Position Digital Potentiometer CONNECTOR ASSEMBLIES RoHS Compliant: Yes 2-Channel, 256-Position Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14 2-Channel, 256-Position Digital Potentiometer 2通道56位数字电位器
|
File Size |
651.48K /
16 Page |
View
it Online |
Download Datasheet |
|
|
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
Part No. |
AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL
|
OCR Text |
...0 MHz Update Data Loading Rate +2.7 V to +5.5 V Single Supply Operation Midscale Preset APPLICATIONS Mechanical Potentiometer Replacement Pr...Differential NL 2 R-DNL RWB , VA = No Connect R-INL RWB , VA = No Connect Resistor Nonlinearity Erro... |
Description |
10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 4-Channel, 64-Position Digital Potentiometer 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85% RECTIFIER SCHOTTKY SINGLE 3A 60V 80A-ifsm 0.74V-vf 0.5mA-ir DO-201AD 500/BULK 2-Channel/ 256-Position Digital Potentiometer 4-Channel 64-Position Digital Potentiometer
|
File Size |
259.09K /
12 Page |
View
it Online |
Download Datasheet |
|
|
|
Analog Devices, Inc. AD[Analog Devices]
|
Part No. |
AD524 AD524A AD524AD AD524AE AD524AR-16 AD524AR-16-REEL AD524AR-16-REEL7 5962-8853901EA AD524BD AD524B AD524BE AD524C AD524CD AD524S AD524SCHIPS AD524SD AD524SE_883B AD524SD_883B AD524SE/883B AD524SD/883B
|
OCR Text |
...ecision high gain applications. 2. The AD524 is functionally complete with pin programmable gains of 1, 10, 100 and 1000, and single resisto...Differential Resistance Differential Capacitance Common-Mode Resistance Common-Mode Capacitance Inpu... |
Description |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 1000 uV OFFSET-MAX, 1 MHz BAND WIDTH, CDIP16 Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 250 uV OFFSET-MAX, 1 MHz BAND WIDTH, CDIP16 VARISTOR 150V RMS 14MM RADIAL PQ II HIP 7 REV A NO-PB Precision Instrumentation Amplifier
|
File Size |
392.59K /
16 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|