Part Number Hot Search : 
1SS31907 STEVA RF3315 STEVA AO440 33102 SPB80 202050S
Product Description
Full Text Search
  17.95v Datasheet PDF File

For 17.95v Found Datasheets File :: 1523    Search Time::4.032ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AT91SAM9260B-CU AT91SAM9260B-QU AT91SAM926009 AT91SAM9260

ATMEL Corporation
Part No. AT91SAM9260B-CU AT91SAM9260B-QU AT91SAM926009 AT91SAM9260
OCR Text ...mmary * * 6221JS-ATARM-17-Jul-09 1. Description The AT91SAM9260 is based on the integration of an ARM926EJ-S processor with fas...95V or 3.0V to3.6V 3.0V to 3.6V 1.65V to 3.6V 1.65V to 1.95V 3.0V to 3.6V 1.65V to 1.95V 1.65V to 1....
Description AT91 ARM Thumb Microcontrollers

File Size 557.62K  /  47 Page

View it Online

Download Datasheet





    LTC1273ACSW LTC1276ACSW LTC1276BCSW LTC1273BCSW LTC1275BCSW LTC1275ACSW LTC1276BCSWPBF LTC1273BCSWPBF LTC1276BCNPBF LTC1

Linear Technology, Corp.
Part No. LTC1273ACSW LTC1276ACSW LTC1276BCSW LTC1273BCSW LTC1275BCSW LTC1275ACSW LTC1276BCSWPBF LTC1273BCSWPBF LTC1276BCNPBF LTC1273BCNPBF LTC1275ACSWTR LTC12731
OCR Text ...11 DGND 5V 24 23 22 21 20 19 18 17 16 15 14 13 Effective Bits and Signal to (Noise + Distortion) vs Input Frequency 12 11 0.1F 2.42V...95V VDD 5.25V - 5.25V VSS - 4.95V 0V |IOUT| 1mA The denotes the specifications which app...
Description 12-Bit, 300ksps Sampling A/D Converters with Reference; Package: SO; No of Pins: 24; Temperature Range: 0&deg;C to 70&deg;C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24
12-Bit, 300ksps Sampling A/D Converters with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0&deg;C to 70&deg;C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24

File Size 300.55K  /  24 Page

View it Online

Download Datasheet

    KFG5616Q1A-DEB5

Samsung semiconductor
Part No. KFG5616Q1A-DEB5
OCR Text ... Diagrams. Draft Date April 17, 2005 May 17, 2005 Remark Preliminary Final 1.1 1. Corrected the errata 2. Revised Invalid Bloc...95V) D : 2.65V(2.4V to 2.9V) U : 3.3V(2.7 V to 3.6V) 4 OneNAND256(KFG5616x1A-xxB5) FLASH ME...
Description OneNAND Specification FLASH MEMORY

File Size 1,389.81K  /  113 Page

View it Online

Download Datasheet

    AT91SAM92601

ATMEL Corporation
Part No. AT91SAM92601
OCR Text ...0 * * * 6221I-ATARM-17-Jul-09 1. Description The AT91SAM9260 is based on the integration of an ARM926EJ-S processor with fas...95V or 3.0V to3.6V 3.0V to 3.6V 1.65V to 3.6V 1.65V to 1.95V 3.0V to 3.6V 1.65V to 1.95V 1.65V to 1....
Description AT91 ARM Thumb Microcontrollers

File Size 6,512.41K  /  798 Page

View it Online

Download Datasheet

    SAMSUNG[Samsung semiconductor]
Part No. K9F6408U0C-V K9F6408U0C K9F6408U0C-B K9F6408U0C-F K9F6408U0C-H K9F6408U0C-Q K9F6408U0C-T
OCR Text ... 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 VCC CE RE R/B GND N.C N.C N.C N.C N.C FLASH MEMORY N.C N.C N.C N.C N.C I/O0 I/O1 I/O2 I/O3 VSS N.C N.C N.C N.C N.C ...
Description From old datasheet system
8M x 8 Bit NAND Flash Memory

File Size 679.41K  /  30 Page

View it Online

Download Datasheet

    TA2030FNG

Toshiba Semiconductor
Part No. TA2030FNG
OCR Text ...t: 0.09g (typ.) 1 2004-11-17 TA2030FNG Block Diagram 2 2004-11-17 TA2030FNG Terminal Explanation Terminal Voltage: Typ...95V, V2 0.2 V SW2: d V4 0.4 V VCC = 0.95V, V2 0.2 V SW2: c V4 0.2 V VCC = 0.95V, V2 0.4 V V4 0...
Description TV/FM SYSTEM F/E (1.5V USE)

File Size 815.34K  /  11 Page

View it Online

Download Datasheet

    SAMSUNG SEMICONDUCTOR CO. LTD.
Samsung Semiconductor Co., Ltd.
Part No. K9F1G08U0M-FIB0 K9F1G08U0M-YCB0 K9F1G16Q0M-YCB0 K9F1G16U0M-YIB0 K9F1G08U0M-YIB0 K9F1G08Q0M-YCB0 K9F1G16U0M-YCB0 K9F1G16Q0M-YIB0 K9F1G08Q0M-YIB0 K9F1G08U0M-VCB0 K9F1G08U0M-FCB0 K9F1G08Q0M-PCB0 K9F1G08U0M-PCB0 K9F1G16Q0M-PCB0 K9F1G16U0M-PCB0 K9F1G16Q0M-PIB0 K9F1G08Q0M-PIB0 K9F1G08U0M-PIB0 K9F1G16U0M-PIB0 K9F1G08U0M-VIB0
OCR Text ...nd sequences as shown in Figure 17. ---> A recovery time of minimum 10s is required before internal circuit gets ready for any command seque...95V --> 1.70V~1.95V Pb-free Package is added. K9F1G08U0M-FCB0,FIB0 K9F1G08Q0M-PCB0,PIB0 K9F1G08U0M-P...
Description DSUB
DBM25PK
1Gb Gb 1.8V NAND Flash Errata 1Gb的NAND闪存千兆1.8V的勘误表
Industrial Mid-Range Soldering Iron; Power Rating:60W; Tip Temperature:850 F; Features:Incls.: One 67D 1/4" Dia., 3-3/8" L Long-Tapered Diamond-Style Paragon Soldering Tip RoHS Compliant: Yes

File Size 724.12K  /  38 Page

View it Online

Download Datasheet

    SAMSUNG SEMICONDUCTOR CO. LTD.
Samsung Semiconductor Co., Ltd.
Part No. K9K2G08U0M-FIB0 K9K2G08U0M-VCB0 K9K2G08U0M-VIB0 K9K2G08U0M-FCB0 K9K2G08Q0M-YIB0 K9K2G08U0M-YIB0 K9K2G16Q0M-YIB0 K9K2G16U0M-YIB0 K9K2G08Q0M-PCB0 K9K2G08U0M-PCB0 K9K2G16Q0M-PCB0 K9K2G16U0M-PCB0 K9K2G16U0M-PIB0 K9K2G16U0M-YCB0 K9K2G16Q0M-YCB0 K9K2G08U0M-PIB0 K9K2G16Q0M-PIB0 K9K2G08U0M-YCB0 K9K2G08Q0M-YCB0 K9K2G08Q0M-PIB0
OCR Text ... Mar. 13.2003 0.8 Mar. 17.2003 0.9 1.0 Apr. 9. 2003 Jan. 27. 2004 The attached data sheets are prepared and approved by SA...95V Organization X8 X16 X8 X16 X8 WSOP1 TSOP1 PKG Type FEATURES * Voltage Supply -1.8V device(K9...
Description 256M x 8 Bit / 128M x 16 Bit NAND Flash Memory 256M × 8 128M的16位NAND闪存

File Size 742.51K  /  38 Page

View it Online

Download Datasheet

For 17.95v Found Datasheets File :: 1523    Search Time::4.032ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 17.95v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.61285185813904