Part Number Hot Search : 
DA221M 1117S50 SB1100S ISL6421A 8050J P4FMAJ18 MAX5393 HA17080
Product Description
Full Text Search
  16pin Datasheet PDF File

For 16pin Found Datasheets File :: 501    Search Time::1.781ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AK436604 AK4366VT AK4366

AKM
Asahi Kasei Microsystems
Part No. AK436604 AK4366VT AK4366
OCR Text ...t 16. The AK4366 is housed in a 16pin TSSOP package, making it suitable for portable applications. FEATURE Multi-bit DAC Sampling Rate: 8kHz48kHz 64x Oversampling On chip perfect filtering 8 times FIR interpolator - Passband: 20kHz - Passb...
Description 24-bit DAC 8-48KHz with 50mW Headphone Amp
Low Power 24-Bit 2ch DAC with HP-AMP

File Size 332.18K  /  31 Page

View it Online

Download Datasheet





    Maxim Integrated Products, Inc.
Part No. DS1820
OCR Text ...vdd dallas ds1820 3 2 1 ds1820s 16pin ssop ds1820 pr35 package 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 nc nc nc nc nc nc nc gnd nc nc nc nc nc nc vdd dq bottom view see mech. drawings section see mech. drawings section pin description gnd g...
Description 1Wire Digital Thermometer(数字温度 DIGITAL TEMP SENSOR-SERIAL, 9BIT(s), 2Cel, ROUND, THROUGH HOLE MOUNT

File Size 160.73K  /  27 Page

View it Online

Download Datasheet

    Samsung Semiconductor Co., Ltd.
SAMSUNG SEMICONDUCTOR CO. LTD.
Part No. S5F329PW02-DAB0
OCR Text ...horizontal register: 5v drive ? 16pin plastic dip package ? field integration read out system ? no dc bias on reset gate structure ? number of total pixels: 537(h) 597(v) ? number of effective pixels: 500(h) 582(v) ? chip size : 6.00m...
Description 1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA 1 / 3英寸CCD图像传感器的无线电咨询委员会相机

File Size 216.23K  /  18 Page

View it Online

Download Datasheet

    DS1306

Maxim Integrated Products, Inc.
DALLAS SEMICONDUCTOR
Part No. DS1306
OCR Text ...e ordering information ds1306 16pin dip ds1306n 16pin dip (industrial) ds1306e 20pin tssop ds1306en 20pin tssop (industrial) description the ds1306 serial alarm real time clock provides a full bcd clock calendar which is accessed via a si...
Description Serial Alarm Real Time Clock (RTC)(串行报警实时时钟(RTC 0 TIMER(S), REAL TIME CLOCK, PDIP16
Serial Alarm Real Time Clock (RTC)(涓茶??ヨ?瀹???堕?锛?TC锛?

File Size 165.87K  /  20 Page

View it Online

Download Datasheet

    AK4381 AK4381VT AKD4381

AKM[Asahi Kasei Microsystems]
Part No. AK4381 AK4381VT AKD4381
OCR Text ...81 is offered in a space saving 16pin TSSOP package. FEATURES o Sampling Rate Ranging from 8kHz to 192kHz o 128 times Oversampling (Normal Speed Mode) o 64 times Oversampling (Double Speed Mode) o 32 times Oversampling (Quad Speed Mode) o 2...
Description 192KHz 108dB DAC, differential outputs
108DB 192KHZ 24-BIT 2CH DAC

File Size 228.06K  /  21 Page

View it Online

Download Datasheet

    AK5354 AK5354VT AKD5354

AKM[Asahi Kasei Microsystems]
Asahi Kasei Microsystems Co.,Ltd
Asahi Kasei Microsystem...
Part No. AK5354 AK5354VT AKD5354
OCR Text ...not required. As the package is 16pin TSSOP, the AK5354 is a suitable for minimizing system. FEATURES 1. Resolution : 20bits 2. Recording Functions * 2-Stereo Inputs Selector * Analog Input PGA * Monaural Mixing * Digital HPF for DC-offset ...
Description    LOW POWER 20 BIT ADC WITH PGA
Low Power 20Bit ## ADC with PGA
Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:16-35 RoHS Compliant: No
Lowe Power 20Bit ΔΣ ADC with PGA(带可编程增益放大器的低电0位ΔΣA/D转换

File Size 107.86K  /  19 Page

View it Online

Download Datasheet

    AN7520 AN7511S AN7513 AN7513S AN7510S AN7512

PANASONIC CORP
Panasonic Semiconductor
Part No. AN7520 AN7511S AN7513 AN7513S AN7510S AN7512
OCR Text ...12 an7513 1.0w 2ch 5v 8 w hdip-16pin 1.0w 1ch 5v 8 w hdip-16pin 1.0w 2ch 5v 8 w dip-8pin 1.0w 1ch 5v 8 w dip-8pin an7510s an7511s an7512s an7513s 0.5w 2ch 5v 16 w sop-16pin 0.5w 1ch 5v 16 w sop-16pin 0.5w 2ch 5v 16 w sop-8pin 0.5w 1...
Description BTL Audio Power IC
   BTL Audio Power IC

File Size 280.31K  /  25 Page

View it Online

Download Datasheet

    MC1066-D

ON Semiconductor
Part No. MC1066-D
OCR Text ...g, 10 m a (max) standby mode ? 16pin plastic qsop package typical applications ? thermal protection for intel adeschuteso pentium ? ii and other high performance cpus with integrated onboard diode - no sensor mounting problems! ? accurate...
Description ACPI-Compliant SMBus Temperature Sensor with Internal and External Diode Input

File Size 98.44K  /  16 Page

View it Online

Download Datasheet

    SCI7654C0A

Epson Company
Part No. SCI7654C0A
OCR Text ... package: sci7654m 0a ssop2-16pin (plastic), sci7654c 0a dip-16pin (plastic) block diagram double/triple/quadruple boosting 95% excellent power conversion efficiency built-in voltage regulator v dd poff1 poff2 fc v in c1p c2p c...
Description (SCI7654M0A / SCI7654C0A) DC/DC Converter

File Size 123.02K  /  10 Page

View it Online

Download Datasheet

For 16pin Found Datasheets File :: 501    Search Time::1.781ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 16pin

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.77272987365723