Part Number Hot Search : 
SSF2N60D CA3081F AK4103A 10VWM KSP27TA MAX504 74LVC2 DTC14
Product Description
Full Text Search
  16mhz Datasheet PDF File

For 16mhz Found Datasheets File :: 1344    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LBT19101

SIPAT Co,Ltd
Part No. LBT19101
OCR Text 16mhz Bandwidth Part Number: LBT19101 www. sipatsaw.com SIPAT Co., Ltd. Features For IF SAW filter High attenuation Single-ended operation Dual In-line Package RoHS compliant (2002/95/EC), Pb-free Specifications Parameter Ce...
Description 191MHz SAW Filter 16mhz Bandwidth

File Size 139.97K  /  3 Page

View it Online

Download Datasheet





    MAX11126 MAX11127 MAX11122 MAX11121 MAX11125 MAX11128

Maxim Integrated Products
Part No. MAX11126 MAX11127 MAX11122 MAX11121 MAX11125 MAX11128
OCR Text ...optimal power management. the 16mhz, 3-wire serial interface directly connects to spi, qspik , and microwirek devices without external logic. excellent dynamic performance, low voltage, low power, ease of use, and small package size ...
Description (MAX11120 - MAX11128) 4-/8-/16-Channel ADCs

File Size 2,722.15K  /  40 Page

View it Online

Download Datasheet

    M306KAFCLRP 16C6KA

Renesas Electronics Corporation
Part No. M306KAFCLRP 16C6KA
OCR Text ...xecution ....... 62.5ns (f(XIN)=16mhz, with 0 wait, Vcc=3.3V) * Supply voltage ........................................... 3.0 to 3.6V (f(XIN)=16mhz with 0 wait) * Supply voltage for Program/Erase ............. 3.0 to 3.6V (CPU reprogram mo...
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Description

File Size 2,088.63K  /  268 Page

View it Online

Download Datasheet

    HT45FM03B10

http://
Holtek Semiconductor Inc
Part No. HT45FM03B10
OCR Text ...ee fixed frequencies: 12MHz, 16mhz or 20MHz * Watchdog Timer function * PFD for audio frequency generation * Power down and wake-up functions to reduce 100,000 times * Flash program memory data retention > 10 years * ICP (In-Circuit...
Description Brushless DC Motor Flash Type 8-Bit MCU

File Size 664.04K  /  83 Page

View it Online

Download Datasheet

    HT45FM03B

Holtek Semiconductor Inc
Part No. HT45FM03B
OCR Text ...ee fixed frequencies: 12MHz, 16mhz or 20MHz * Watchdog Timer function * PFD for audio frequency generation * Power down and wake-up functions to reduce power consumption General Description The HT45FM03B is 8-bit, high performanc...
Description Brushless DC Motor Flash Type 8-Bit MCU

File Size 580.93K  /  83 Page

View it Online

Download Datasheet

    MAX5894EGKD MAX5894EGK-D MAX589408

Maxim Integrated Products
Maxim Integrated Produc...
Part No. MAX5894EGKD MAX5894EGK-D MAX589408
OCR Text ...Density = -154dBFS/Hz at fOUT = 16mhz o 91dBc SFDR at Low-IF Frequency (10MHz) o 88dBc SFDR at High-IF Frequency (50MHz) o Low Power: 886mW (fCLK = 250MHz) o User Programmable Selectable 2x, 4x, or 8x Interpolating Filters < 0.01dB Passband...
Description 14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs

File Size 298.20K  /  32 Page

View it Online

Download Datasheet

    GM82C765B

Hynix Semiconductor
Part No. GM82C765B
OCR Text ... signals for internal timing. A 16mhz oscillator controls the data rate of 500, 250 and 125Kbits/sec, while a 9.6MHz oscillator controls the 300Kbit/sec data rate used in PC/AT designs. The two XTAL oscillator circuits may be used for the 4...
Description FLOPPY DISK SUBSYSTEM CONTROLLER

File Size 211.83K  /  37 Page

View it Online

Download Datasheet

    MAX7060ATG

Maxim Integrated Products
Part No. MAX7060ATG
OCR Text ...MHz to 450MHz, fXTAL = 15MHz to 16mhz, TA = -40NC to +125NC, unless otherwise noted. Typical values are at VDD5 = VGPOVDD = +5V, TA = +25NC, PA matched for optimum output power, unless otherwise noted. All min and max values are 100% tested...
Description 280MHz to 450MHz Programmable ASK/FSK Transmitter

File Size 1,249.04K  /  30 Page

View it Online

Download Datasheet

    BD8918F BD8918FV BD8919F BD8919FV

Rohm
Part No. BD8918F BD8918FV BD8919F BD8919FV
OCR Text ... oscillator: 8MHz (BD8918F/FV), 16mhz (BD8919F/FV) 10) Programmable for card clock division of output signal: 1/1 and 1/2(BD8918F/FV), 1/2 and 1/4(BD8919F/FV). 11) RST output control by RSTIN input signal (positive output) 12) One multiplex...
Description IC Card Interface ICs with Built-in Low Noise LDO Regulator

File Size 316.40K  /  16 Page

View it Online

Download Datasheet

For 16mhz Found Datasheets File :: 1344    Search Time::1.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 16mhz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
8.1344459056854