Part Number Hot Search : 
29LV033 ICM72 EC3SM LT323A SG2812 ST63126 LVC245A LS4148L0
Product Description
Full Text Search
  16dip Datasheet PDF File

For 16dip Found Datasheets File :: 41    Search Time::0.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 |   

    EM84510EP EM84510FP EM84510AP EM84510 EM84510BP EM84510CP EM84510DP

ELAN Microelectronics C...
EMC[ELAN Microelectronics Corp]
ELAN Microelctronics Corp .
Part No. EM84510EP EM84510FP EM84510AP EM84510 EM84510BP EM84510CP EM84510DP
OCR Text ...tion. Package type: EM84510AP : 16dip, Photo couples input. (Z/1) EM84510DP: 16dip, Mechanical input. (Z/1) EM84510BP : 16dip, Key-switches input. EM84510EP : 16dip, Photo couples input. (Z/4) EM84510CP : 16dip, Voltage-sensing input. EM845...
Description PS/2 SCROLLING MOUSE CONTROLLER

File Size 106.89K  /  19 Page

View it Online

Download Datasheet





    Hyundai
Part No. GMS87C1202 GMS87C1102
OCR Text ... INT1 NO YES NO YES Package 16dip/SOP 20DIP/SOP 16dip/SOP 20DIP/SOP 1.2 Features * 2K bytes On-chip Program Memory * 128 Bytes of On-Chip Data RAM * Minimum Instruction execution time: - 500ns at 8MHz (2cycle NOP Instruction) * 2.7V...
Description CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
From old datasheet system

File Size 784.50K  /  80 Page

View it Online

Download Datasheet

    Holtek Microelectronics Inc
Part No. HT6513B-16dip
OCR Text M+ Plug & Play Mouse Controller Features * * * * * * * HT6513B Supports optomechanical mouse In M+ mode, compatible with Plug and Play Fit a defined Windows 95 class name in M+ mode Uses 32.768kHZ crystal Crystal oscillator circuits...
Description Controller Miscellaneous - Datasheet Reference
From old datasheet system

File Size 149.63K  /  11 Page

View it Online

Download Datasheet

    GMS87C1202E GMS87C1102 GMS87C1102E

Hynix Semiconductor
Part No. GMS87C1202E GMS87C1102 GMS87C1102E
OCR Text ... INT1 NO YES NO YES Package 16dip/SOP 20DIP/SOP 16dip/SOP 20DIP/SOP 1.2 Features * 2K bytes On-chip Program Memory * 128 Bytes of On-Chip Data RAM * Minimum Instruction execution time: - 500ns at 8MHz (2cycle NOP Instruction) * 2.7V...
Description CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 797.10K  /  80 Page

View it Online

Download Datasheet

    FAN3506

Fairchild Semiconductor
Part No. FAN3506
OCR Text ...2% 16-Pin Dual In-line Package (16dip-300) Description The FAN3506 is complete housekeeping circuitry for use in the secondary side of PC SMPS (Switched Mode Power Supply). It contains various functions, which are over voltage protectio...
Description PC SMPS Secondary Side Control IC

File Size 160.37K  /  16 Page

View it Online

Download Datasheet

    EMC[ELAN Microelectronics Corp]
Part No. EM84520 EM84520BP EM84520CP EM84520DP EM84520EP EM84520FP EM84520AP
OCR Text .../2) * Package type: EM84520AP : 16dip, Photo couples input. (Z/1) EM84520DP: 16dip, Mechanical input. (Z/1) EM84520BP : 16dip, Key-switches input. EM84520EP : 16dip, Photo couples input. (Z/4) EM84520CP : 16dip, Voltage-sensing input. EM845...
Description 2-IN-ONE SCROLLING MOUSE CONTROLLER

File Size 120.34K  /  19 Page

View it Online

Download Datasheet

    GMS34112 GMS34140 GMS34004

Hynix Semiconductor
Part No. GMS34112 GMS34140 GMS34004
OCR Text ...GMS34004 512 32 4 4 6 D0 ~ D5 16dip/SOP GMS34012 c c 4 c 6 D0 ~ D5 20DIP/SOP GMS34112 1024 c c c 6 D0 ~ D5 c GMS34120 c c c c 8 D0 ~ D7 24DIP/SOP GMS34140 c c c c 10 D0 ~ D9 c Table 1-1 GMS340 series members 1- 1 Ch...
Description 4-BIT SINGLE CHIP MICROCOMPUTERS

File Size 359.92K  /  105 Page

View it Online

Download Datasheet

    GMS30000EVA GMS30004 GMS30012 GMS30112 GMS30140 GMS30120

HYNIX[Hynix Semiconductor]
HYMIX
Part No. GMS30000EVA GMS30004 GMS30012 GMS30112 GMS30140 GMS30120
OCR Text ... 6 D0 ~ D5 20DIP/SOP D0 ~ D5 16dip/SOP a a Table 1-1 GMS300 series members 1- 1 Chapter 1. Introduction Block Diagram The GMS300 series is composed as shown below. These blocks are detailed in CHAPTER2. RESET 1 VDD 24 GND...
Description 4-BIT SINGLE CHIP MICROCOMPUTERS

File Size 754.63K  /  158 Page

View it Online

Download Datasheet

    EM83812 EM83812AP EM83812BP EM83812FP EM83812CP EM83812DP EM83812EP

Elan Microelectronics, Corp.
ELAN Microelctronics Corp .
EMC[ELAN Microelectronics Corp]
Part No. EM83812 EM83812AP EM83812BP EM83812FP EM83812CP EM83812DP EM83812EP
OCR Text .../2) * Package type: EM83812AP : 16dip, Photo couples input. (Z/1) EM83812DP: 16dip, Mechanical input. (Z/1) EM83812BP : 16dip, Key-switches input. EM83812EP : 16dip, Photo couples input. (Z/4) EM83812CP : 16dip, Voltage-sensing input. EM838...
Description ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER 全InOne的插
ALL-INONE PLUG & PLAY SCRLLING SERIAL MOUSE CONTROLLER

File Size 84.56K  /  11 Page

View it Online

Download Datasheet

    GM6535

Hynix Semiconductor
Part No. GM6535
OCR Text ...fTx VDD RxPS/fRx RxPDo fin-R 16dip 16 SOP (150Mil) ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to vss ) Ranting Symbol VDD DC Supply Voltage Vin Input Voltage, all Inputs Iin , Iout DC Current Drain Per Pin IDD , ISS DC Current D...
Description 60 MHz Universal Programmable Dual PLL Frequency synthesizer

File Size 219.99K  /  23 Page

View it Online

Download Datasheet

For 16dip Found Datasheets File :: 41    Search Time::0.984ms    
Page :: | <1> | 2 | 3 | 4 | 5 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 16dip

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.55035519599915