Part Number Hot Search : 
V225N AC1501 100ML 35000 GOG94020 5KP75A EP314 102KA
Product Description
Full Text Search
  1670 Datasheet PDF File

For 1670 Found Datasheets File :: 763    Search Time::1.234ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    S190-80 S190 S190-100 S190-120 S190-140 S190-150 S190-30 S190-40 S190-65

Fujitsu Component Limited.
Fujitsu Limited
FUJITSU[Fujitsu Media Devices Limited]
Fujitsu Microelectronics
Part No. S190-80 S190 S190-100 S190-120 S190-140 S190-150 S190-30 S190-40 S190-65
OCR Text ...680 850 180 2680 x 2850 1800 1670 936 1000 1670 x 2450 In preparation: UL 1950 protection class 1 EN 55022 A, EN 50082-1 and EN 6100-3-2/3 In preparation: FCC class A 89/336/EEC (RFI) and 73/23/EEC (product safety) CE mark in accor...
Description Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; Number of Contacts:4; Connector Shell Size:13; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight
BUSINESS SERVERS

File Size 82.12K  /  4 Page

View it Online

Download Datasheet





    IRF7413 7413

International Rectifier
Part No. IRF7413 7413
OCR Text ...p. --- 44 7.9 9.2 8.8 8.0 35 14 1670 670 100 2290 680 1020 Max. Units Conditions --- S VDS = 10V, ID = 7.2A 66 ID = 7.2A --- nC VDS = 24V --- VGS = 10V, --- VDD = 100V --- ID = 7.2A ns --- RG = 6.2 --- VGS = 10V --- VGS = 0V --- VDS = 25V ...
Description Power MOSFET(Vdss=30V, Id=12A)
Power MOSFET(Vdss=30V/ Id=12A)

File Size 121.55K  /  8 Page

View it Online

Download Datasheet

    MP04TT1550 MP04TT1550-15-W2 MP04TT1550-15-W3 MP04TT1550-15-W3A MP04TT1550-16-W2 MP04TT1550-16-W3 MP04TT1550-16-W3A MP04T

http://
DYNEX[Dynex Semiconductor]
Dynex Semiconductor Ltd.
Dynex Semiconductor, Ltd.
Part No. MP04TT1550 MP04TT1550-15-W2 MP04TT1550-15-W3 MP04TT1550-15-W3A MP04TT1550-16-W2 MP04TT1550-16-W3 MP04TT1550-16-W3A MP04TT1550-17-W2 MP04TT1550-17-W3 MP04TT1550-17-W3A MP04TT1550-18-W2 MP04TT1550-18-W3 MP04TT1550-18-W3A
OCR Text ...1 min, 50Hz Max. 1438 1280 1860 1670 14 0.975X106 11.2 0.625X106 3000 Units A A A A kA A2s kA A2s V THERMAL AND MECHANICAL RATINGS Symbol Rth(j-W) Parameter Thermal resistance - junction to water (per thyristor) Test Conditions dc, 4.5 ...
Description Dual Thyristor Water Cooled Welding Module Preliminary Information 1438 A, 1800 V, SCR
Dual Thyristor Water Cooled Welding Module Preliminary Information 1438 A, 1500 V, SCR
Dual Thyristor Water Cooled Welding Module Preliminary Information 1438 A, 1700 V, SCR
Dual Thyristor Water Cooled Welding Module Preliminary Information 1438 A, 1600 V, SCR

File Size 185.61K  /  10 Page

View it Online

Download Datasheet

    NTP125N02R NTB125N02R NTB125N02RT4

ONSEMI[ON Semiconductor]
Part No. NTP125N02R NTB125N02R NTB125N02RT4
OCR Text ...s Crss - - - 2710 1105 227 3440 1670 640 pF VGS(th) 1.0 - RDS(on) - - - - gFS - 44 - 3.7 4.9 3.7 4.7 - - 4.6 6.2 Mhos 1.5 5.0 2.0 - Vdc mV/C mW V(BR)DSS 25 - IDSS - - IGSS - - - - 1.5 10 100 nAdc 28 15 - - Vdc mV/C mAdc Symbol Min Typ Max U...
Description Power MOSFET 125 A / 24 V N-Channel TO-220 / D2PAK
Power MOSFET 125 A/ 24 V N-Channel TO-220/ D2PAK
Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
Power MOSFET 125 A 24 V N-Channel TO-220 D2PAK

File Size 68.88K  /  6 Page

View it Online

Download Datasheet

    STM1645-10 2875

SGS Thomson Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. STM1645-10 2875
OCR Text ...5 1640 1645 1650 1655 1660 1665 1670 Frequency (MHz) 20 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 Temperature(Deg C) 3/5 STM1645-10 APPLICATIONS RECOMMENDATIONS OPERATION LIMITS The STM1645-10 power...
Description RF POWER MODULES SATELLITE COMMUNICATIONS APPLICATIONS
From old datasheet system

File Size 50.06K  /  5 Page

View it Online

Download Datasheet

    NTD110N02R NTD110N02RG NTD110N02RT4 NTD110N02RT4G NTD110N02R-001 NTD110N02R-001G

ONSEMI[ON Semiconductor]
Part No. NTD110N02R NTD110N02RG NTD110N02RT4 NTD110N02RT4G NTD110N02R-001 NTD110N02R-001G
OCR Text ...ss Coss Crss 2710 1105 450 3440 1670 640 pF VGS(th) 1.0 RDS(on) 4.1 5.5 3.9 5.5 gFS 44 1.5 5.0 2.0 mV/C mW V V(BR)DSS 24 IDSS 1.5 10 IGSS 100 nA 28 15 V mV/C mA Symbol Min Typ Max Unit 4.6 6.2 Mhos Reverse Recovery Time trr ta tb Q...
Description Power MOSFET 12.5 A, 24 V, 0.0062 ohm, N-CHANNEL, Si, POWER, MOSFET
Power MOSFET 110 Amps, 24 volts, N-channel, DPAK

File Size 64.15K  /  8 Page

View it Online

Download Datasheet

    STB80NF03L-04-1 STB80NF03L-04T4 STP80NF03L-04-1 STB80NF03L-04 STP80NF03L-04 STP80NF03L-0403

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
Part No. STB80NF03L-04-1 STB80NF03L-04T4 STP80NF03L-04-1 STB80NF03L-04 STP80NF03L-04 STP80NF03L-0403
OCR Text ...5 V ID = 15 A Min. Typ. 50 5500 1670 290 Max. Unit S pF pF pF VDS = 25V, f = 1 MHz, VGS = 0 2/11 STB80NF03L-04/-1/STP80NF03L-04 ELECTRICAL CHARACTERISTICS (continued) SWITCHING ON Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Del...
Description N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET⑩ II POWER MOSFET
N-CHANNEL 30V - 0.0035 OHM - 80A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET
N-CHANNEL 30V - 0.0035 OHM - 80A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET
N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET?/a> II POWER MOSFET
N-CHANNEL 30V - 0.0035 W - 80A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET⑩ II POWER MOSFET
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET?/a> II POWER MOSFET
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Metal; Series:PC C-26482 Series I; No. of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PC00; Number of Contacts:4; Connector Shell Size:8; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle

File Size 358.69K  /  11 Page

View it Online

Download Datasheet

    STD30PF03L STD30PF03L-1

ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
意法半导
Part No. STD30PF03L STD30PF03L-1
OCR Text ...f = 1 MHz, VGS = 0 Min. Typ. 23 1670 345 120 Max. Unit S pF pF pF 2/8 STD30PF03L - STD30PF03L-1 ELECTRICAL CHARACTERISTICS (CONTINUED) SWITCHING ON Symbol td(on) tr Qg Qgs Qgd Parameter Turn-on Delay Time Rise Time Total Gate Char...
Description P-CHANNEL 30V 0.025 OHM 24A DPAK/IPAK STRIPFET II POWER MOSFET
P-CHANNEL 30V - 0.025ohm - 24A DPAK/IPAK STripFET?/a> II POWER MOSFET
P-CHANNEL 30V - 0.025ohm - 24A DPAK/IPAK STripFET II POWER MOSFET
P-CHANNEL 30V - 0.025ohm - 24A DPAK/IPAK STripFET⑩ II POWER MOSFET
PC 5C 5#20 PIN RECP

File Size 318.66K  /  8 Page

View it Online

Download Datasheet

For 1670 Found Datasheets File :: 763    Search Time::1.234ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1670

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1796081066132