Part Number Hot Search : 
SR162 SR6D4040 SMA16 1052237 12400 MAX17 2N2606 RPM2CP9
Product Description
Full Text Search
  162245 Datasheet PDF File

For 162245 Found Datasheets File :: 11    Search Time::1.5ms    
Page :: | <1> | 2 |   

    Pericom Semiconductor C...
Pericom Technology
Pericom Semiconductor Corp.
Pericom Semiconductor, Corp.
Part No. PI3B16245AE PI3B16245VE PI3B162245 PI3B16245
OCR Text ...0.0v, 16245 5 8 w i on = 48ma 162245 20 28 40 v cc = min., v in = 2.4v, 16245 10 15 w i on = 15ma 162245 20 35 48 storage temperature ....................................................... C65c to +150c ambient temperature with power...
Description 3.3V, 16-Bit, 2-Port NanoSwitch?
3.3V/ 16-Bit/ 2-Port NanoSwitch
3.3V/ Hot Insertion/ 16-Bit/ 2-Port BusSwitch
3.3V, 16-Bit, 2-Port NanoSwitch 3.3伏,16位,2端口NanoSwitch
3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch 3.3,热插入6位,2端口BusSwitch

File Size 92.12K  /  3 Page

View it Online

Download Datasheet





    PERICOM[Pericom Semiconductor Corporation]
Part No. PI5C16245V PI5C16245 PI5C16245A PI5C16245B
OCR Text ...876543210987654321 PI5C16245/162245 16-Bit, 2-Port Bus Switch Maximum Ratings (Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ..........................................................
Description 16-Bit, 2-Port Bus Switch

File Size 187.51K  /  5 Page

View it Online

Download Datasheet

    PI3B16245 PI3B16245A PI3B16245AE PI3B16245V PI3B16245VE PI3B16224 PI3B162245

PERICOM[Pericom Semiconductor Corporation]
Part No. PI3B16245 PI3B16245A PI3B16245AE PI3B16245V PI3B16245VE PI3B16224 PI3B162245
OCR Text ...., VIN = 2.4V, ION = 15mA 16245 162245 16245 162245 Min. 2.0 -0.5 -- -- -- -- -- 20 -- 20 Typ(2) -- -- -- -- -- -0.7 5 28 10 35 Max. -- 0.8 1 1 1 -1.2 8 40 15 48 Units V V A A A V Capacitance (TA = 25C, f = 1 MHz) Paramete...
Description 3.3V Hot Insertion 16-Bit 2-Port BusSwitch
3.3V 16-Bit 2-Port NanoSwitch
3.3V, 16-Bit, 2-Port NanoSwitch⑩
3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch

File Size 73.55K  /  3 Page

View it Online

Download Datasheet

    STMICROELECTRONICS[STMicroelectronics]
Part No. 74VCX162245TTR 74VCX162245
OCR Text ...CTION COMPATIBLE WITH 74 SERIES 162245 LATCH-UP PERFORMANCE EXCEEDS 300mA (JESD 17) ESD PERFORMANCE: HBM > 2000V (MIL STD 883 method 3015); MM > 200V TSSOP ORDER CODES PACKAGE TSSOP TUBE T&R 74VCX162245TTR PIN CONNECTION DESCRI...
Description LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS

File Size 277.90K  /  13 Page

View it Online

Download Datasheet

    74LVTH162245 74LVT162245 74LVT162245MEAX 74LVTH162245MEA 74LVTH162245MEX

Fairchild Semiconductor
Part No. 74LVTH162245 74LVT162245 74LVT162245MEAX 74LVTH162245MEA 74LVTH162245MEX
OCR Text ...y compatible with the 74 series 162245 s Latch-up performance exceeds 500 mA s ESD performance: Human-body model > 2000V Machine model > 200V Charged-device model > 1000V s Also packaged in plastic Fine Pitch Ball Grid Array (FBGA) Order...
Description Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25 Ohm Series Resistors in A Port Outputs

File Size 90.52K  /  9 Page

View it Online

Download Datasheet

    74LVT162245 74LVT162245MEA 74LVT162245MTD 74LVTH162245 74LVTH162245MEA 74LVTH162245MEX 74LVTH162245MTD 74LVTH162245MTX 7

Fairchild Semiconductor
Part No. 74LVT162245 74LVT162245MEA 74LVT162245MTD 74LVTH162245 74LVTH162245MEA 74LVTH162245MEX 74LVTH162245MTD 74LVTH162245MTX 74LVTH1622
OCR Text ...y compatible with the 74 series 162245 s Latch-up performance exceeds 500 mA Ordering Code: Order Number 74LVT162245MEA (Note 1) 74LVT162245MTD (Note 1) 74LVTH162245MEA 74LVTH162245MEX (Note 2) 74LVTH162245MTD 74LVTH162245MTX (Note 2) P...
Description Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs
Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25з Series Resistors in A Port Outputs

File Size 77.72K  /  7 Page

View it Online

Download Datasheet

    74LVC162245 74LVCH162245ADL VCH162245ADL 74LVC162245A 74LVC162245ADGG 74LVC162245ADL 74LVCH162245A 74LVCH162245ADGG VC16

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. 74LVC162245 74LVCH162245ADL VCH162245ADL 74LVC162245A 74LVC162245ADGG 74LVC162245ADL 74LVCH162245A 74LVCH162245ADGG VC162245ADGG VC162245ADL VCH162245ADGG
OCR Text ...GND 21 2B6 22 2B7 23 2DIR 24 162245 Fig.1 Pin configuration SSOP48 and TSSOP48. 2003 Dec 08 4 Philips Semiconductors Product specification 16-bit transceiver with direction pin; 30 series termination resistors; 5 V tol...
Description 16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
16-bit transceiver with direction pin;

File Size 101.20K  /  17 Page

View it Online

Download Datasheet

    LVT162245 74LVT162245 74LVT162245G 74LVT162245MEA 74LVT162245MTD 74LVTH162245 74LVTH162245G 74LVTH162245MEA 74LVTH162245

Fairchild Semiconductor, Corp.
Fairchild Semiconductor Corporation
FAIRCHILD[Fairchild Semiconductor]
Part No. LVT162245 74LVT162245 74LVT162245G 74LVT162245MEA 74LVT162245MTD 74LVTH162245 74LVTH162245G 74LVTH162245MEA 74LVTH162245MEX 74LVTH162245MTD 74LVTH162245MTX
OCR Text ...y compatible with the 74 series 162245 s Latch-up performance exceeds 500 mA s ESD performance: Human-body model ! 2000V Machine model ! 200V Charged-device model ! 1000V s Also packaged in plastic Fine Pitch Ball Grid Array (FBGA) O...
Description Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs LVT SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48
Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25? Series Resistors in A Port Outputs
Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs

File Size 95.46K  /  9 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. 74VCX162245TTR
OCR Text ...ction compatible with 74 series 162245 n latch-up performance exceeds 300ma (jesd 17) n esd performance: hbm > 2000v (mil std 883 method 3015); mm > 200v description the 74vcx162245 is a low voltage cmos 16 bit bus transceiver (3-state) fab...
Description LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS

File Size 278.74K  /  13 Page

View it Online

Download Datasheet

For 162245 Found Datasheets File :: 11    Search Time::1.5ms    
Page :: | <1> | 2 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 162245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.61283111572266