Part Number Hot Search : 
PC03015 C8250 PA21M D361K FDS8960 33642P 402CS PIC16F6
Product Description
Full Text Search
  161.1328mhz Datasheet PDF File

For 161.1328mhz Found Datasheets File :: 32    Search Time::2.094ms    
Page :: | <1> | 2 | 3 | 4 |   

    ECLIPTEK CORP
Part No. EMCL12E2J-161.1328M
OCR Text 161.1328m emcl12 e 2 j -161.1328m series rohs compliant (pb-free) 2.5v 6 pad 5mm x 7mm plastic smd lvpecl mems oscillator frequency toleranc...1328mhz logic control / additional output standby (st) and complementary output electrical specifica...
Description CRYSTAL OSCILLATOR, CLOCK, 161.1328 MHz, LVPECL OUTPUT

File Size 205.78K  /  5 Page

View it Online

Download Datasheet





    ICS840271I 840271BGILF 840271BGILFT

Integrated Device Technology
Part No. ICS840271I 840271BGILF 840271BGILFT
OCR Text ...t), 156.25mhz (10gbe xaui) and 161.1328mhz ( 10gb ethernet) to an output frequency of 25mhz. the pll does not any require external components. the input frequency is selectable by a 2-pin interface. the ics840271i is opti mized for low ...
Description SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR

File Size 650.47K  /  13 Page

View it Online

Download Datasheet

    ECLIPTEK CORP
Part No. EMDS12E2J-161.1328M
OCR Text 161.1328m emds12 e 2 j -161.1328m series rohs compliant (pb-free) 2.5v 6 pad 5mm x 7mm plastic smd lvds mems oscillator frequency tolerance/...1328mhz logic control / additional output standby (st) and complementary output electrical specifica...
Description CRYSTAL OSCILLATOR, CLOCK, 161.1328 MHz, LVDS OUTPUT

File Size 244.49K  /  5 Page

View it Online

Download Datasheet

    ICS840272I

Integrated Device Technology
Part No. ICS840272I
OCR Text ...or single-ended input signals: 161 .1328125mhz (10gbe mode), 156.25mhz (1gbe mode), or 125mhz (recovered clock from 10/100/1000baset ethe...1328mhz, 156.25mhz or 125mhz ? output frequency: 25mhz, 8khz ? full 3.3v supply voltage ? -40c to 8...
Description Synchronous Ethernet Frequency Translator

File Size 844.44K  /  15 Page

View it Online

Download Datasheet

    Integrated Device Technology, Inc.
Part No. 8N3PGDAMBKI-025LF 8N3PGDAMBKI-025LFT
OCR Text ...onfiguration, an input clock of 161.1328mhz is converted to 25mhz output. the device uses idt?s fourth generation femtoclock ng technology to deliver low phase noise clocks combined with low power consumption. the rms phase jitter at 25...
Description LOW SKEW CLOCK DRIVER, PBCC10 5 X 7 MM, 1 MM HEIGHT, ROHS COMPLIANT, VFQFN-10

File Size 673.49K  /  20 Page

View it Online

Download Datasheet

    NBXSPA008LN1TAG NBXSPA008LNHTAG

ON Semiconductor
Part No. NBXSPA008LN1TAG NBXSPA008LNHTAG
OCR Text ...a008/d nbxspa008 2.5 v / 3.3 v, 161.1328mhz lvds clock oscillator the nbxspa008 single frequency crystal oscillator (xo) is designed to meet today?s requirements for 2.5 v and 3.3 v lvds clock generation applications. the device uses a high...
Description 2.5 V / 3.3 V, 161.1328MHz LVDS Clock Oscillator

File Size 112.06K  /  6 Page

View it Online

Download Datasheet

    CCPD-912-25-155.520 CCPD-912X-20-155.520 CCPD-912X-25-155.520 CCPD-912-50-155.520 CCPD-912 CCPD-912-155.520 CCPD-912-20-

Crystek Corporation
Part No. CCPD-912-25-155.520 CCPD-912X-20-155.520 CCPD-912X-25-155.520 CCPD-912-50-155.520 CCPD-912 CCPD-912-155.520 CCPD-912-20-155.520 CCPD-912M-155.520 CCPD-912M-20-155.520 CCPD-912M-25-155.520 CCPD-912M-50-155.520 CCPD-912X-155.520 CCPD-912X-50-155.520
OCR Text ... Phase Noise: 77.760MHz to 161.1328mhz 20ppm to 100ppm 0C to 70C -20C to 70C -40C to 85C -55C to 120C 3.3V 0.3V 55mA Typ, 88mA Max Differential LVPECL 45/55% Max @ 50% Vdd 1ns Max @ 20% to 80% Vdd into 50 ohms "0" = 1.490 Min, 1.680 M...
Description Differential LVPECL Clock Oscillator 9X14 mm SMD, 3.3V, LVPECL

File Size 109.83K  /  1 Page

View it Online

Download Datasheet

    E13C4D2F-155.520M E13C4D2F-155.520MTR E13C4D2F-155520M E13C4D2F-155520MTR E13C4D1F-155.520M E13C4D1F-155.520MTR E13C4D1F

Ecliptek Corporation
Part No. E13C4D2F-155.520M E13C4D2F-155.520MTR E13C4D2F-155520M E13C4D2F-155520MTR E13C4D1F-155.520M E13C4D1F-155.520MTR E13C4D1F-155520M E13C4D1F-155520MTR E13C4M1F-155.520M E13C4M1F-155.520MTR E13C4M1F-155520M E13C4M1F-155520MTR E13C4L2F-155.520M E13C4L2F-155.520MTR E13C4L2F-155520M E13C4L2F-155520MTR E13C4E1F-155.520M E13C4E1F-155.520MTR E13C4E1F-155520M E13C4E1F-155520MTR
OCR Text ...3.333MHz, 155.52MHz, 156.25MHz, 161.1328mhz or 166MHz 0C to 70C, -5C to 85C, or -40C to +85C -55C to 125C 3.3VDC 5% 75mA Maximum Inclusive of Operating Temperature Range, Supply Voltag, Load, and 1st year Aging at 25C VCC-1.025VDC Minimum V...
Description OSCILLATOR

File Size 159.86K  /  3 Page

View it Online

Download Datasheet

    E13C4N1F-155.520M E13C4N1F-155.520MTR E13C4N1F-155520M E13C4N1F-155520MTR E13C4E2F-155.520M E13C4E2F-155.520MTR E13C4E2F

Ecliptek Corporation
Part No. E13C4N1F-155.520M E13C4N1F-155.520MTR E13C4N1F-155520M E13C4N1F-155520MTR E13C4E2F-155.520M E13C4E2F-155.520MTR E13C4E2F-155520M E13C4E2F-155520MTR E13C4G1F-155.520M E13C4G1F-155.520MTR E13C4G1F-155520M E13C4G1F-155520MTR E13C4H1F-155.520M E13C4H1F-155.520MTR E13C4H1F-155520M E13C4H1F-155520MTR E13C4G2F-155.520M E13C4G2F-155.520MTR E13C4G2F-155520M E13C4G2F-155520MTR E13C4C1F-155.520M E13C4C1F-155.520MTR E13C4J1F-155.520M E13C4J1F-155.520MTR E13C4J1F-155520M E13C4J1F-155520MTR E13C4J2F-155.520M E13C4J2F-155.520MTR E13C4J2F-155520M E13C4J2F-155520MTR E13C4L1F-155.520MTR E13C4L1F-155520M E13C4L1F-155520MTR E13C4C1F-155520MTR E13C4C2F-155.520M E13C4C2F-155.520MTR E13C4C2F-155520M E13C4C2F-155520MTR E13C4H2F-155.520M E13C4H2F-155.520MTR E13C4M2F-155.520M E13C4N2F-155.520M E13C4H2F-155520M E13C4H2F-155520MTR
OCR Text ...3.333MHz, 155.52MHz, 156.25MHz, 161.1328mhz or 166MHz 0C to 70C, -5C to 85C, or -40C to +85C -55C to 125C 3.3VDC 5% 75mA Maximum Inclusive of Operating Temperature Range, Supply Voltag, Load, and 1st year Aging at 25C VCC-1.025VDC Minimum V...
Description OSCILLATOR

File Size 160.23K  /  3 Page

View it Online

Download Datasheet

    CCPD-914M-155.520 CCPD-914M-20-155.520 CCPD-914M-25-155.520 CCPD-914-50-155.520 CCPD-914M-50-155.520 CCPD-914 CCPD-914-1

Crystek Corporation
Part No. CCPD-914M-155.520 CCPD-914M-20-155.520 CCPD-914M-25-155.520 CCPD-914-50-155.520 CCPD-914M-50-155.520 CCPD-914 CCPD-914-155.520 CCPD-914-20-155.520 CCPD-914-25-155.520 CCPD-914X-155.520 CCPD-914X-20-155.520 CCPD-914X-25-155.520 CCPD-914X-50-155.520
OCR Text ... Phase Noise: 77.760MHz to 161.1328mhz 20ppm to 100ppm 0C to 70C 0C to 70C -40C to 85C -55C to 120C 3.3V 0.3V 55mA Typ, 88mA Max Differential LVPECL 45/55% Max @ 50% Vdd 1ns Max @ 20% to 80% Vdd into 50 ohms "0" = 1.490 Min, 1.680 Max...
Description Differential LVPECL Clock Oscillator 9X14 mm SMD, 3.3V, LVPECL

File Size 109.53K  /  1 Page

View it Online

Download Datasheet

For 161.1328mhz Found Datasheets File :: 32    Search Time::2.094ms    
Page :: | <1> | 2 | 3 | 4 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 161.1328mhz

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.4058921337128