Part Number Hot Search : 
MSK707 IN4006 9H122M CM7515 AW56W SPN7002 25001 F08A50PT
Product Description
Full Text Search
  16-26 Datasheet PDF File

For 16-26 Found Datasheets File :: 136287    Search Time::3ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    26-61-3150

Molex Electronics Ltd.
Part No. 26-61-3150
OCR Text ...1770-0002/0018 pin no: 2161-16(102) pin no: 43294-0470 pin no: 43294-0471 pin no: 2161-52(102) plating: 102 C tin pla...26-60-3020 a-41772-0002 41772-0463 a-41772-0463 41772-0480 a-41772-0480 26-60-3021 a-41...
Description 3.96mm (.156) Pitch KK Solid Header, Right Angle, without Peg, 15 Circuits, Gold (Au) Plating

File Size 245.26K  /  10 Page

View it Online

Download Datasheet





    26-61-3120

Molex Electronics Ltd.
Part No. 26-61-3120
OCR Text ...3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Material No 26-60-3020 26-60-3030 26-60-3040 26-60-3050 26-60-3060 26-60-3070 26-60-3080 26-60-3090 26-60-3100 26-60-3110 26-60-3120 26-60-3130 26-60-3140 26-60-3150 26-60-3160 26-60-3170 26-60-3180 ...
Description 3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 12 Circuits, Gold (Au) Plating
3.96mm (.156) Pitch KK Solid Header, Right Angle, without Peg, 12 Circuits, Gold (Au) Plating

File Size 245.06K  /  10 Page

View it Online

Download Datasheet

    26-48-1065 0026481065 A-41671-A06A102

Molex Electronics Ltd.
Part No. 26-48-1065 0026481065 A-41671-A06A102
OCR Text ...3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Material No 26-48-1025 26-48-1035 26-48-1045 26-48-1055 26-48-1065 26-48-1075 26-48-1085 26-48-1095 26-48-1105 26-48-1115 26-48-1125 26-48-1135 26-48-1145 26-48-1155 26-48-1165 ...
Description 3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Square Pin, with Friction Lock, 6 Circuits, Tin (Sn) Plating
3.96mm (.156) Pitch KK Header, Breakaway, Vertical, Square Pin, with Friction Lock, 6 Circuits, Tin (Sn) Plating

File Size 269.90K  /  10 Page

View it Online

Download Datasheet

    82-26-5716 7234-16-100B

Molex Electronics Ltd.
Part No. 82-26-5716 7234-16-100B
OCR Text ... 26 AWG (1 x 26) Solid, Tinned, 16 Circuits, Reel 30.48m (100.0' ) Length Series RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed ...
Description 2.54mm (.100) Pitch Round Conductor Flat Cable - 26 AWG (1 x 26) Solid, Tinned, 16 Circuits

File Size 214.12K  /  4 Page

View it Online

Download Datasheet

    Motorola Mobility Holdings, Inc.
Part No. LYY876-R2T1-26 LYY876-Q2T1-26
OCR Text ...% i rel max i f = 20 ma ? 16 16 16 15 nm abstrahlwinkel bei 50 % i v (vollwinkel) (typ.) viewing angle at 50 % i v 2 ? 120 120 120 120 grad deg. durchlassspannung 6) seite 15 (min.) forward voltage 6) page 15 (typ.) i...
Description SINGLE COLOR LED, YELLOW, 1.7 mm ROHS COMPLIANT, SMT, 2 PIN

File Size 274.52K  /  15 Page

View it Online

Download Datasheet

    LTC6401-26 LTC6401CUD-26-PBF LTC6401IUD-26-PBF LTC6401CUD-26-TRPBF LTC6401IUD-26-TRPBF

Linear Technology
Part No. LTC6401-26 LTC6401CUD-26-PBF LTC6401IUD-26-PBF LTC6401CUD-26-TRPBF LTC6401IUD-26-TRPBF
OCR Text ... designed to drive 12-, 14- and 16-bit ADCs with low noise and low distortion, but can also be used as a general-purpose broadband gain block. The LTC6401-26 is easy to use, with minimal support circuitry required. The output common mode vo...
Description 1.6GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz

File Size 217.26K  /  16 Page

View it Online

Download Datasheet

    CX74063-26

Skyworks Solutions Inc.
Part No. CX74063-26
OCR Text ...I WWW.SKYWORKSINC.COM 1 MAY 16, 2003 Data Sheet I CX74063-26 TX1800/TX1900 TXVCO TUNE VCCTXVCO UHFTUNE VCCUHF UHFBYP TX900 RXQN RXQP VCC4 VCC3 RXIN RXIP 56 55 54 53 52 51 50 ...
Description RF TRANSCEIVER FOR MULTI-BAND GSM, GPRS, AND EDGE APPLICATIONS WITH POWER RAMPING CONTROLLER AND INTEGRATED CRYSTAL OSCILLATOR WITH 26 MHZ OUTPUT

File Size 1,164.96K  /  59 Page

View it Online

Download Datasheet

    Samtec, Inc.
SAMTEC INC
Part No. MOLC-1-26-31-P-Q MOLC-1-26-31-S-Q MOLC-1-36-31-P-Q MOLC-1-36-31-S-Q MOLC-1-06-31-S-Q MOLC-1-06-31-P-Q MOLC-1-06-31-SM-Q MOLC-1-48-11-P-Q MOLC-1-10-61-S-Q MOLC-1-44-11-SM-Q
OCR Text ...m .2885[7.33] .1435[3.65] .6400[16.26] .075[1.91] t-1r20-03-xxx molc-xx-q-02 pt-1-24-15-29 tp-07 -31 -p,-s,-sm .4335[11.01] .1435[3.65] .6400[16.26] .075[1.91] t-1r20-02-xxx molc-xx-q-04 pt-1-24-01-40 tp-13 -61 -p,-s,-sm .2200[5.58] .1435[3...
Description 104 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
144 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
192 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
176 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER

File Size 553.63K  /  2 Page

View it Online

Download Datasheet

    LTC6400-26 LTC6400CUD-26-PBF LTC6400CUD-26-TRPBF LTC6400IUD-26-PBF LTC6400IUD-26-TRPBF

Linear Technology
Part No. LTC6400-26 LTC6400CUD-26-PBF LTC6400CUD-26-TRPBF LTC6400IUD-26-PBF LTC6400IUD-26-TRPBF
OCR Text ... designed to drive 12-, 14- and 16-bit ADCs with low noise and low distortion, but can also be used as a general-purpose broadband gain block. The LTC6400-26 is easy to use, with minimal support circuitry required. The output common mode vo...
Description 1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz

File Size 216.89K  /  16 Page

View it Online

Download Datasheet

For 16-26 Found Datasheets File :: 136287    Search Time::3ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 16-26

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5594470500946