Part Number Hot Search : 
STD5KA70 EUP2539 MST6110C PJS6809 LTC144 FEC15 P4N40F UM91260B
Product Description
Full Text Search
  15ma. Datasheet PDF File

For 15ma. Found Datasheets File :: 7748    Search Time::1.312ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Panasonic Battery Group
Part No. UF383551F
OCR Text 15ma. cut) discharge:cc:0.79a(e.v.:2.5v) 40 20 0 -10 -20 0 200 400 600 800 1000 discharge capacity / mah 2.0 2.5 3.0 3.5 4.0 4.5 cell voltage / v charge:cc-cv:0.79a-4.2v(15ma. cut) discharge:variable current(e.v.:2.5v) 0.2ca(...
Description Cell Type UF383551F
Battery

File Size 213.06K  /  1 Page

View it Online

Download Datasheet





    SP6683EB SP6683UEB SP6683ER

SIPEX[Sipex Corporation]
Part No. SP6683EB SP6683UEB SP6683ER
OCR Text ...uation Board was set up for a 4 15mA LED application even though there are 6 LED spots on the board. The output of SP6683 was open as default. If the customer has discrete white LEDs, then the discrete white LEDs should be soldered to the D...
Description Evaluation Board Manual

File Size 301.88K  /  5 Page

View it Online

Download Datasheet

    TEA1110A

Unisonic Technologies
Part No. TEA1110A
OCR Text ...LECTRIC CHARACTERISTICS (Iline=15mA, VEE=0V, RSLPE=20, AGC pin connected to VEE, Zline=600, f=1kHz, Ta=25, unless otherwise specified) PARAMETER SYMBOL CONDITIONS MIN 3.1 TYP 3.35 1.6 2.3 3.65 4.4 MAX 3.6 UNIT V V ...
Description LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE

File Size 245.75K  /  9 Page

View it Online

Download Datasheet

    BFR92W Q62702-F1488

SIEMENS AG
SIEMENS[Siemens Semiconductor Group]
Part No. BFR92W Q62702-F1488
OCR Text ...Parameter, f = 900MHz 25 IC=15mA dB 0.9GHz 5V 4V 3V G 14 0.9GHz 12 10 8 6 4 2 0 0 2 4 6 8 10 V 13 V CE 1.8GHz IP3 dBm 15 2V 1.8GHz 10 1V 5 0 0 5 10 15 20 mA IC 30 Power Gain Gma, Gms = f(f) VCE = Param...
Description NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA) NPN硅射频晶体管(对于宽带放大器高达2GHz和快速的非饱和由0.5毫安0毫安的集电极电流开关)
NPN Silicon RF Transistor (For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA) L BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR
From old datasheet system

File Size 57.35K  /  7 Page

View it Online

Download Datasheet

    CDIL
Part No. 2N2221 2N2222
OCR Text ...tage v ce(sat) *i c =150ma,i b =15ma 0.4 v i c =500ma,i b =50ma 1.6 v base emitter saturation voltage v be(sat) *i c =150ma,i b =15ma 0.6 1.3 v i c =500ma,i b =50ma 2.6 v continental device india limited data sheet page 1 of 4 continental d...
Description NPN SILICON PLANAR SWITCHING TRANSISTORS

File Size 229.05K  /  4 Page

View it Online

Download Datasheet

    2N2221

Continental Device India Limited
Part No. 2N2221
OCR Text ...tage v ce(sat) *i c =150ma,i b =15ma 0.4 v i c =500ma,i b =50ma 1.6 v base emitter saturation voltage v be(sat) *i c =150ma,i b =15ma 0.6 1.3 v i c =500ma,i b =50ma 2.6 v continental device india limited data sheet page 1 of 4 continental d...
Description NPN SILICON PLANAR SWITCHING TRANSISTORS

File Size 146.11K  /  4 Page

View it Online

Download Datasheet

    OS5M7NE1E1E OS5M7NE1E1EVER.1

OptoSupply International
Part No. OS5M7NE1E1E OS5M7NE1E1EVER.1
OCR Text ... dc forward voltage v f i f =15ma 66 70 76 v dc reverse current i r v r =25v - - 10 a luminous flux v i f =15ma 90 100 - lm color temperature cct i f =15ma - 3000 - k x i f =15ma - 0.44 - - c...
Description Xeon Power Warm Whiite LED
Xeon Power Pure White LED 1W 70V

File Size 139.03K  /  2 Page

View it Online

Download Datasheet

    OS4W7NE1E1E OS4W7NE1E1EVER.1

OptoSupply International
OptoSupply Internationa...
Part No. OS4W7NE1E1E OS4W7NE1E1EVER.1
OCR Text ... dc forward voltage v f i f =15ma 66 70 76 v dc reverse current i r v r =25v - - 10 a luminous flux v i f =15ma 90 100 - lm color temperature cct i f =15ma - 6500 - k x i f =15ma - 0.31 - - c...
Description Highest Luminous Flux
Xeon Power Pure White LED 1W 70V

File Size 138.99K  /  2 Page

View it Online

Download Datasheet

    CMPT2907AE

Central Semiconductor Corp
Part No. CMPT2907AE
OCR Text ...BO IE=10A VCE(SAT) IC=150mA, IB=15mA VCE(SAT) IC=500mA, IB=50mA VBE(SAT) IC=150mA, IB=15mA VBE(SAT) IC=500mA, IB=50mA hFE VCE=10V, IC=0.1mA hFE VCE=10V, IC=1.0mA hFE VCE=10V, IC=10mA hFE VCE=10V, IC=150mA hFE VCE=10V, IC=500mA fT VCE=20...
Description ENHANCED SPECIFICATION SURFACE MOUNT PNP SILICON TRANSISTOR

File Size 138.02K  /  2 Page

View it Online

Download Datasheet

    GL6962 GL6962A

HYNIX[Hynix Semiconductor]
Part No. GL6962 GL6962A
OCR Text ...Iline = 1mA Iline = 4mA Iline = 15mA Iline = 100mA Iline = 140mA Iline = 15mA RVA(LN to REG)=68 k U RVA(REG to SLPE)=39k U VCC = 2.8V Iline = 15mA MIN TYP MAX UNIT 3.55 4.9 - 1.6 1.9 4.0 5.7 3.5 4.5 0.9 4.25 6.5 7.5 1.35 V V V V...
Description Low Voltage Universal Speech Network

File Size 106.26K  /  12 Page

View it Online

Download Datasheet

For 15ma. Found Datasheets File :: 7748    Search Time::1.312ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 15ma.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.7069900035858