Part Number Hot Search : 
PS25451 88523 R1A7G RN142V MAX1070 G125G 150CT 5671A4
Product Description
Full Text Search
  15k-ohm Datasheet PDF File

For 15k-ohm Found Datasheets File :: 1343    Search Time::2.328ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    VND1NV04 VNN1NV04 VNS1NV04 VNS1NV0413TR VND1NV0413TR VNN1NV0413TR VND1NV04-1

ST Microelectronics
意法半导
STMICROELECTRONICS[STMicroelectronics]
http://
Part No. VND1NV04 VNN1NV04 VNS1NV04 VNS1NV0413TR VND1NV0413TR VNN1NV0413TR VND1NV04-1
OCR Text ...S1NV04 RDS(on) 250 m Ilim 1.7 A Vclamp 2 40 V 1 2 3 n LINEAR CURRENT LIMITATION n THERMAL SHUT DOWN n SHORT CIRCUIT PROT...5K, C=100pF) Electrostatic Discharge on output pin only (R=330, C=150pF) Total Dissipation at Tc=25C...
Description "OMNIFET II": FULLY AUTOPROTECTED POWER MOSFET
OMNIFET II FULLY AUTOPROTECTED POWER MOSFET
OMNIFET II: FULLY AUTOPROTECTED POWER MOSFET
“OMNIFET II”: FULLY AUTOPROTECTED POWER MOSFET
“OMNIFET II? FULLY AUTOPROTECTED POWER MOSFET

File Size 390.95K  /  18 Page

View it Online

Download Datasheet





    VNS1NV04D VNS1NV04D13TR VNS1NV04D-E

http://
STMICROELECTRONICS[STMicroelectronics]
ST Microelectronics
Part No. VNS1NV04D VNS1NV04D13TR VNS1NV04D-E
OCR Text ...ce RDS(on) 250 m (*) Ilim 1.7 A (*) Vclamp 40 V (*) n LINEAR CURRENT LIMITATION n THERMAL SHUT DOWN n SHORT CIRCUIT PROTECTION n...5K, C=100pF) Electrostatic Discharge on output pins only (R=330, C=150pF) Total Dissipation at Tc=25...
Description “OMNIFET II? FULLY AUTOPROTECTED POWER MOSFET
OMNIFET II: FULLY AUTOPROTECTED POWER MOSFET
“OMNIFET II”: FULLY AUTOPROTECTED POWER MOSFET
"OMNIFET II": FULLY AUTOPROTECTED POWER MOSFET

File Size 242.99K  /  14 Page

View it Online

Download Datasheet

    SP6122CU SP6122EB SP6122UEB

SIPEX[Sipex Corporation]
Part No. SP6122CU SP6122EB SP6122UEB
OCR Text ... Power Converters Very Accurate 1.5% Reference over Line, Load, Temperature Small Micro 8 Package DESCRIPTION The SP6122 Eval...5K. To accommodate the user who wants to externally program the SP6122 output voltage, the SP6122 Ev...
Description Evaluation Board Manual

File Size 315.81K  /  6 Page

View it Online

Download Datasheet

    SP6132EB SP6132CU

SIPEX[Sipex Corporation]
Part No. SP6132EB SP6132CU
OCR Text ... Converter Precision 0.80V with 1% High Accuracy Reference. UVIN and Output Dead Short Circuit Shutdown Protection Features. High Efficiency...5k, 1% Rz2 = 68.1k (1.0V / 12V) (60khz / 10khz) 40.2k, 1% Cz2 = 1 / (40.2k) (10khz) 820pF, COG Cp...
Description Evaluation Board Manual

File Size 403.35K  /  9 Page

View it Online

Download Datasheet

    SP6645UEB SP6644EB SP6644UEB SP6644 SP6644EU SP6645 SP6645EU

SIPEX[Sipex Corporation]
Part No. SP6645UEB SP6644EB SP6644UEB SP6644 SP6644EU SP6645 SP6645EU
OCR Text .... USING THE EVALUATION BOARD 1) Powering Up the SP6644/6645 Circuit The SP6644/6645 Evaluation Board can be powered from inputs from a +0...5K to allow the circuit to deliver up to 80mA for 1.3V input and 150mA for 2.6V input. Other values ...
Description Evaluation Board Manual

File Size 143.52K  /  5 Page

View it Online

Download Datasheet

    HMC273MS10G

HITTITE[Hittite Microwave Corporation]
Part No. HMC273MS10G
OCR Text 1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz Features 1 dB LSB Steps to 31 dB Single Positive Control Per BIT +/- 0.5 dB Typ...5K Ohm resistor is required. Electrical Specifications, TA = +25 C, Vdd = +3V to +5V & Vctl = 0/...
Description 1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.7 GHz

File Size 184.64K  /  6 Page

View it Online

Download Datasheet

    MA4SPS302

MACOM[Tyco Electronics]
Part No. MA4SPS302
OCR Text ...ing unnecessary. 2 R S value @ 1 mA makes the devices suitable for smaller current consumption applications. 1. 2. Backside metal: 0....5k 1%]. Even though tested die pass 100V ESD, they must be handled in a static-free environment. ...
Description Surface Mount Monolithic PIN Diode Chip 表面贴装芯片单片PIN二极

File Size 55.50K  /  3 Page

View it Online

Download Datasheet

    PA21A PA21 PA26 PA25 PA25A

List of Unclassifed Man...
Electronic Theatre Controls, Inc.
ETC[ETC]
List of Unclassifed Manufacturers
Part No. PA21A PA21 PA26 PA25 PA25A
OCR Text ...ISTORTION R2 9K +28V R1 5K + 1/2 PA21 COMMAND INPUT 0/10V - A M R3 10K R4 10K - B + 1/2 PA21 R5 10K +28V APPLICATIONS * HALF & FULL BRIDGE MOTOR DRIVERS * AUDIO POWER AMPLIFIER STEREO -- 18W RMS per channel BRIDGE -- 36W RMS per p...
Description    POWER DUAL OPERATIONAL AMPLIFIERS
POWER DUAL OPERATIONAL AMPLIFIERS 功耗双运算放大

File Size 83.30K  /  5 Page

View it Online

Download Datasheet

    TEA2025B TEA2025D TEA2025 TEA-2025

STMicroelectronics N.V.
ST Microelectronics
STMICROELECTRONICS[STMicroelectronics]
Part No. TEA2025B TEA2025D TEA2025 TEA-2025
OCR Text ...15 Unit V IO TJ Tstg 1.5 150 150 A C C BLOCK DIAGRAM GND(Sub) IN 1+ FEED 50 10K START CIRCUIT SVR + GND GND BOOT 1 OUT 1 THERMAL PROTECT. 1 1 5K DECOUPLING VS+ BRIDGE 50 IN 2+ + 2 10K 2 50 D94AU120...
Description STEREO AUDIO AMPLIFIER 立体声音频放大器

File Size 80.89K  /  9 Page

View it Online

Download Datasheet

    Unisem Group
UNISEM[UNISEM]
Part No. US3022 US3022CW
OCR Text ...ution for Vcore, GTL+ ,AGP Bus, 1.8V , 2.5V Automatic Voltage Selection for AGP slot's Vddq supply 4 Linear regulator controller on board to...5K pull up to 5V Vsen1 ramping up Vsen1 ramping down Io=3mA OCset=0V , Phase=5V Note 1: Vs refers...
Description 4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER

File Size 60.07K  /  7 Page

View it Online

Download Datasheet

For 15k-ohm Found Datasheets File :: 1343    Search Time::2.328ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 15k-ohm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.54243087768555