Part Number Hot Search : 
UMT2N Z85C30 X5165 HFA08 3DD102E F2805 CQ10A03L X5169PZ
Product Description
Full Text Search
  15-ohm Datasheet PDF File

For 15-ohm Found Datasheets File :: 24469    Search Time::2.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    716W-15-15

Qualtek Electronics Corporation
Part No. 716W-15-15
OCR Text ...-08 APPROVED DP LY 32.0 3 15.8 0 0.5 21.5 0.5 0 27.5 4.0 0.2 0 18MIN 5.7 0 0.15 25.2 14 0.2 0 23.0 0 0.5 29.5 0.5 0 6.3 ...OHM AT 500VDC DIELECTRIC STRENGTH: 2000V AC ONE MINUTE APPROVALS: UL,CSA, VDE PANEL THICKNESS: 1.5mm...
Description AC RECEPTACLE

File Size 287.46K  /  1 Page

View it Online

Download Datasheet





    813-SL95.0M-15

Oscilent Corporation
Part No. 813-SL95.0M-15
OCR Text 15 Page 1 of 2 IF SAW Filter Part Number Package Application Last Modified 813-SL95.0M-15 TYPE : 13.3 x 6.5 SMD IF SAW Filte...ohm ohm ppm/C dBp-p MHz MHz MHz MHz MHz dB ns us C *With Matching Network (Ref. Testing Environme...
Description IF SAW Filter

File Size 272.87K  /  2 Page

View it Online

Download Datasheet

    723-15-28

Qualtek Electronics Corporation
Part No. 723-15-28
OCR Text 15/28 description: ac receptacle tolerance +/- (mm) dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500 0.15 0.20 0.30 0.50 0.70 0.90 ...ohm contact resistance: < 10m ohm 9<15 ohm including fuseholder a.c. breakdown: pole-pole: ...
Description AC RECEPTACLE

File Size 258.91K  /  1 Page

View it Online

Download Datasheet

    723-15-63

Qualtek Electronics Corporation
Part No. 723-15-63
OCR Text 15/63 description: snap-in inlet with fuseholder tolerance +/- (mm) dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500 0.15 0.20 0.30...ohm 9<15 ohm including fuseholder insulation resistance: >10 m ohm a.c. breakdown: pole-pole 5...
Description SNAP-IN INLET WITH FUSEHOLDER

File Size 256.37K  /  1 Page

View it Online

Download Datasheet

    SP3-15-10 SP3-7-10 SP3-7-20 SP3-7-50 SP3-7-55 SP3-7-75 SP3-5-10 SP3-3-20 SP3-3-10 SP3-14-50 SP3-6-10 SP3-5-20 SP3-5-50 S

Rhombus Industries Inc.
Part No. SP3-15-10 SP3-7-10 SP3-7-20 SP3-7-50 SP3-7-55 SP3-7-75 SP3-5-10 SP3-3-20 SP3-3-10 SP3-14-50 SP3-6-10 SP3-5-20 SP3-5-50 SP3-5-55 SP3-5-75 SP3-4-10 SP3-4-20 SP3-4-50 SP3-4-55 SP3-4-75 SP3-2-10 SP3-2-20 SP3-2-55 SP3-2-75 SP3-2.5-10 SP3-2.5-20 SP3-2.5-50 SP3-2.5-55 SP3-2.5-75 SP3-20-10 SP3-20-20 SP3-20-50 SP3-20-55 SP3-20-75 SP3-12-50 SP3-3-50 SP3-3-55 SP3-14-10 SP3-14-20 SP3-14-55 SP3-14-75 SP3-11-10 SP3-11-20 SP3-11-50 SP3-11-55 SP3-11-75 SP3-10-10 SP3 SP3-2-50 SP3-16-20 SP3-1-50 SP3-1-55 SP3-3-75 SP3-1.5-10 SP3-1.5-20 SP3-9-55 SP3-9-75 SP3-9-10 SP3-1-75 SP3-10-50 SP3-12-20 SP3-13-50 SP3-13-20 SP3-16-10 SP3-6-55 SP3-6-50 SP3-6-75 SP3-8-55 SP3-8-50 SP3-9-20 SP3-1.5-75 SP3-13-75 SP3-13-10 SP3-12-10 SP3-10-75 SP3-13-55 SP3-1.5-50 SP3-16-50 SP3-16-55 SP3-10-20 SP3-16-75 SP3-15-50 SP3-1.5-55 SP3-15-55 SP3-15-75 SP3-9-50 SP3-10-55 SP3-15-20 SP3-6-20 SP3-8-75 SP3-8-20 SP3-12-75 SP3-12-55 SP3-1-10 SP3-1-20 SP3-0
OCR Text ...11 .40 12 .50 13 .60 14 .70 15 .70 16 .80 20 1.0 -- 1.6 1.6 1.6 1.6 1.7 1.7 1.8 2.0 2.3 2.7 2.9 3.3 3.3 3.6 4.0 4.3 4.6 4.8 5.6 .10 .20 .30 .40 .50 .60 .70 .80 .85 .90 .95 1.10 1.20 1.40 1.50 1.60 1.60 1.70 1.80 2.00 SP3-0 S...
Description SP3 Series Mini-SIP Passive Delay Modules

File Size 23.11K  /  1 Page

View it Online

Download Datasheet

    SCA-15

Stanford Microdevices
Part No. SCA-15
OCR Text 15 is a high performance Gallium Arsenide Hetrojunction Bipolar Transistor MMIC Amplifier. A Darlington configuration is utilized for broadb...Ohm : 1.5:1 VSWR * Patented GaAs HBT Technology * Operates From Single Supply * Low Thermal Resistan...
Description DC-3 GHz, Cascadable GaAs HBT MMIC Amplifier

File Size 253.70K  /  3 Page

View it Online

Download Datasheet

    723-15-48

Qualtek Electronics Corporation
Part No. 723-15-48
OCR Text ...-250 250-500 Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20 Drawn / Date B.Zhang 08-06-03 34.1 NOTES: MAX RATING: 10A 250V AC CONTACT RESISTANCE: <10 m OHM 9<15 OHM INCLUDING FUSEHOLDER 3 INSULATION RESISTANCE: >10 M OHM A.C. BREAK...
Description SNAP-IN INLET WITH FUSEHOLDER

File Size 255.44K  /  1 Page

View it Online

Download Datasheet

    W24257A-15 W24257AK-15 W24257AJ-15 W24257AS-12 W24257AJ-20 W24257A-10 W24257A-12 W24257A-35 W24257AK-12 W24257AQ-20 W242

Winbond Electronics, Corp.
Winbond Electronics Corp
Part No. W24257A-15 W24257AK-15 W24257AJ-15 W24257AS-12 W24257AJ-20 W24257A-10 W24257A-12 W24257A-35 W24257AK-12 W24257AQ-20 W24257AS-10 W24257AQ-10 W24257AS-20 W24257AJ-12 W24257AQ-15 W24257AK-20 W24257AK-10 W24257AQ-12 W24257A-20 W24257AJ-10 W24257AK
OCR Text ... High speed access time: 10/12/15/20 nS (max.) Low power consumption: - Active: 400 mW (typ.) Single +5V power supply Fully static operatio...ohm R1 480 ohm 5V OUTPUT 30 pF Including Jig and Scope R2 255 ohm 5V OUTPUT 5 pF Including Jig and S...
Description    32K X 8 High Speed CMOS Static RAM
32K X 8 High Speed CMOS Static RAM 32K X 8 STANDARD SRAM, 35 ns, PDIP28
ER 7C 5#16 2#12 PIN RECP WALL
ER 4C 3#12 1#8 PIN RECP

File Size 226.69K  /  11 Page

View it Online

Download Datasheet

    PC56-15

Superworld Electronics
Part No. PC56-15
OCR Text ...) pte ltd 2. schematic : pc56-15 (f) series power transformer pg. 1 note : specifications subject to change without notice. please check o...ohm . parallel 28.00v . pin 5-6 h. insulation resistance i. withstand voltage (hi-pot) secondar...
Description POWER TRANSFORMER

File Size 103.47K  /  1 Page

View it Online

Download Datasheet

    DPC56-15

Superworld Electronics
Part No. DPC56-15
OCR Text 15 (F) SERIES A-8 B 8 7 6 5 1 2 3 4 L A-8 A-8 4.76 (0.188) PC TERMINAL (PLUG-IN MOUNTING) TYPE DPC 8 PINS PCB Pat...Ohm . Primary-2 = 1725 Ohm . Secondary = 182.00 Ohm . = 199.50 Ohm . DC 500V 100Meg Ohm Of More . AC...
Description POWER TRANSFORMER

File Size 104.88K  /  1 Page

View it Online

Download Datasheet

For 15-ohm Found Datasheets File :: 24469    Search Time::2.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 15-ohm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.3119781017303