Part Number Hot Search : 
2E30A A2RKB1 0512S XR17V254 TA144 SB3100 12A01 BAV99F
Product Description
Full Text Search
  14.1 Datasheet PDF File

For 14.1 Found Datasheets File :: 13476    Search Time::0.89ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LC11011-141

SANYO[Sanyo Semicon Device]
Part No. LC11011-141
OCR Text 141 Computer Image Signal Processing Full-Color Gray-Scale Processor Preliminaly Overview The LC11011-141 is a pseudo gray scale processor for TFT LCD. It allows LCD panels with inputs of three to six bits per RGB to display the equivale...
Description Computer Image Signal Processing Full-Color Gray-Scale Processor

File Size 146.70K  /  7 Page

View it Online

Download Datasheet





    ICS9248-141 ICS9248YF-141-T

Integrated Circuit Syst...
ICST[Integrated Circuit Systems]
Integrated Device Technology, Inc.
Part No. ICS9248-141 ICS9248YF-141-T
OCR Text 141 AMD - K7TM System Clock Chip Recommended Application: VIA KX133 style chipset Output Features: * 1 - Differential pair open drain CPU clocks * 1 - Single-ended open drain CPU clock * 13 - SDRAM @ 3.3V * 6 - PCI @3.3V, * 1 - 48MHz, @...
Description AMD - K7?System Clock Chip
AMD - K7⑩ System Clock Chip
AMD K7 System Clock with up to 166MHz Processor Support
AMD - K7 System Clock Chip
Frequency Generator & Integrated Buffers
166.66 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO48 0.300 INCH, SSOP-48

File Size 153.35K  /  14 Page

View it Online

Download Datasheet

    Sanyo Electric Co., Ltd.
Part No. DL-3147-141
OCR Text 141(-241) no.5863 1/3 overview dl-3147-141(-241) is index guided 645 nm (typ.) algainp laser diode with low threshold current and high operating temperature. the low threshold current and high operating temperature are achieved by a straine...
Description Index Guided AlGaInP Laser Diode(变址导向AlGaInP激光二极管) 指数导铝镓铟磷激光二极管(变址导向铝镓铟磷激光二极管

File Size 51.06K  /  3 Page

View it Online

Download Datasheet

    Cinch Connectors
Part No. 11-141 20-141 12-141 18-141 14-141 5-141 5-141-W
OCR Text 141 .438 density, 6-32 x 1/4" bh screw, open bottom, double row electrical characteristics voltage rating: 250 vac rms maximum current rating: 20 amps maximum maximum watts per terminal: 5000 mec hanical characteristics maximum wire size: ...
Description Terminal Block; Number of Positions:11; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:11; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
Terminal Block; Number of Positions:20; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:20; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
Terminal Block; Number of Positions:12; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:12; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
Terminal Block; Number of Positions:18; Pitch Spacing:0.375"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:18; Peak Reflow Compatible (260 C):No 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
Terminal Block; Number of Positions:14; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:14; Peak Reflow Compatible (260 C):No
Terminal Block; Number of Positions:5; Pitch Spacing:0.438"; Wire Size (AWG):14; Color:Black; Leaded Process Compatible:No; Number of Contacts:5; Peak Reflow Compatible (260 C):No

File Size 54.18K  /  3 Page

View it Online

Download Datasheet

    13-141 13-141-34W 1-141-W MS-1-140 MS-10-140 MS-1-140-Y 4-140-W 4-141 4-141-34W 4-141-W MS-17-140-Y 11-140-W 11-141 11-1

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. 13-141 13-141-34W 1-141-W MS-1-140 MS-10-140 MS-1-140-Y 4-140-W 4-141 4-141-34W 4-141-W MS-17-140-Y 11-140-W 11-141 11-141-34W 11-141-W 2-141-34W 2-141-W 2-141-Y MS-19-140 MS-19-140-Y 6-141-34W 6-140-W 6-141-W 6-141-Y 23-140-W MS-3-140 14-141-Y 20-141-Y 20-140-W MS-20-140 MS-21-140 8-141-34W 7-141-34W
OCR Text ... amps #16 3750 2000 1100 bottom 141 .438 1-20 double 6-32 250 volts 20 amps #14 5000 2400 1100 bottom 142 .563 1-17 double 8-32 250 volts 30 amps #10 7500 2600 1600 bottom 150 .688 1-10 double 10-32 250 volts 40 amps #10 10,000 2400 1500 bo...
Description High-Speed Interconnect Technology

File Size 5,817.06K  /  282 Page

View it Online

Download Datasheet

    141-3SM

MINI-CIRCUITS
Part No. 141-3SM
OCR Text ...w a ve components coaxial cable 141 model series hand tm the big deal product overview the 141 series hand-flex coaxial cables are ideal for interconnection of coaxial components or sub-systems. the construction includes a silver-plated co...
Description INTERCONNECTION DEVICE

File Size 444.12K  /  2 Page

View it Online

Download Datasheet

    SANYO
Part No. DL-3147-141 DL-3147-241
OCR Text 141(-241) Red Laser Diode DL-3147-141(-241) Index Guided AlGaInP Laser Diode Overview DL-3147-141(-241) is index guided 645 nm (Typ.) AlGaInP laser diode with low threshold current and high operating temperature. The low threshol...
Description Red Laser Diode Index Guided AlGaInP Laser Diode

File Size 51.74K  /  3 Page

View it Online

Download Datasheet

    Cinch Connectors Ltd
Part No. MS-7-141 MS-13-141
OCR Text 141 .438 Density, 6-32 x 1/4" BH Screw, Open Bottom, Double Row Electrical Characteristics Voltage Rating: 250 VAC RMS maximum Current Rating: 20 Amps maximum Maximum Watts Per Terminal: 5000 Mechanical Characteristics Maximum Wi...
Description BARRIER BLK MARKER STRIP 13POS 20 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
Connector: Terminal Blocks Connector: PL: 7: 11.13: SOL

File Size 53.42K  /  3 Page

View it Online

Download Datasheet

    JH-141 JH-141PIN

M/A-COM Technology Solutions, Inc.
Part No. JH-141 JH-141PIN
OCR Text 141 High Frequency Quadrature Hybrid, 1 - 2 GHz Features * * * * * Octave Bandwidth Low VSWR: 1.25:1 Typical Miniature Size: 1/2" x 3/8" Flatpack Impedance: 50 Ohms Nominal Input Power: 25 Watts Max @ +25C, Derated to 1 Watt @ +85C * MIL...
Description High Frequency Quadrature Hybrid, 1 - 2 GHz

File Size 64.65K  /  2 Page

View it Online

Download Datasheet

For 14.1 Found Datasheets File :: 13476    Search Time::0.89ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 14.1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.1294689178467