Part Number Hot Search : 
HDF2415D MT8870 EMICO 25LF02 SAA7201 2SJ6810 ML120G6 LM741W
Product Description
Full Text Search
  1253 Datasheet PDF File

For 1253 Found Datasheets File :: 241    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LT1253 LT1253C LT1253CN8 LT1253CS8 LT1254 LT1254C LT1254CN LT1254CS

Linear Technology Corporation
LINER[Linear Technology]
Part No. LT1253 LT1253C LT1253CN8 LT1253CS8 LT1254 LT1254C LT1254CN LT1254CS
OCR Text ...53CN8 LT1253CS8 S8 PART MARKING 1253 N8 PACKAGE 8-LEAD PLASTIC DIP S8 PACKAGE 8-LEAD PLASTIC SOIC TJMAX = 150C, JA = 100C/ W (N) TJMAX = 150C, JA = 150C/ W (S) ELECTRICAL CHARACTERISTICS Symbol VOS +IB - IB AVOL PSRR CMRR VOUT ...
Description Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-PDIP 0 to 70
Low Cost Dual and Quad Video Amplifiers
From old datasheet system

File Size 244.21K  /  8 Page

View it Online

Download Datasheet





    NJM2373 NJM2373AF NJM2373AU NJM2373F NJM2373U NJM2376F NJM2376U

NJRC[New Japan Radio]
Part No. NJM2373 NJM2373AF NJM2373AU NJM2373F NJM2373U NJM2376F NJM2376U
OCR Text ...Current VKA=VREF,Ta=25C 1400 1253 Reference Voltage [mV] 0 10 20 30 1254 Reference Voltage [mV] 1200 1000 1252 1251 800 1250 Cathode Current [mA] 600 0 20 40 60 80 100 Cathode Current [uA] NJM2373/73A/76 R...
Description Adjustable High Precision Shunt Regulator

File Size 134.08K  /  6 Page

View it Online

Download Datasheet

    APE10616 APE12716 APEXX16 APE3116 APE1016 APE1516 APE2016 APE4116 APE6316 APE8416

Aplus Intergrated Circuits
APLUS[Apuls Intergrated Circuits]
Aplus Integrated Circuits Inc.
Part No. APE10616 APE12716 APEXX16 APE3116 APE1016 APE1516 APE2016 APE4116 APE6316 APE8416
OCR Text ...3 413 533 653 773 893 1013 1133 1253 Y 647 466 182 58 58 87 87 87 87 87 87 87 87 Pad # 14 15 16 17 18 19 20 21 22 23 24 25 Pad Name GND2 OSC1 PRB0/OSC2 PRC3 PRC2 PRC1 PRC0 PRD3 PRD2 PRD1 PRD0 GND1 X 1261 1261 1261 1261 1261 1261...
Description very low cost voice and melody synthesizer with 4-bits CPU
Circular Connector; No. of Contacts:32; Series:MS27656; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 成本低廉的语音和旋律合成4位的CPU

File Size 247.39K  /  8 Page

View it Online

Download Datasheet

    LC87F66C8A

SANYO[Sanyo Semicon Device]
Part No. LC87F66C8A
OCR Text ...# /44% / . + + 0- *)12+3 0- *)1253 * " " + . 0- *)12+3 0 *** 0,,'))* 06 7*))+* 7,)* 0.*7&4) 0.*7* 0 !/-( ,"+(),** 0 *** 0,,')7( 06 7*))+* 7,7( 0(7* .,** .,** *** $.)*** #. ,** %. ,** *** !. )*** 9 :** 9 :...
Description 8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip

File Size 759.36K  /  23 Page

View it Online

Download Datasheet

    MAX3320CAP MAX3320EAP MAX3320A MAX3320ABLT MAX3302T MAX3302L MAX3302B MAX3320T MAX3320L MAX3320B MAX3320_EAP MAX3320_CAP

Maxim Integrated Products, Inc.
MAXIM[Maxim Integrated Products]
Maixm
Part No. MAX3320CAP MAX3320EAP MAX3320A MAX3320ABLT MAX3302T MAX3302L MAX3302B MAX3320T MAX3320L MAX3320B MAX3320_EAP MAX3320_CAP
OCR Text 1253; Rev 0; 8/97 3V to 5.5V, up to 250kbps True RS-232 Transceiver with 4A AutoShutdown Plus and Power-On Reset _______________General Description The MAX3320 combines a microprocessor (P) supervisory circuit with an RS-232 transceive...
Description 16-Channel LVDS Receiver 64-TSSOP -40 to 85
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:17; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
3V to 5.5V, up to 250kbps True RS-232 Transceiver with 4A AutoShutdown Plus and Power-On Reset
"3V to 5.5V, Up to 250kbps True RS-232 Transceiver with 4?A AutoShutdown Plus? and Power On Reset"
3V to 5.5V, up to 250kbps True RS-232 Transceiver with 4レA AutoShutdown Plus and Power-On Reset
3V to 5.5V, up to 250kbps True RS-232 Transceiver with 4μA AutoShutdown Plus and Power-On Reset

File Size 113.95K  /  12 Page

View it Online

Download Datasheet

    ALTERA
Part No. EP2C35F484 EP2C35F484C8
OCR Text ...5,980 5,980 5,980 Medium 544-1253-ND Medium 544-1257-ND Medium 544-1057-ND Medium 544-1059-ND Medium 544-1080-ND Medium 544-1082-ND Medium 544-1084-ND Medium 544-1086-ND Medium 544-1260-ND 240-PQFP 12,060 240-PQFP 12,060 240-...
Description
File Size 98.04K  /  1 Page

View it Online

Download Datasheet

    Mitsumi
Part No. MM1251 MM1252 MM1253
OCR Text 1253 Remaining Battery Power Display Monolithic IC MM1251, 1252, 1253 Outline This IC detects battery voltage and displays the power remaining in the battery. Display of the battery's remaining power is an indispensable function for...
Description Remaining Battery Power Display

File Size 123.11K  /  6 Page

View it Online

Download Datasheet

    IRFR2605

International Rectifier
Part No. IRFR2605
OCR Text 1253 IRFR2605 IRFU2605 HEXFET(R) Power MOSFET Ultra Low On-Resistance ESD Protected Surface Mount (IRFR2605) Straight Lead (IRFU2605) 150C Operating Temperature Repetitive Avalanche Rated Fast Switching Description D VDSS = 55V G ...
Description 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package
HEXFET? Power MOSFET

File Size 161.20K  /  8 Page

View it Online

Download Datasheet

    Mitsubishi Electric, Corp.
Mitsubishi Electric Corporation
MITSUBISHI[Mitsubishi Electric Semiconductor]
Part No. FU-318SAP- FU-318SAP-M6 FU-318AP-M6
OCR Text ...ket dia. FU-318AP-M6 GI 501 0.2 1253 0.9 typ. Limits FU-318SAP-M6 SM 9.5 1 1252 0.9 typ. Unit mm mm mm mm MITSUBISHI (OPTICAL DEVICES) FU-318AP-M6/FU-318SAP-M6 InGaAs APD MODULE FOR LONG WAVELENGTH BAND OUTLINE DIAGRAM (Unit :...
Description InGaAs APD MODULE FOR LONG WAVELENGTH BAND 铟镓砷APD的模块长波段

File Size 39.35K  /  3 Page

View it Online

Download Datasheet

For 1253 Found Datasheets File :: 241    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1253

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.51059985160828