Part Number Hot Search : 
P89C58BA LT1307B SCB35L CM8462 KSC2755 553CVB LTC1380 GS816
Product Description
Full Text Search
  12-memory Datasheet PDF File

For 12-memory Found Datasheets File :: 56287    Search Time::1.812ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    RENESAS[Renesas Electronics Corporation]
Renesas Electronics Corporation.
Part No. HM62W8511HCLJP-12 HM62W8511HC HM62W8511HCJP-10 HM62W8511HCJP-12 HM62W8511HCLJP-10
OCR Text ...3.3 V 0.3 V * Access time : 10/12 ns (max) * Completely static memory No clock or timing strobe required * Equal access and cycle times * Directly TTL compatible All inputs and outputs * Operating current : 115/100 mA (max) * TTL standby...
Description Memory>Fast SRAM>Asynchronous SRAM
4M High Speed SRAM (512-kword x 8-bit)
BOX 5.0X1.85X1.0 W/CLP BLK

File Size 160.74K  /  16 Page

View it Online

Download Datasheet





    HITACHI[Hitachi Semiconductor]
Part No. HM62W16255HCTTI-12 HM62W16255CJPI12 HM62W16255CTTI12 HM62W16255HCI HM62W16255HCJPI-12
OCR Text ...pply: 3.3 V 0.3 V Access time: 12 ns (max) Completely static memory No clock or timing strobe required Equal access and cycle times Directly TTL compatible All inputs and outputs Operating current: 130 mA (max) TTL standby current: 40 mA...
Description Wide Temperature Range Version 4M High Speed SRAM (256-kword ′ 16-bit)
Wide Temperature Range Version 4M High Speed SRAM (256-kword ? 16-bit)

File Size 77.75K  /  17 Page

View it Online

Download Datasheet

    Macronix International Co., Ltd.
Part No. MX28F640C3BTTC-12 MX28F640C3BBTI-12 MX28F640C3BBTC-12 MX28F640C3BBTI-90
OCR Text ...3 a2 a1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 a16 vccq gnd q15 q7 q14 q6 q13 q5 q12 q4 vcc q11 q3 q10 q2 q9 q1 q8 q...memory address. data pin float to high-impedance when the chip is deselected or outputs are disable....
Description 64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 120 ns, PDSO48
64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 4M X 16 FLASH 3V PROM, 90 ns, PDSO48

File Size 309.80K  /  41 Page

View it Online

Download Datasheet

    Macronix International Co., Ltd.
Part No. MX29F100TTC-12 MX29F100TTA-12
OCR Text ...ory 1 p/n:pm0548 rev. 1.2, nov. 12, 2001 2 p/n:pm0548 mx29f100t/b rev. 1.2, nov. 12, 2001 pin configurations 44sop(500mil) (normal type) 4...memory location to be read. rd=data to be read at location ra. 2. pa = address of memory location to...
Description 1M-BIT [128Kx8/64Kx16] CMOS FLASH MEMORY 64K X 16 FLASH 5V PROM, 120 ns, PDSO48

File Size 713.63K  /  47 Page

View it Online

Download Datasheet

    Macronix International Co., Ltd.
Part No. 27C8100-12
OCR Text 12.5v programming voltage ? fast access time: 100/120/150/200 ns ? totally static operation ? completely ttl compatible ? operating cu...memory. it is organized as 1m x 8 or 512k x 16, operates from a single + 5 volt supply, has a stat...
Description 8M-BIT [1M x8/512K x16] CMOS OTP ROM 800万位[100万x8/512K x16]检察官办公室的CMOS光盘

File Size 528.07K  /  15 Page

View it Online

Download Datasheet

    X28HC64SIZ-12 X28HC64SIZ-70 X28HC64J-12 X28HC64JIZ-12 X28HC64P-12 X28HC64JIZ-90T1 X28HC64SIZ-12T1 X28HC64PIZ-12 X28HC64P

Intersil Corporation
http://
Intersil, Corp.
Part No. X28HC64SIZ-12 X28HC64SIZ-70 X28HC64J-12 X28HC64JIZ-12 X28HC64P-12 X28HC64JIZ-90T1 X28HC64SIZ-12T1 X28HC64PIZ-12 X28HC64P-90 X28HC64SZ-12 X28HC64S-12
OCR Text ...hc64 (32 ld plcc) top view nc a 12 a 7 a 6 a 5 a 4 a 3 a 2 a 1 a 0 i/o 0 i/o 1 i/o 2 v ss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 2...memory location during a read or write operation. chip enable (ce ) the chip enable input must be l...
Description 64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40&deg;C to 85&deg;C; Package: 32-PLCC T&amp;R 8K X 8 EEPROM 5V, 90 ns, PQCC32
64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40&deg;C to 85&deg;C; Package: 28-SOIC T&amp;R 8K X 8 EEPROM 5V, 120 ns, PDSO28
64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0&degC to 70&deg;C; Package: 28-PDIP 8K X 8 EEPROM 5V, 90 ns, PDIP28
64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40&deg;C to 85&deg;C; Package: 28-SOIC 8K X 8 EEPROM 5V, 70 ns, PDSO28

File Size 350.07K  /  17 Page

View it Online

Download Datasheet

    Mitsubishi Electric Corporation
Part No. MH4S64CZTJ-12 MH4S64CZTJ-15 MH4S64CZTJ-1539 MH4S64CWZTJ-1539
OCR Text 12,-15,-1539 268435456-bit (4194304-word by 64-bit)synchronousdram mitsubishi lsis ( / 45 ) mitsubishi electric oct.17.1996 prelimina...memory are required. this is a socket type - memory modules, suitable for easy interchange or addit...
Description Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT00; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle
Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:19; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-19
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT00; Number of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle
Circular Connector; Body Material:Aluminum; Series:PT00; Number of Contacts:5; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-5

File Size 713.08K  /  45 Page

View it Online

Download Datasheet

    Mitsubishi Electric Corporation
Part No. MH2S64CZTJ-12 MH2S64CZTJ-15 MH2S64CWZTJ-1539 MH2S64CZTJ-1539 MH2S64CWZTJ-12
OCR Text 12,-15,-1539 134217728-bit (2097152-word by 64-bit)synchronousdram mitsubishi lsis ( / 45 ) mitsubishi electric oct.28.1996 prelimina...memory are required. this is a socket type - memory modules, suitable for easy interchange or addit...
Description Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT00; Number of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT00; No. of Contacts:19; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle
Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket
Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket

File Size 705.69K  /  45 Page

View it Online

Download Datasheet

    Mitsubishi Electric Corporation
Mitsubishi Electric, Corp.
Part No. MH1S64CWXTJ-12 MH1S64CWXTJ-15
OCR Text 12,-15,-1539 67108864-bit (1048576-word by 64-bit)synchronousdram mitsubishi lsis ( / 45 ) mitsubishi electric oct.28.1996 preliminar...memory are required. this is a socket type - memory modules, suitable for easy interchange or addit...
Description Transceiver IC; Transceiver Type:Ethernet; Number of Drivers:6; Interface Type:MII; Supply Voltage Max:5V; Package/Case:100-TQFP; Leaded Process Compatible:Yes; Number of Channels:1; Operating Temp. Max:70 C
67108864-BIT (1048576-WORD BY 64-BIT)SynchronousDRAM 67108864位(1048576字,64位)SynchronousDRAM

File Size 697.61K  /  45 Page

View it Online

Download Datasheet

For 12-memory Found Datasheets File :: 56287    Search Time::1.812ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 12-memory

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.6536159515381