Part Number Hot Search : 
ACS10 224008 09A00 HEF45 0604KFK 12030 KE200 MR100
Product Description
Full Text Search
  11v. Datasheet PDF File

For 11v. Found Datasheets File :: 4331    Search Time::2.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC4043S 2SC3838 2SC3838K 2SC4083 2SC4726 2SC5662

ROHM[Rohm]
Part No. 2SC4043S 2SC3838 2SC3838K 2SC4083 2SC4726 2SC5662
OCR Text 11V, 50mA, 3.2GHz) 2SC5662 / 2SC4726 / 2SC4083 / 2SC3838K / 2SC4043S !Features 1) High transition frequency. (Typ. fT= 1.5GHz) 2) Small rbb'Cc and high gain. (Typ. 4ps) 3) Small NF. !External dimensions (Units : mm) 2SC5662 0.2 1.2 0.3...
Description High-Frequency Amplifier Transistor(11V 50mA 3.2GHz)
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
High-Frequency Amplifier Transistor(11V/ 50mA/ 3.2GHz)
Transistors > Small Signal Bipolar Transistors(up to 0.6W)

File Size 61.54K  /  2 Page

View it Online

Download Datasheet





    AD8641 AD8641AKSZ-R2 AD8641AKSZ-REEL AD8641AKSZ-REEL7 AD8641ARZ1 AD8641ARZ-REEL AD8641ARZ-REEL7

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD8641 AD8641AKSZ-R2 AD8641AKSZ-REEL AD8641AKSZ-REEL7 AD8641ARZ1 AD8641ARZ-REEL AD8641ARZ-REEL7
OCR Text ...OS (V) 10 A. VSY = 13V, VO = 11V, RL = 10k B. VSY = 13V, VO = 11V, RL = 2k C. VSY = +5V, VO = +0.5V/+4.5V, RL = 10k D. VSY = +5V, VO = +0.5V/+4.5V, RL = 2k E. VSY = +5V, VO = +0.5V/+4.5V, RL = 600 05072-010 -15 -13 -11 -9 -7 ...
Description Low Power, Rail-to-Rail Output Precision JFET Amplifier OP-AMP, 1500 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDSO8
Low Power, Rail-to-Rail Output Precision JFET Amplifier OP-AMP, 1500 uV OFFSET-MAX, 3.5 MHz BAND WIDTH, PDSO5
Low Power, Rail - to - Rail Output Precision JFET Amplifier

File Size 211.11K  /  12 Page

View it Online

Download Datasheet

    C67070-A2701-A67 050B17N2 BSM50GB170DN2

SIEMENS AG
SIEMENS[Siemens Semiconductor Group]
Part No. C67070-A2701-A67 050B17N2 BSM50GB170DN2
OCR Text ..., Tj = 125 C 100 A 17V 15V 13V 11V 9V 7V IC 80 70 60 50 40 30 20 10 0 0.0 IC 80 70 60 50 40 30 20 10 0 0.0 17V 15V 13V 11V 9V 7V 1.0 2.0 3.0 4.0 V 6.0 1.0 2.0 3.0 4.0 V 6.0 VCE VCE ...
Description IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate) IGBT功率模块(半桥包括快速续流二极管的绝缘金属基片包
From old datasheet system

File Size 111.79K  /  9 Page

View it Online

Download Datasheet

    HIN232CB-T HIN238CB-T HIN237CB-T HIN239CB-T HIN232 HIN241IB HIN232CB HIN232CP HIN232IB HIN232IP HIN236 HIN236CB HIN236CP

INTERSIL[Intersil Corporation]
Part No. HIN232CB-T HIN238CB-T HIN237CB-T HIN239CB-T HIN232 HIN241IB HIN232CB HIN232CP HIN232IB HIN232IP HIN236 HIN236CB HIN236CP HIN236IB HIN237 HIN237CB HIN238 HIN238CB HIN238CP HIN238IB HIN239 HIN239CB HIN239CP HIN239IB HIN240 HIN240CN HIN241 HIN241CA HIN241CB
OCR Text ...T 17 R3OUT NOTE: For V+ > 11V, use C1 0.1F. 5 NC HIN232 thru HIN241 Pinouts (Continued) HIN241 (SOIC, SSOP) TOP VIEW T3OUT 1 T1OUT 2 T2OUT 3 R2IN 4 R2 OUT 5 T2 IN 6 T1 IN 7 R1 OUT 8 R1IN 9 GND 10 VCC 11 C1+ 12 V+ 13 C1- 14...
Description 5V Powered RS-232 Transmitters/Receivers

File Size 493.74K  /  19 Page

View it Online

Download Datasheet

    HIN232CBZ HIN232CBZ-T HIN238CBZ HIN238CBZ-T HIN238IBZ HIN237CBZ HIN237CBZ-T HIN236CBZ HIN232CPZ HIN239CBZ HIN239CBZ-T HI

Integrated Silicon Solution Inc
Integrated Silicon Solution, Inc
Part No. HIN232CBZ HIN232CBZ-T HIN238CBZ HIN238CBZ-T HIN238IBZ HIN237CBZ HIN237CBZ-T HIN236CBZ HIN232CPZ HIN239CBZ HIN239CBZ-T HIN239CPZ HIN241CAZ HIN241CB-T HIN241CBZ HIN241CBZ-T HIN241IBZ HIN232CP HIN232CB HIN232CB-T HIN232IB-T HIN232IBZ-T FN3138 HIN232IPZ
OCR Text ...R5IN 5k 43 SD NOTE: For V+ > 11V, use C1 0.1F. 6 HIN232, HIN236, HIN237, HIN238, HIN239, HIN240, HIN241 Pinouts (Continued) HIN241 (SOIC, SSOP) TOP VIEW T3OUT 1 T1OUT 2 T2OUT 3 R2IN 4 R2OUT 5 T2IN 6 T1IN 7 R1OUT 8 R1IN 9 GND 10 ...
Description 5V Powered RS-232 Transmitters/Receivers

File Size 578.95K  /  20 Page

View it Online

Download Datasheet

    IRF1010NL IRF1010NS IRF1010NSTRR IRF1010NSPBF IRF1010NSTRL IRF1010NLPBF

IRF[International Rectifier]
Part No. IRF1010NL IRF1010NS IRF1010NSTRR IRF1010NSPBF IRF1010NSTRL IRF1010NLPBF
OCR Text ... VDS = 44V VDS = 27V VDS = 11V C, Capacitance(pF) 4000 Ciss 12 3000 Coss 2000 8 1000 Crss 4 0 1 10 100 0 0 20 40 FOR TEST CIRCUIT SEE FIGURE 13 80 100 60 120 VDS, Drain-to-Source Voltage (V...
Description 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
Power MOSFET(Vdss = 55 V/ Rds(on)=11mohm/ Id=85A)
Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A)
Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?)
Power MOSFET(Vdss = 55 V, Rds(on)=11mohm, Id=85A?

File Size 144.82K  /  10 Page

View it Online

Download Datasheet

    IRF1010N

IRF[International Rectifier]
Part No. IRF1010N
OCR Text ...= 43A VDS = 44V VDS = 27V VDS = 11V 16 C, Capacitance(pF) 4000 Ciss 12 3000 Coss 2000 8 1000 Crss 4 0 1 10 100 0 0 20 40 60 FOR TEST CIRCUIT SEE FIGURE 13 80 100 120 VDS, Drain-to-Source Voltag...
Description Power MOSFET(Vdss=55V, Rds(on)=11mohm, Id=85A?)
Power MOSFET(Vdss=55V, Rds(on)=11mohm, Id=85A)

File Size 154.40K  /  8 Page

View it Online

Download Datasheet

    IRF1302L IRF1302S

IRF[International Rectifier]
Part No. IRF1302L IRF1302S
OCR Text ...DS = 16V 46 VGS = 10V --- VDD = 11V --- ID = 104A ns --- RG = 4.5 --- VGS = 10V D Between lead, --- 6mm (0.25in.) nH G from package --- and center of die contact S --- VGS = 0V --- pF VDS = 25V --- = 1.0MHz, See Fig. 5 --- VGS = 0V, VDS =...
Description Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A?
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A?)
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A)
Power MOSFET(Vdss=20V/ Rds(on)=4.0mohm/ Id=174A)

File Size 225.99K  /  11 Page

View it Online

Download Datasheet

    IRF1302

IRF[International Rectifier]
Part No. IRF1302
OCR Text ...DS = 16V 46 VGS = 10V --- VDD = 11V --- ID = 104A ns --- RG = 4.5 --- VGS = 10V D Between lead, --- 6mm (0.25in.) nH G from package --- and center of die contact S --- VGS = 0V --- pF VDS = 25V --- = 1.0MHz, See Fig. 5 --- VGS = 0V, VDS = ...
Description Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A?
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A?)
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A)
Power MOSFET(Vdss=20V/ Rds(on)=4.0mohm/ Id=180A)

File Size 516.95K  /  9 Page

View it Online

Download Datasheet

    IRF3205L IRF3205S IRF3205

IRF[International Rectifier]
Part No. IRF3205L IRF3205S IRF3205
OCR Text ...= 62A V DS= 44V V DS= 27V V DS= 11V C, Capacitance(pF) 4000 Ciss 3000 2000 Coss 1000 Crss 0 1 10 100 0 20 40 60 80 100 120 VDS, Drain-to-Source Voltage (V) QG , Total Gate Charge (nC) F...
Description Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A?)
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A)

File Size 144.83K  /  10 Page

View it Online

Download Datasheet

For 11v. Found Datasheets File :: 4331    Search Time::2.25ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 11v.

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.61579895019531