Part Number Hot Search : 
TDA56 BP60460 1CGKW A1015GR 2SD1317Q CP3CN23 BT138 BP60460
Product Description
Full Text Search
  117-99-668-41-005 Datasheet PDF File

For 117-99-668-41-005 Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Precid-Dip Durtal
Part No. 117-97-668-41-005 117-91-668-41-005 117-93-668-41-005 117-99-668-41-005
Description Shrinkdip sockets Open and closed frame Solder tail

File Size 51.17K  /  2 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





    Electronic Theatre Controls, Inc.
Aeroflex, Inc.
Part No. GS820E32AQ-5I GS820E32AT-5I GS820E32AT/Q-150/138/133/117/100/66 GS820E32AQ-133I GS820E32AT-133IT GS820E32AQ-133IT GS820E32AT-4T GS820E32AQ-4T GS820E32AQ-133T GS820E32AT-133T GS820E32AT-6IT GS820E32AQ-4I GS820E32AQ-4IT GS820E32AQ-5IT GS820E32AQ-150 GS820E32AQ-6I GS820E32AQ-6IT GS820E32AQ-138 GS820E32AQ-138I GS820E32AQ-150T GS820E32AQ-5T GS820E32AQ-138T GS820E32AT-150T
Description 64K x 32 2M Synchronous Burst SRAM
x32 Fast Synchronous SRAM X32号,快速同步SRAM

File Size 405.66K  /  23 Page

View it Online

Download Datasheet

    117-97-620-41-005 117-97-624-41-005 217-99-764-41-005 117-91-316-41-005 117-91-428-41-005 117-91-430-41-005 117-91-432-4

PRECI-DIP SA
Precid-DipDurtalSA
PREDIP[Precid-Dip Durtal SA]
Part No. 117-97-620-41-005 117-97-624-41-005 217-99-764-41-005 117-91-316-41-005 117-91-428-41-005 117-91-430-41-005 117-91-432-41-005 117-91-448-41-005 117-91-620-41-005 117-91-624-41-005 117-91-628-41-005 117-91-640-41-005 117-91-642-41-005 117-91-648-41-005 117-91-652-41-005 117-91-656-41-005 117-91-664-41-005 117-91-668-41-005 117-91-764-41-005 117-93-316-41-005 117-93-428-41-005 117-93-430-41-005 117-93-432-41-005 117-93-448-41-005 117-93-620-41-005 117-93-624-41-005 117-93-628-41-005 117-93-640-41-005 117-93-642-41-005 117-93-648-41-005 117-93-652-41-005 117-93-656-41-005 117-93-664-41-005 117-93-668-41-005 117-93-764-41-005 117-97-316-41-005 117-97-428-41-005 117-97-430-41-005 117-97-432-41-005 117-97-448-41-005 117-97-628-41-005 117-97-640-41-005 117-97-642-41-005 117-97-648-41-005 117-97-652-41-005 117-97-656-41-005 117-97-664-41-005 117-97-668-41-005 117-97-764-41-005 117-99-316-41-005 117-99-428-41-005 117-99-430-41-005 117-99-432-41-005 117-99-448-41-005 117-99-620-41-005 117-99-624-41-005 117-99-628-41-005 117-99-640-41-005 117-99-642-41-005 117-99-648-41-005 117-99-652-41-005 117-99-656-41-005 117-99-664-41-005 117-99-668-41-005 117-99-764-41-005 217-91-764-41-005 217-93-764-4
Description Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Temperature Max:80 C; Voltage Nom.:600V RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾
Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾
Multiconductor Cable; Jacket Material:Rubber; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾
Portable Cordage; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP Teflon; Leaded Process Compatible:Yes RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾
2#20 TYPE J THERMOCOUPLE RoHS Compliant: Yes Shrinkdip插座,公开和非公开框架焊尾
Shrinkdip sockets Open and closed frame Solder tail Shrinkdip插座,公开和非公开框架焊尾
Paired Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:59ohm; Leaded Process Compatible:Yes; Temperature Max:60 C RoHS Compliant: Yes
Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes
Belden Microphone Cable, Wire Size: 20 AWG, Number of Conductors: 2, Length: 500 feet, Conductor Material: Tinned Copper, Shielding: Copper Braid, Jacket: Black Rubber
Multiconductor Paired Cable; Number of Conductors:3; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Leaded Process Compatible:Yes; Features:Tinned Copper Braid; Temperature Max:90 C RoHS Compliant: Yes
Cable; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
Multiconductor Power-Limited Fire Protective, Control & Instrumentation Cable; Number of Conductors:4; Conductor Size AWG:12; No. Strands x Strand Size:7 x 20; Jacket Material:FEP RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes
Multiconductor Audio, Control & Instrumentation Cable; Number of Conductors:6; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Tinned Copper Braid RoHS Compliant: Yes
Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Leaded Process Compatible:No; Conductor Material:Copper; Features:Tinned Copper Braid RoHS Compliant: Yes
Paired Cable; Number of Conductors:4; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes
Cable; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Conductor Material:Copper; Conductor Plating:Tin; Leaded Process Compatible:Yes RoHS Compliant: Yes
Multiconductor, Paired Thermocouple Extension Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape/Aluminum Foil RoHS Compliant: Yes
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:16; No. Strands x Strand Size:65 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes
Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Leaded Process Compatible:Yes; Temperature Max:90 C RoHS Compliant: Yes
Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Material:Polyethylene; Conductor Material:Copper; Jacket Color:Chrome; Leaded Process Compatible:Yes; Temperature Max:80 C RoHS Compliant: Yes
Connector assemblies, Outlet; Leaded Process Compatible:Yes RoHS Compliant: Yes
2#12 FEP SH FEP RoHS Compliant: Yes
Paired Cable; Number of Conductors:2; Conductor Size AWG:24; No. Strands x Strand Size:40 x 45; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:55ohm; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
ShrinkdipsocketsOpenandclosedframeSoldertail

File Size 44.64K  /  1 Page

View it Online

Download Datasheet

    ADS-117 ADS-117_883 ADS-117MC ADS-117ME ADS-117MM ADS-117/883

Murata Power Solutions Inc.
Part No. ADS-117 ADS-117_883 ADS-117MC ADS-117ME ADS-117MM ADS-117/883
Description 12-Bit, 2MHz, Low-Power Sampling A/D Converters

File Size 150.15K  /  6 Page

View it Online

Download Datasheet

    ADS-117 ADS-117_883 ADS-117MM ADS-117MC ADS-117/883

Electronic Theatre Controls, Inc.
Datel
ETC
List of Unclassifed Manufacturers
Part No. ADS-117 ADS-117_883 ADS-117MM ADS-117MC ADS-117/883
Description Circular Connector; No. of Contacts:13; Series:LJT07R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:11; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:11-35
Circular Connector; No. of Contacts:6; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:9; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:9-6
Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:4; Connector Shell Size:9; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No
12-Bit, 2MHz, Low-Power Sampling A/D Converters

File Size 163.36K  /  6 Page

View it Online

Download Datasheet

    MILL-MAX MFG CORP
Part No. 117-93-764-41-005
Description DIP64, IC SOCKET

File Size 149.94K  /  1 Page

View it Online

Download Datasheet

    MILL-MAX MFG CORP
Part No. 117-93-430-41-005000
Description DIP30, IC SOCKET

File Size 179.09K  /  1 Page

View it Online

Download Datasheet

    317-41-117-41-005000

Mill-Max Mfg. Corp.
Part No. 317-41-117-41-005000
Description Interconnect Socket Elevated Strip Socket

File Size 122.12K  /  3 Page

View it Online

Download Datasheet

    Micropac Industries, Inc.
MICROPAC[Micropac Industries]
Part No. 42117-018 42117-015 42117-024 42117-030 42117 42117-005 42117-012
Description NEGATIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MSFM3
** MISC CRYSTALS **

File Size 97.49K  /  3 Page

View it Online

Download Datasheet

    HuaXinAn Electronics CO.,LTD
HuaXinAn Electronics CO...
Part No. 018-1000 012-1000 009-1000 005-1000 003-1000 006-1000 4117-22A
Description Low coil power consumption

File Size 914.60K  /  1 Page

View it Online

Download Datasheet

For 117-99-668-41-005 Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



 
Price & Availability of 117-99-668-41-005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3079090118408