Part Number Hot Search : 
AS170 SE2310 TC433EDA UPC624 CBT3384 FMBM5401 MS120 BFR380F
Product Description
Full Text Search
  10x15 Datasheet PDF File

For 10x15 Found Datasheets File :: 730    Search Time::1.703ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NLC565050T NLC322522T NLC453232T NLC252018T NLC3225 NLC565050

TDK, Corp.
ETC[ETC]
TDK[TDK Electronics]
Part No. NLC565050T NLC322522T NLC453232T NLC252018T NLC3225 NLC565050
OCR Text ... PRODUCT IDENTIFICATION NLC (1) 252018 (2) T- 2R2 M (3) (4) (5) (1) Series name (2) Dimensions LxWxT 252018 322522 453232 565050 2.5x2.0x1.8mm 3.2x2.5x2.2mm 4.5x3.2x3.2mm 5.6x5.0x5.0mm RECOMMENDED SOLDERING CONDITIONS REFLOW SOLDE...
Description Inductors For Power Line SMD 电感电源线贴

File Size 26.20K  /  2 Page

View it Online

Download Datasheet





    NSVS822

List of Unclassifed Manufacturers
ETC[ETC]
Part No. NSVS822
OCR Text 1) The device characteristics are measured in the circuit shown in Fig.1. Table 1. Electrical Specifications Item Spec. Typical Input and Ou...0x1.0[mm3] for SMD (Surface Mount Device) type. Notice: This part is electrostatic discharge sensiti...
Description JRC SAW FILTER

File Size 81.25K  /  4 Page

View it Online

Download Datasheet

    NL3225 NL322522T-010X NL322522T-012X NL322522T-015X NL322522T-018X NL322522T-022X NL322522T-027X NL322522T-033X NL322522

TDK, Corp.
TDK Corporation
ETC[ETC]
N.A.
TDK[TDK Electronics]
Part No. NL3225 NL322522T-010X NL322522T-012X NL322522T-015X NL322522T-018X NL322522T-022X NL322522T-027X NL322522T-033X NL322522T-039X NL322522T-047X NL322522T-056X NL322522T-068X NL322522T-082X NL322522T-100J NL322522T-101J NL322522T-120J NL322522T-121J NL322522T-150J NL322522T-151J NL322522T-180J NL322522T-181J NL322522T-1R0J NL322522T-1R2J NL322522T-1R5J NL322522T-1R8J NL322522T-220J NL322522T-221J NL322522T-270J NL322522T-271J NL322522T-2R2J NL322522T-2R7J NL322522T-330J NL322522T-331J NL322522T-390J NL322522T-391J NL322522T-3R3J NL322522T-3R9J NL322522T-470J NL322522T-471J NL322522T-4R7J NL322522T-560J NL322522T-5R6J NL322522T-680J NL322522T-6R8J NL322522T-820J NL322522T-8R2J NL322522T-R10X NL322522T-R12X NL322522T-R15X NL322522T-R18X NL322522T-R22X NL322522T-R27X NL322522T-R33X NL322522T-R39X NL322522T-R47X NL322522T-R56X NL322522T-R68X NL322522T-R82X NL322522T- NL565050T NL201614T NL252018T NL322522T NL453232T TDKCORPORATION-NL322522T-R15X
OCR Text ...ODUCT IDENTIFICATION NL 201614 (1) (2) (1)Series name (2)Dimensions LxWxT 201614 252018 322522 453232 565050 2.1x1.6x1.4mm 2.5x2.0x1.8mm 3.2x2.5x2.2mm 4.5x3.2x3.2mm 5.6x5.0x5.0mm T- 2 R 2 J (3) (4) (5) RECOMMENDED SOLDERING CONDITION...
Description D-Subminiature Connector; Gender:Male; No. of Contacts:25; Contact Termination:Through Hole; D Sub Shell Size:DB25; Body Material:Steel; Contact Plating:Gold Flash; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 贴片
D-Subminiature Connector; Gender:Male; No. of Contacts:25; Contact Termination:Crimp; D Sub Shell Size:DB25; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold RoHS Compliant: Yes 贴片
DBM25PTA156 贴片
SMD 贴片
D-Subminiature Connector; Gender:Female; No. of Contacts:25; Contact Termination:Crimp; D Sub Shell Size:DB25; Body Material:Steel; Body Plating:Zinc 贴片
Connector,D-Shell,PCB Mnt,PLUG,25 Contacts,SKT,0.109 Pitch,PC TAIL Terminal,#4-40
DBU25PTFO
D-Subminiature Connector; Gender:Female; No. of Contacts:25; Contact Termination:Solder; D Sub Shell Size:DB25; Body Material:Metal; Contact Plating:Gold Over Nickel
D-Subminiature Connector; Gender:Male; No. of Contacts:25; Contact Termination:Solder; D Sub Shell Size:DB25; Body Material:Metal; Contact Plating:Gold Over Nickel
DBKL25PUTI
D-Subminiature Connector; No. of Contacts:25; D Sub Shell Size:DB25; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No

File Size 39.61K  /  4 Page

View it Online

Download Datasheet

    HSDL-1001 HSDL1001

Agilent(Hewlett-Packard)
Agilent (Hewlett-Packard)
Part No. HSDL-1001 HSDL1001
OCR Text 1.0 - 115 Kb/s * Compatible with ASK, Consumer IR/TV Remote * Superb Nose-to-Nose Operation * Low Power Consumption 3 A in Shutdown * Supply...0X1* 0.43 MAX. (0.017) 3.4 0.25 (0.14 0.01) 13.21 0.25 (0.52 0.01) 6.4 0.25 (0.25 0.01) 3.4 ...
Description Infrared Compliant Transceiver(红外顺应收发
Infrared IrDA Compliant Transceiver

File Size 150.09K  /  8 Page

View it Online

Download Datasheet

    SPCA514A

List of Unclassifed Manufacturers
ETC
Part No. SPCA514A
OCR Text 1. General description The chip provides a built-in 8051 CPU with USB interface to handle three types of flash memory: NAND-type, SPI and N...0X1. In this mode, the CPU will read and process the audio data and then write into flash memory by ...
Description Digital Audio USB Controller

File Size 109.47K  /  14 Page

View it Online

Download Datasheet

    NJG1515AVB2 NJG1515AVB2-C1 NJG1515AVB2-C10 NJG1515AVB2-C2 NJG1515AVB2-C3 NJG1515AVB2-C4 NJG1515AVB2-C5 NJG1515AVB2-C6 NJ

NJRC[New Japan Radio]
Part No. NJG1515AVB2 NJG1515AVB2-C1 NJG1515AVB2-C10 NJG1515AVB2-C2 NJG1515AVB2-C3 NJG1515AVB2-C4 NJG1515AVB2-C5 NJG1515AVB2-C6 NJG1515AVB2-C7 NJG1515AVB2-C8 NJG1515AVB2-C9 NJG1515AVB2-R1 NJG1515AVB2-R2 NJG1515AVB2-R3
OCR Text ...al cellular phone of 800MHz and 1.5GHz band. The parallel control signals of three bits connect T/R circuits to internal two antennas or ext...0x1.25mm) nPIN CONFIGURATION VB2 Type (Top View) 1 ANT-SW DECORDER 20 Pin Connection 2 ...
Description TDMA ANTENNA SWITCH GaAs MMIC

File Size 547.42K  /  18 Page

View it Online

Download Datasheet

    NL4532 NL453232T-100J NL453232T-101J NL453232T-102J NL453232T-120J NL453232T-121J NL453232T-150J NL453232T-151J NL453232

CIT Relay&Switch
TDK, Corp.
TDK Corporation
ETC[ETC]
TDK[TDK Electronics]
Part No. NL4532 NL453232T-100J NL453232T-101J NL453232T-102J NL453232T-120J NL453232T-121J NL453232T-150J NL453232T-151J NL453232T-180J NL453232T-181J NL453232T-1R0J NL453232T-1R2J NL453232T-1R5J NL453232T-1R8J NL453232T-220J NL453232T-221J NL453232T-270J NL453232T-271J NL453232T-2R2J NL453232T-2R7J NL453232T-330J NL453232T-331J NL453232T-390J NL453232T-391J NL453232T-3R3J NL453232T-3R9J NL453232T-470J NL453232T-471J NL453232T-4R7J NL453232T-560J NL453232T-561J NL453232T-5R6J NL453232T-680J NL453232T-681J NL453232T-6R8J NL453232T-820J NL453232T-821J NL453232T-8R2 NL453232T-4R7K
OCR Text 1/3) 001-01 / 20011220 / e511_nl4532.fm Inductors For General Applications SMD FEATURES * The NL series are available in 5 form factors...0x1.8mm 3.2x2.5x2.2mm 4.5x3.2x3.2mm 5.6x5.0x5.0mm RECOMMENDED SOLDERING CONDITIONS REFLOW SOLDERI...
Description 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR, SMD
For General Applications SMD 贴片对于一般应

File Size 40.82K  /  3 Page

View it Online

Download Datasheet

    MLF2012 MLF2012A1R0XT MLF2012A1R2XT MLF2012A1R5XT MLF2012A1R8XT MLF2012A2R2XT MLF2012A2R7XT MLF2012A3R3XT MLF2012A3R9XT

TOKO, Inc.
TDK, Corp.
TDK Corporation
ETC[ETC]
TDK[TDK Electronics]
Part No. MLF2012 MLF2012A1R0XT MLF2012A1R2XT MLF2012A1R5XT MLF2012A1R8XT MLF2012A2R2XT MLF2012A2R7XT MLF2012A3R3XT MLF2012A3R9XT MLF2012A4R7XT MLF2012C101XT MLF2012C150XT MLF2012C180XT MLF2012C220XT MLF2012C270XT MLF2012C330XT MLF2012C680XT MLF2012C820XT MLF2012D47N MLF2012D68NXT MLF2012D82NXT MLF2012DR10XT MLF2012DR12XT MLF2012DR15XT MLF2012DR18XT MLF2012DR22XT MLF2012DR27XT MLF2012DR33XT MLF2012DR39XT MLF2012DR47XT MLF2012DR56XT MLF2012DR68XT MLF2012DR82XT MLF2012E100XT MLF2012E120XT MLF2012E5R6XT MLF2012E6R8XT MLF2012E8R2XT MLF2012K390XT MLF2012K470XT MLF2012K560XT
OCR Text ...NTIFICATION MLF 1608 A 1R0 K T (1) (2) (3) (4) (5) (6) (1) Series name (2) Dimensions LxW 1608 2012 1.6x0.8mm 2.0x1.25mm (3) Material code (4) Inductance value 47N R15 1R0 100 47nH[0.047H] 0.15H 1H 10H RECOMMENDED REFLOW SOLDERING C...
Description SMD 贴片

File Size 25.85K  /  3 Page

View it Online

Download Datasheet

For 10x15 Found Datasheets File :: 730    Search Time::1.703ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 10x15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3145620822906