|
|
|
MILL-MAX MFG CORP
|
Part No. |
1012-1-05-1-1 1022-1-05-21-1 1094-0-05-21-1
|
OCR Text |
1/2 hard dimension in inches tolerances on: lengths: .005 diameters: .002 angles: 2 order code: xxxx - x - 05 - xx - 00 - 00 - 01 - 0 basi...056 mounting hole 1221 1124-0-05-xx-00-00-01-0 press-fit in .043 mounting hole 1124 1110-3-05-xx-00-... |
Description |
BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL
|
File Size |
76.67K /
1 Page |
View
it Online |
Download Datasheet |
|
|
|
|
Part No. |
2-1419130-1
|
OCR Text |
...ation ac - cording to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the ...056 (1.43) .012 (.3) .012 (.3) .2 (5.08) .016 (.4) .016 (.4) .1 (2.54) -30 ambient t emp. ( c ) ... |
Description |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.025A (COIL), 12VDC (COIL), 300mW (COIL), 1A (CONTACT), 24VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
File Size |
821.35K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
SAMTEC INC
|
Part No. |
CQTE-056-03-C-D-DP
|
OCR Text |
1.40 (((no of positions / 14) x .7875[20.003]) -.060[1.52]) .003[.08] "a" "a" -lc: locking clip option shown t-1g1-01-x lc-...056, -070 (per row) row specification -d: double (use qte-20-xx-d-xx & ... |
Description |
112 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
File Size |
508.62K /
3 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|