Part Number Hot Search : 
L817C MMBZ2 SSM3J01T ENA1952A 1N3022 4063AB LC864312 MBRF20
Product Description
Full Text Search
  100.001 Datasheet PDF File

For 100.001 Found Datasheets File :: 68831    Search Time::1.812ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    100-001-B062L 100-001-B500L 100-001-A203L 100-001-A437L 100-001-A375L 100-001-A500L 100-001-B437L 100-001-B375L 100-001-

Glenair, Inc.
Part No. 100-001-B062L 100-001-B500L 100-001-A203L 100-001-A437L 100-001-A375L 100-001-A500L 100-001-B437L 100-001-B375L 100-001-B109L 100-001-B125L 100-001-B781L 100-001-A109L 100-001-A125L 100-001-B203L 100-001-A062L 100-001-A171L 100-001-B171L
OCR Text 100-001 Tubular Metal Braid QQ-B-575B ASTM B33 Tin Coated Copper for EMI Shielding Applications EMI Shielding Accessories Product Series Wire Gauge A - 36 AWG (Table I) B - 34 AWG (Table II) Basic Number Lanyard (Omit for None) 1...
Description Tubular Metal Braid QQ-B-575B ASTM B33 Tin Coated Copper

File Size 335.27K  /  2 Page

View it Online

Download Datasheet





    ANDS-3150-001 ADNB-3532

AVAGO TECHNOLOGIES LIMITED
Part No. ANDS-3150-001 ADNB-3532
OCR Text ...aximum Units 0 2.7 0.001 40 3.6 100 100 1 +0.1 20 8 C volts ms mVp-p MHz mm in/sec G Including noise 0 to 2.8 V 10 kHz - 50 MHz Active drive, 50% duty cycle Result in 0.1 mm DOF Notes Serial Port Clock Frequency fSCLK CUSTOMER'S PCB ...
Description Low Power LED Integrated Slim Mouse Sensor

File Size 1,978.55K  /  27 Page

View it Online

Download Datasheet

    851-91-016-20-001 855-91-016-20-001 853-91-016-20-001 853-93-016-20-002 853-91-016-20-002 853-93-016-20-001

Precid-Dip Durtal SA
Part No. 851-91-016-20-001 855-91-016-20-001 853-91-016-20-001 853-93-016-20-002 853-91-016-20-002 853-93-016-20-001
OCR Text ...ble row Availability from: 4 to 100 contacts Standard number of contacts 50 and 100 853-91-xxx-20-002 853-93-xxx-20-002 853-99-xxx-20-002...001 855-93-xxx-20-001 855-99-xxx-20-001 Right angle receptacle: solder tail, triple row Availabil...
Description PCB connectors 1.27 mm Single row / double row / triple row Solder tail
   PCB connectors 1.27 mm Single row / double row / triple row Solder tail

File Size 50.54K  /  1 Page

View it Online

Download Datasheet

    SD-98786-001 49906226 0987861016

Molex Electronics Ltd.
Part No. SD-98786-001 49906226 0987861016
OCR Text ...rminals description: 2.54mm (.100") pitch mox receptacle housing, 6 circuits, dual row, blue documents: application sp...001 packaging specification pk-98786-001 sales drawing sd-98786-001 series image - reference...
Description 2.54mm (.100) Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Blue

File Size 133.87K  /  2 Page

View it Online

Download Datasheet

    02011-DSH-001-C

M/A-COM Technology Solutions, Inc.
Part No. 02011-DSH-001-C
OCR Text ... differential output loading 85 100 (1) ? ? note: 1. 100 ? is the load presented by the limiting amplifier. table 1-4. ac characteristics ...001-c mindspeed technologies ? 3 preliminary information/mindspeed proprietary and confidential 1...
Description CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps

File Size 270.22K  /  21 Page

View it Online

Download Datasheet

    AD10048P3L-001

Emerson Network Power
Part No. AD10048P3L-001
OCR Text 100 Watts Total Power: Input Voltage: # of Outputs: 100 Watts 90-264Vac Single Rev. 11.07.08_125 AD10048P3L-001 1 of 2 RoHS Electrical Specifications Special Features * * * * * * * * * * * * * * * Activepowerfactorcorrection E...
Description Universal ac input

File Size 425.45K  /  2 Page

View it Online

Download Datasheet

    MILL-MAX MFG CORP
Part No. 803-99-054-61-001 802-10-046-61-001 803-99-066-61-001 802-90-046-61-001 802-90-034-62-001 802-90-002-62-001 803-99-002-62-001 803-93-038-62-001 802-10-010-61-001 803-93-016-61-001 803-93-014-61-001 MILL-MAXMFGCORP-803-99-012-61-001 802-90-014-61-001
OCR Text ... of pins 002-100 specify # of pins 002-100 xx= plating code see below compliant tail pin header for .060 - .100? thick boards compliant tail pin header for .090 - .130? thick boards compliant tail sock...
Description 54 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT, SOCKET
46 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
66 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT, SOCKET
34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT, SOCKET
38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT, SOCKET
10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT, SOCKET
14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT, SOCKET
14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT

File Size 208.50K  /  1 Page

View it Online

Download Datasheet

    HIH-4000-001 HIH-4000-002 HIH-4000-003 HIH-4000-004

Honeywell Solid State Electronics Center
Part No. HIH-4000-001 HIH-4000-002 HIH-4000-003 HIH-4000-004
OCR Text 100 in) Lead Pitch SIP Features Molded thermoset plastic housing with cover Linear voltage output vs %RH Laser trimmed interchangeabilit...001.mht 17/07/2006 Datasheet -- HIH-4000-001 Pagina 2 de 6 HIH-4000-001 HIH-4000 Series...
Description Integrated Circuity Humidity Sensor

File Size 166.41K  /  6 Page

View it Online

Download Datasheet

    SMV1250-001 SMV1250-004 SMV1250-011

ETC
Part No. SMV1250-001 SMV1250-004 SMV1250-011
OCR Text ...erature: Operating Temperature: 100 mA 250 mW 125C -55 to 150C -55 to 125C Description The surface mount plastic varactor diodes are des...001 to SMV1255-001 varactors were specifically designed for battery operated applications where 3 to...
Description Plastic Packaged Surface Mount Varactor Diodes

File Size 93.76K  /  7 Page

View it Online

Download Datasheet

For 100.001 Found Datasheets File :: 68831    Search Time::1.812ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 100.001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.6175711154938