Part Number Hot Search : 
AT89C20 FU240 SAMTEC M39432NC 475M5 78M24B 13V6YSZX IRFZ4
Product Description
Full Text Search
  100-lqfp Datasheet PDF File

For 100-lqfp Found Datasheets File :: 4335    Search Time::2.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Analog Devices, Inc.
Part No. AD9226-LQFP-EB AD9226-EB
OCR Text ...LUTE MAXIMUM RATINGS 1 I. 100% production tested. Pin Name With Respect to Min -0.3 -0.3 -0.3 -6.5 -0.3 -0.3 -0.3 -0.3 -0.3 -...LQFP package. THERMAL RESISTANCE JC SSOP JA SSOP JC LQFP JA LQFP . . . . . . . . . . . . . ...
Description Complete 12-Bit, 65 MSPS ADC Converter 完整2位,65 MSPS的ADC转换

File Size 1,482.34K  /  28 Page

View it Online

Download Datasheet





    LQFP

Amkor Technology
Part No. LQFP
OCR Text ...PM) 0 200 500 32 ld 100 ld 100 ld 144 ld 176 ld 7x7 14 x 14 14 x 20 20 x 20 24 x 24 5x5 8x8 9.5 x 9.5 8.5 x 8.5 8x8 67....LQFP Cross-section LQFP Mold Compound Gold Wire LEADFRAME Die Attach Adhesive Leadframe P...
Description Low Profile Quad Flat Pack (LQFP) Packages

File Size 652.51K  /  2 Page

View it Online

Download Datasheet

    LQFP

STATS ChipPAC, Ltd.
Part No. LQFP
OCR Text ... 1000 cycles 150C, 500 hrs 121C 100% RH, 2 atm, 168 hrs -55C/125C, 1000 cycles THERMAL PERFORMANCE, ja (C/W) Package 48L 100L 208L Body Size (mm) 7 x 7 x 1.4 14 x 14 x 1.4 28 x 28 x 1.4 Pad Size (mm) 5.3 x 5.3 9.0 x 9.0 9.0 x 9.0 Die Si...
Description Low Profile Quad Flat Pack

File Size 123.07K  /  2 Page

View it Online

Download Datasheet

    A67P83181E-10.0 A67P83181E-8.5 A67P83181E-8.5F A67P73361E-10.0F A67P73361E-7.5 A67P73361E-8.5 A67P83181E-7.5 A67P83181E-

AMICC[AMIC Technology]
Part No. A67P83181E-10.0 A67P83181E-8.5 A67P83181E-8.5F A67P73361E-10.0F A67P73361E-7.5 A67P73361E-8.5 A67P83181E-7.5 A67P83181E-7.5F A67P83181E-10.0F A67P73361 A67P73361E-10.0 A67P73361E-7.5F A67P73361E-8.5F A67P83181
OCR Text ...en READ and WRITE cycles allows 100% bus utilization Signal +2.5V 5% power supply Individual Byte Write control capability Clock enable ( C...LQFP package 256K X 18, 128K X 36 LVTTL, Flow-through ZeBLTM SRAM General Description The AMI...
Description 256K X 18, 128K X 36 LVTTL, Flow-through ZeBL SRAM

File Size 243.06K  /  18 Page

View it Online

Download Datasheet

    ADSP-21MOD870-100 ADSP-21MOD870-110

Analog Devices, Inc.
Part No. ADSP-21MOD870-100 ADSP-21MOD870-110
OCR Text ...er and Sleep Modes High Density 100-Lead LQFP Package On-Chip DS0/DS1 Interface Full Function DMA Port No External Memory Required 0.4 Square Inch per Complete Modem Port 3.3 V Supply Fully Upgradable RAM-Based Architecture Fast Download Fu...
Description Internet Gateway Processor Software 56 kbps DATA, 8 kbps FAX, MODEM, PQFP100
Chingle Ship Digital Modem

File Size 60.92K  /  6 Page

View it Online

Download Datasheet

    ELPIDA[Elpida Memory]
Part No. EDD1232AAFA-7A-E EDD1232AAFA EDD1232AAFA-6B-E
OCR Text ...e or disable. It is packaged in 100-pin plastic LQFP package. Features * Power supply: VDDQ = 2.5V 0.2V : VDD = 2.5V 0.2V * Data rate: 333Mbps/266Mbps (max.) * Double Data Rate architecture; two data transfers per clock cycle * Bi-dir...
Description 128M bits DDR SDRAM (4M words x 32 bits)

File Size 580.36K  /  50 Page

View it Online

Download Datasheet

    MOTOROLA[Motorola, Inc]
Part No. DSP56F827 DSP56800 DSP56800FM DSP56800FMD DSP56824 DSP56F826 DSP56F826D DSP56F826PBD
OCR Text ...Timer JTAG/OnCETM for debugging 100-pin LQFP Package 16 dedicated and 30 shared GPIO One Time-of-Day module * * * * * * * * * * * * * Low Voltage Supervisor 4 Quad Timer or GPIO Program Memory 32252 x 16 Flash 512 x 16 SRA...
Description Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor

File Size 353.52K  /  44 Page

View it Online

Download Datasheet

    ZL5023306

Zarlink Semiconductor Inc
Part No. ZL5023306
OCR Text ...rdering information zl50233/qcc 100 pin lqfp trays zl50233/gdg 208 ball lbga trays, bake & drypack zl50233qcg1 100 pin lqfp* trays, bake & drypack *pb free matte tin -40 c to +85 c zl50233 4 channel voice echo cancellor data sheet figure...
Description 4 Channel Voice Echo Cancellor

File Size 540.43K  /  38 Page

View it Online

Download Datasheet

    A8600EJPTR-T

Allegro MicroSystems
Part No. A8600EJPTR-T
OCR Text ...pad. it is lead (pb) free, with 100% matte- tin leadframe plating. ? power ok (pok) open-drain output with de-glitch ? bu and acc voltage d...lqfp with exposed thermal pad 1500 pieces per 13-in. reel 100% matte-tin *contact allegro ? for ...
Description Designed to provide the power supply requirements of next generation car audio and infotainment systems, the A8600 provides all the control and protection circuitry to produce...

File Size 2,080.18K  /  52 Page

View it Online

Download Datasheet

    UPD703003A UPD703003AGC-25 UPD703003AGC-33 UPD703004A UPD703004AGC-25 UPD703004AGC-33 UPD703025A UPD703025AGC-25 UPD7030

NEC[NEC]
Part No. UPD703003A UPD703003AGC-25 UPD703003AGC-33 UPD703004A UPD703004AGC-25 UPD703004AGC-33 UPD703025A UPD703025AGC-25 UPD703025AGC-33
OCR Text ...x-8EU PD703025AGC-33-xxx-8EU 100-pin plastic LQFP (fine pitch) (14 x 14 mm) 100-pin plastic LQFP (fine pitch) (14 x 14 mm) 100-pin plastic LQFP (fine pitch) (14 x 14 mm) 100-pin plastic LQFP (fine pitch) (14 x 14 mm) 100-pin plastic LQFP...
Description V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS

File Size 223.87K  /  40 Page

View it Online

Download Datasheet

For 100-lqfp Found Datasheets File :: 4335    Search Time::2.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 100-lqfp

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.62532305717468