Part Number Hot Search : 
492LL XEZ01 SB604G KBU25 DMN100 FQT1N80 50PI2 PM73124
Product Description
Full Text Search
  10-tdfn Datasheet PDF File

For 10-tdfn Found Datasheets File :: 1425    Search Time::4.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CAT5126VP2I-10-GT3 CAT5126VP2I-50-GT3 CAT5126VP2I-00-GT3 CAT5126ZI-00-GT3 CAT5126ZI-50-GT3 CAT5126ZI-10-GT3

ON Semiconductor
Part No. CAT5126VP2I-10-GT3 CAT5126VP2I-50-GT3 CAT5126VP2I-00-GT3 CAT5126ZI-00-GT3 CAT5126ZI-50-GT3 CAT5126ZI-10-GT3
OCR Text ...g Information details, see page 10. PIN CONFIGURATION MSOP (Z) (top view) RW CS VDD GND 1 8 RH RL U/D VPP FUNCTIONAL DIAGRAM RH 8...TDFN (VP2) (top view) RW CS VDD GND 1 2 3 4 8 7 6 5 RH RL U/D VPP VPP 5 ONE-TIME PROGRAM BLOC...
Description One-Time Digitally Programmable 32-Tap Potentiometer
DPP,OTP Linear, Up/Down 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8

File Size 140.20K  /  11 Page

View it Online

Download Datasheet





    CAT5126ZI-10-GT3

ON Semiconductor
Part No. CAT5126ZI-10-GT3
OCR Text ...an end ? to ? end resistance of 10 k , 50 k , and 100 k . all cat5126 devices have 32 ? wiper positions and operate from a single 2.5 v to 5.5 v supply. the cat5126 is available in tdfn 8 ? pad and msop 8 ? lead packages. each device ...
Description DPP,OTP Linear, Up/Down 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8

File Size 133.61K  /  9 Page

View it Online

Download Datasheet

    AS1343A-BTDT-10 AS1343

ams AG
austriamicrosystems AG
Part No. AS1343A-BTDT-10 AS1343
OCR Text ... internal switch in a tiny TDFN-10 3x3mm package. The device operates from a 0.9V to 3.6V supply, and can boost voltages up to 42V output. The output voltage can easily be adjusted by an external resistor divider. The AS1343 uses a unique c...
Description 42V, 1-2 Cells, Micropower, DC-DC Boost Converter

File Size 981.73K  /  17 Page

View it Online

Download Datasheet

    AS1340A-BTDT-10 AS13401 AS1340

ams AG
austriamicrosystems AG
Part No. AS1340A-BTDT-10 AS13401 AS1340
OCR Text ...amicrosystems.com Revision 1.10 1 - 16 AS1340 Datasheet - P i n o u t 4 Pinout Pin Assignments Figure 2. Pin Assignments (Top...TDFN-8 3x3mm package. Figure 32. TDFN-8 3x3mm Package D D2 SEE DETAIL B B A L E2/2 aaa C 2x PIN 1...
Description 50V, Micropower, DC-DC Boost Converter

File Size 1,344.32K  /  16 Page

View it Online

Download Datasheet

    CAT5114YI-10-GT3 CAT5114ZI-10-GT3 CAT5114ZI-50-GT3 CAT5114ZI-00-GT3 CAT5114LI-50-G

ON Semiconductor
Part No. CAT5114YI-10-GT3 CAT5114ZI-10-GT3 CAT5114ZI-50-GT3 CAT5114ZI-00-GT3 CAT5114LI-50-G
OCR Text ... interface ? resistance values: 10 k , 50 k and 100 k ? available in pdip, soic, tssop, msop and space saving 2 x 3 mm tdfn packages ? these devices are pb ? free, halogen free/bfr free and are rohs compliant applications ? automated...
Description DPP, NV 32 taps, Up/Down 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8
DPP, NV 32 taps, Up/Down 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8
DPP, NV 32 taps, Up/Down 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8
DPP, NV 32 taps, Up/Down 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDIP8

File Size 173.89K  /  15 Page

View it Online

Download Datasheet

    CAT5115VI-10-GT3 CAT5115ZD7I-50-T3

ON SEMICONDUCTOR
Part No. CAT5115VI-10-GT3 CAT5115ZD7I-50-T3
OCR Text ... interface ? resistance values: 10 k , 50 k and 100 k ? available in pdip, soic, tssop, msop and space saving 2 x 2.5 mm tdfn packages ? these devices are pb ? free, halogen free/bfr free and are rohs compliant applications ? automat...
Description 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8
50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8

File Size 173.00K  /  14 Page

View it Online

Download Datasheet

    AS1506-BTDT-10 AS1506-BTDT-100 AS1506-BTDT-50

austriamicrosystems AG
Part No. AS1506-BTDT-10 AS1506-BTDT-100 AS1506-BTDT-50
OCR Text ... Standard Products Model AS1506-10 AS1506-50 AS1506-100 End-to-End Resistance (k) 10 50 100 2 Key Features ! ! High Endurance: EEPROM...TDFN 3x3mm Package ! ! ! ! ! ! ! ! ! ! The 3-wire SPI-compatible serial interface allows...
Description 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM

File Size 429.30K  /  17 Page

View it Online

Download Datasheet

    MAX1553 MAX1553ETA MAX1554 MAX1554ETA

MAXIM[Maxim Integrated Products]
Part No. MAX1553 MAX1553ETA MAX1554 MAX1554ETA
OCR Text 10 White LEDs General Description Features o Constant-Current Regulation for Even LED Illumination o Internal 40V MOSFET Switch Capable of...TDFN Package MAX1553/MAX1554 The MAX1553/MAX1554 drive white LEDs in series with a constant cu...
Description High-Efficiency / 40V Step-Up Converters for 2 to 10 White LEDs
"High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs"
High-Efficiency 40V Step-Up Converters for 2 to 10 White LEDs

File Size 343.81K  /  11 Page

View it Online

Download Datasheet

    MAX1561 MAX1561ETA MAX1599ETA MAX1599

MAXIM INTEGRATED PRODUCTS INC
MAXIM[Maxim Integrated Products]
Part No. MAX1561 MAX1561ETA MAX1599ETA MAX1599
OCR Text 10/03 KIT ATION EVALU ABLE AVAIL High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs General Description The MAX1561/M...TDFN-EP* 8 TDFN-EP* TOP MARK ACS AHG Applications Cell Phones and Smart Phones PDAs, Palmtops, a...
Description High-Efficiency / 26V Step-Up Converters for Two to Six White LEDs
High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs
High-Efficiency 26V Step-Up Converters for Two to Six White LEDs

File Size 241.94K  /  10 Page

View it Online

Download Datasheet

    MAX1589 MAX1589ETA MAX1589EZT-T MAX1589EZT075-T MAX1589EZT100-T MAX1589EZT130-T MAX1589EZT150-T MAX1589EZT300-T MAX1589E

Maxim Integrated Products, Inc.
MAXIM[Maxim Integrated Products]
MAXIM - Dallas Semiconductor
Part No. MAX1589 MAX1589ETA MAX1589EZT-T MAX1589EZT075-T MAX1589EZT100-T MAX1589EZT130-T MAX1589EZT150-T MAX1589EZT300-T MAX1589ETA075 MAX1589ETA100 MAX1589ETA130 MAX1589ETA150 MAX1589ETA180 MAX1589ETA250 MAX1589ETA300 MAX1589EZT180-T MAX1589EZT250-T
OCR Text 10/03 Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN General Description The MAX1589 low-dropout linear regulator operates from a +1.62V to +3.6V supply and delivers a guaranteed 500mA continuous load current with a ...
Description Low-input-voltage, 500mA LDO regulator with RESET, out=0.75V
Low-Input-Voltage 500mA LDO Regulator with RESETin SOT and TDFN
Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
Low-input-voltage, 500mA LDO regulator with RESET, out=3.0V

File Size 359.65K  /  12 Page

View it Online

Download Datasheet

For 10-tdfn Found Datasheets File :: 1425    Search Time::4.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 10-tdfn

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.7970631122589