Part Number Hot Search : 
DT70V 2SK3279 51011 TB504 VP2019H MAX3890 SA2002 LF114D
Product Description
Full Text Search
  10-element Datasheet PDF File

For 10-element Found Datasheets File :: 17891    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    G7752-10 G7754-03 G7751-02 G7751-21 G7754-01 G7751-01

Hamamatsu Photonics K.K.
HAMAMATSU[Hamamatsu Corporation]
Part No. G7752-10 G7754-03 G7751-02 G7751-21 G7754-01 G7751-01
OCR Text ...7754-03 P7751-01 P7751-02 P7752-10 *1: Vs=12 to 15 V InGaAs InSb MCT 18 0 to +40 -20 to +50 s Electrical and optical characte...Element wavelength wavelength S te m p erature c p =p T (C) (m) (m) (V/W) 2 x 109 2.0 2.4 5 x 108 -1...
Description Active area: 0.6mm; external input voltage: -18V; infrared detector module with preamplifier: high sensitivity module of easy-to-use. For infrared detection
Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Packaging: Tape & Reel 红外探测器与前置放大器模
Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Packaging: Tape & Reel
Tantalum Conformal-Coated Capacitor; Capacitance: 47uF; Voltage: 6.3V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel

File Size 101.29K  /  2 Page

View it Online

Download Datasheet





    Taiwan Semiconductor Co., Ltd.
TSC[Taiwan Semiconductor Company, Ltd]
Part No. GBPC50-10 GBPC40 GBPC40-005 GBPC40-01 GBPC40-02 GBPC40-04 GBPC40-06 GBPC40-08 GBPC40-10 GBPC50 GBPC50-005 GBPC50-01 GBPC50-02 GBPC50-04 GBPC50-06 GBPC50-08
OCR Text ...ure soldering guaranteed: 260C/ 10 seconds / .375", (9.5mm) lead lengths Isolated voltage from case to lead over 2500 volts GBPC40 GBP...Element at Specified Current GBPC50 @25A Maximum DC Reverse Current at Rated DC Blocking Voltage Per...
Description High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers 高电00安培。单相玻璃钝化整流桥
High Current 40, 50 AMPS. Single Phase Glass Passivated Bridge Rectifiers 高电050安培。单相玻璃钝化整流桥

File Size 120.65K  /  2 Page

View it Online

Download Datasheet

    P4631-10 G6122 G6122-03 P4639 G6126 P4631 P4631-01 P4631-03 P4631-04 P4638

Hamamatsu Photonics
HAMAMATSU[Hamamatsu Corporation]
Part No. P4631-10 G6122 G6122-03 P4639 G6126 P4631 P4631-01 P4631-03 P4631-04 P4638
OCR Text ... a thermoelectric cooler. P4631-10 using an MCT detector is especially suited for CO2 laser detection. We welcome requests for custom device...element characteristics l Built-in thermoelectric cooling control circuit (fixed control l DC power ...
Description Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 4V; Packaging: Tape & Reel
Infrared detector module with preamp

File Size 115.26K  /  4 Page

View it Online

Download Datasheet

    SAMTEC INC
Part No. FSI-105-10-STL-D FSI-140-06-LM-D-M FSI-140-06-S-D-E FSI-110-10-SM-D-E
OCR Text ...se fsi-xx-06-d-xx-x) (for -10 body: use fsi-xx-10-d-xx-x) threaded: -10, -20, -25, -30, -40, -50 non-threaded: -05 thru -50 [in...element interface by: fsi-1xx-xx-xxx-d-x-xx-xx dwg. no. description: proprietary note this document...
Description 5 CONTACT(S), MALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT
40 CONTACT(S), MALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT
10 CONTACT(S), MALE, STRAIGHT SINGLE PART CARD EDGE CONN, SURFACE MOUNT

File Size 535.44K  /  3 Page

View it Online

Download Datasheet

    RFP-10-50TV

Anaren Microwave
Part No. RFP-10-50TV
OCR Text 10-50TV Flanged Terminations 10 Watts, 50 Flanged Terminations General Specifications Resistive Element: Substrate: Cover: Mounting Flange: Lead(s): Thick film Beryllium oxide ceramic Alumina ceramic Copper, nickel plated per QQ-N-...
Description Flanged Terminations

File Size 502.40K  /  2 Page

View it Online

Download Datasheet

For 10-element Found Datasheets File :: 17891    Search Time::1.625ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 10-element

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.55449414253235