Part Number Hot Search : 
10060 BYT53A SSA149 KSD1273 SP6655EB AD5258 82C251 TFA9843
Product Description
Full Text Search
  1.95a Datasheet PDF File

For 1.95a Found Datasheets File :: 490    Search Time::1.282ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Linear Technology Corp
Part No. LT1789IS8-1 LT1789CS8-1
OCR Text 1 Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifier FEATURES s s s s s s s s s s s s s s DESCRIPTIO Micropower: 95A Max Supply Current Low Input Offset Voltage: 100V Max Low Input Offset Voltage Drift: 0.5V/C...
Description INSTRUMENTATION AMPLIFIER,SINGLE,BIPOLAR,SOP,8PIN,PLASTIC
From old datasheet system

File Size 166.67K  /  16 Page

View it Online

Download Datasheet





    IRF1404

International Rectifier
Part No. IRF1404
OCR Text ... screw Max. 162 115 650 200 1.3 20 519 95 20 5.0 -55 to + 175 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m) Units A W W/C ...95A --- 4.0 V VDS = 10V, ID = 250A --- --- S VDS = 25V, ID = 60A --- 20 VDS = 40V, VGS = 0V A --- 2...
Description Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A?
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A?)
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A)
Power MOSFET(Vdss=40V/ Rds(on)=0.004ohm/ Id=162A)

File Size 105.33K  /  8 Page

View it Online

Download Datasheet

    Kersemi Electronic Co., Ltd.
Kersemi Electronic Co., Ltd...
Part No. IRF1404L IRF1404S
OCR Text ...anche rated description 5/18/01 1 d 2 pak irf1404s to-262 irf1404l parameter max. units i d @ t c = 25c continuous drain current, v gs @ ...95a, di/dt 150a/s, v dd v (br)dss , t j 175c notes: ? starting t j = 25c, l = 0.12m...
Description HEXFET? Power MOSFET

File Size 3,989.19K  /  10 Page

View it Online

Download Datasheet

    IRL1404PBF

International Rectifier
Part No. IRL1404PBF
OCR Text ...3 srew Max. 160 110 640 200 1.3 20 620 95 20 5.0 -55 to + 175 300 (1.6mm from case) 10 lbf*in (1.1N*m) Units A W W/C V mJ A mJ V/ns...95A m 5.9 VGS = 4.3V, ID = 40A 3.0 V VDS = VGS, ID = 250A --- S VDS = 25V, ID = 95A 20 VDS = 40V, ...
Description HEXFET? Power MOSFET ( VDSS = 40V , RDS(on) = 4.0mΩ , ID = 160A )
HEXFET㈢ Power MOSFET ( VDSS = 40V , RDS(on) = 4.0mヘ , ID = 160A )

File Size 126.38K  /  9 Page

View it Online

Download Datasheet

    IRFBA1404PPBF

International Rectifier
Part No. IRFBA1404PPBF
OCR Text ... -40 to + 175 -55 to + 175 300 (1.6mm from case ) 20 Units A W W/C V mJ A mJ V/ns C N www.irf.com 1 09/15/04 IRFBA1404PPbF El...95A 4.0 V VDS = 10V, ID = 250A --- S VDS = 25V, ID = 60A 20 VDS = 40V, VGS = 0V A 250 VDS = 32V, VG...
Description AUTOMOTIVE MOSFET HEXFET? Power MOSFET
AUTOMOTIVE MOSFET HEXFET㈢ Power MOSFET

File Size 145.32K  /  10 Page

View it Online

Download Datasheet

    PB-CGB8001-SC-00A0 PB-CGB8001-SC-00B0 PB-CGB8001-SC-00C0 CGB8001-SC-0G00 CGB8001-SC-0G0T CGB8001-SC

Mimix Broadband
Part No. PB-CGB8001-SC-00A0 PB-CGB8001-SC-00B0 PB-CGB8001-SC-00C0 CGB8001-SC-0G00 CGB8001-SC-0G0T CGB8001-SC
OCR Text ... Diagram (SOT -89) Ground 4 1 Input 2 3 Ground Output Bias Absolute Maximum Ratings Max Device Voltage Max Device Current M...95A 180 -35 170 ACPR Vd = 5V, Iq = 100mA, 900MHz IS-95A Downlink, 9 Channels Forward Current...
Description DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier

File Size 226.32K  /  8 Page

View it Online

Download Datasheet

    Kersemi Electronic Co., Ltd.
Kersemi Electronic Co., Ltd...
Part No. IRF1404LPBF IRF1404SPBF
OCR Text ... lead-free description 03/11/04 1 d 2 pak irf1404spbf to-262 irf1404lpbf parameter max. units i d @ t c = 25c continuous drain current, v ...95a, di/dt 150a/s, v dd v (br)dss , t j 175c starting t j = 25c, l = 0.1...
Description HEXFET? Power MOSFET

File Size 3,880.58K  /  10 Page

View it Online

Download Datasheet

    S48D75-22 S24D12-22 S24A12-22 S48R50-22 S24R25-22 S24D25-22 S48A75-22 S48R75-22

Teledyne Technologies Incorporated
Part No. S48D75-22 S24D12-22 S24A12-22 S48R50-22 S24R25-22 S24D25-22 S48A75-22 S48R75-22
OCR Text ...umber Example: S48A25-22 NOTES 1) Line Voltage (nominal): 24 = 240 Vac; 48 = 480 Vac; 60 = 600 Vac 2) Switch Type: R = Random turn-on; D = ...95A output current 125A output current Inductive Load Current 12A output current 25A output current ...
Description Single Output to 125A 660 Vac AC/DC Control

File Size 128.43K  /  5 Page

View it Online

Download Datasheet

    STMICROELECTRONICS[STMicroelectronics]
Part No. STB95NF03 STB90NF03
OCR Text ... TAPE & REEL (SUFFIX "T4") 3 1 DESCRIPTION This Power MOSFET is the latest development of STMicroelectronis unique "Single Feature Siz...95A, di/dt 150A/s, VDD V (BR)DSS, Tj TJMAX. (2) Starting T j = 25 oC, ID = 47.5A, VDD = 25V Ma...
Description N-CHANNEL 30V - 0.0065 ohm - 95A D2PAK STripFET?/a> II POWER MOSFET
N-CHANNEL 30V - 0.0065 ohm - 95A D?PAK STripFET⑩ II POWER MOSFET

File Size 586.29K  /  9 Page

View it Online

Download Datasheet

For 1.95a Found Datasheets File :: 490    Search Time::1.282ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1.95a

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.72529101371765