Part Number Hot Search : 
ATMEGA 1SMC24A SI106 MT321220 THC956 A103M MN101EF MN101EF
Product Description
Full Text Search
  1.5kw Datasheet PDF File

For 1.5kw Found Datasheets File :: 426    Search Time::1.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CMV7106 CMV7106YR CMV7106YT CMV7106Y/R CMV7106Y

California Micro Device...
California Micro Devices Corporation
CALMIRCO[California Micro Devices Corp]
Part No. CMV7106 CMV7106YR CMV7106YT CMV7106Y/R CMV7106Y
OCR Text ...M 6-Pin SOT23-6 Shutdown 1 - 6 Inverting Input V- 2 + 5 Non-Inverting Input Output 3 4 V+ Top View ...5KW in series with 100pF. Note 3. Applies to both single-supply and split-supply operation. Continuo...
Description CMV7106 LOW POWER, LOW VOLTAGE OP AMP WITH RRIO AND SHUTDOWN, SOT23-6 CMV7106低功耗,低电压运算放大器和RRIO和关机,采用SOT23 - 6
Operational Amplifier
Low voltage OPAMP with RPIO

File Size 142.90K  /  9 Page

View it Online

Download Datasheet





    LM75DM-33R2 LM75DM-50R2 ON0319 LM75

ONSEMI[ON Semiconductor]
Part No. LM75DM-33R2 LM75DM-50R2 ON0319 LM75
OCR Text ...N CONFIGURATION (Top View) SDA 1 SCL 2 INT/CMPTR 3 GND 4 LM75 8 V DD 7 A0 6 A1 5 A2 ORDERING INFORMATION Device LM75DM-33R2 LM75DM-50R2...5kW) Voltage Conversion Efficiency Oscillator Impedance V+ = 2V V+ = 5V W FOSC PEFF VOUT EFF Z...
Description 2-Wire Serial Temperature Sensor and Monitor DIGITAL TEMP SENSOR-SERIAL, 9BIT(s), 3Cel, SQUARE, SURFACE MOUNT
From old datasheet system

File Size 150.47K  /  12 Page

View it Online

Download Datasheet

    ML4835 ML4835CP ML4835CS

MICRO-LINEAR[Micro Linear Corporation]
Part No. ML4835 ML4835CP ML4835CS
OCR Text ... Part is End Of Life as of July 1, 2000) BLOCK DIAGRAM 13 4 3 2 PVFB/OVP 1 RSET RT/CT RT2 CRAMP PIFBO PIFB PEAO POWER FACTOR CONTROLLER ...5kW, CT = 1.5nF, TA = Operating Temperature Range (Note 1) SYMBOL PARAMETER CONDITIONS MIN TYP MAX ...
Description Compact Fluorescent Electronic Dimming Ballast Controller

File Size 378.84K  /  17 Page

View it Online

Download Datasheet

    5KP15CA 5KP54CA 5KP40CA 5KP14CA 5KP78CA 5KP90CA 5KP100CA 5KP10CA 5KP110CA 5KP11CA 5KP120CA 5KP12CA 5KP13CA 5KP150CA 5KP1

http://
DIODES[Diodes Incorporated]
Part No. 5KP15CA 5KP54CA 5KP40CA 5KP14CA 5KP78CA 5KP90CA 5KP100CA 5KP10CA 5KP110CA 5KP11CA 5KP120CA 5KP12CA 5KP13CA 5KP150CA 5KP16CA 5KP17CA 5KP180CA 5KP18CA 5KP20CA 5KP22CA 5KP240CA 5KP24CA 5KP26CA 5KP28CA 5KP30CA 5KP33CA 5KP36CA 5KP43CA 5KP45CA 5KP48CA 5KP50CA 5KP50CAS 5KP51CA 5KP58CA 5KP60CA 5KP64CA 5KP65CA 5KP70CA 5KP75CA 5KP80CA 5KP85CA
OCR Text ...25.40 3/4 0.95 3/4 Max 3/4 8.60 1.07 9.53 5KW Min 25.40 -- 1.20 3/4 Max 3/4 9.00 1.30 8.00 Mechanical Data * * * * * Case: 5KP/5KW, Transfer Molded Epoxy Terminals: Solderable per MIL-STD-202, Method 208 Polarity Indicator: Cathode Band...
Description    5000W TRANSIENT VOLTAGE SUPPRESSOR

File Size 65.66K  /  3 Page

View it Online

Download Datasheet

    FSAM20SH60A

Fairchild Semiconductor Corporation
FAIRCHILD[Fairchild Semiconductor]
Part No. FSAM20SH60A
OCR Text ...ring * Inverter power rating of 1.5kw / 100~253 Vac * Isolation rating of 2500Vrms/min. * Very low leakage current due to using ceramic substrate * Adjustable current protection level by varying series resistor value with sense-IGBTs App...
Description 16 Characters x 4 Lines, 5x7 Dot Matrix Character and Cursor
SPMTM (Smart Power Module)

File Size 971.53K  /  17 Page

View it Online

Download Datasheet

    FSAM20SL60

Fairchild Semiconductor Corporation
FAIRCHILD[Fairchild Semiconductor]
Part No. FSAM20SL60
OCR Text ...ring * Inverter power rating of 1.5kw / 100~253 Vac * Isolation rating of 2500Vrms/min. * Very low leakage current due to using ceramic substrate * Adjustable current protection level by varying series resistor value with sense-IGBTs App...
Description SPMTM (Smart Power Module)

File Size 2,355.81K  /  16 Page

View it Online

Download Datasheet

    FSAM20SM60A

FAIRCHILD[Fairchild Semiconductor]
Fairchild Semiconductor Corporation
Part No. FSAM20SM60A
OCR Text ...ring * Inverter power rating of 1.5kw / 100~253 Vac * Isolation rating of 2500Vrms/min. * Very low leakage current due to using ceramic substrate * Adjustable current protection level by varying series resistor value with sense-IGBTs App...
Description 20A, Smart Power Module (SPM)
SPMTM (Smart Power Module)

File Size 2,335.38K  /  16 Page

View it Online

Download Datasheet

    SC1406G SC1406GCTSTR

SEMTECH[Semtech Corporation]
Part No. SC1406G SC1406GCTSTR
OCR Text ...tors, produce tightly regulated 1.5V and 2.5V to complete the processor power solution. The SC1406G also features separate soft-start contro...5kW VCLREF VCL = 10mV V CLREF VCL = -10mV RCLSET = 20kW VCLREF VCL = 10mV V CLREF VCL = -10mV RCLSET...
Description Power Supply Controller for Portable Pentium II & III SpeedStep Processors

File Size 557.16K  /  28 Page

View it Online

Download Datasheet

    AAT3220IGY-285-T1 AAT3220IGY-28-T1 AAT3220IQY-285-T1 AAT3220IQY-30-T1 AAT3220 AAT3220IGY-18-T1 AAT3220IGY-20-T1 AAT3220I

ANALOGICTECH[Advanced Analogic Technologies]
Part No. AAT3220IGY-285-T1 AAT3220IGY-28-T1 AAT3220IQY-285-T1 AAT3220IQY-30-T1 AAT3220 AAT3220IGY-18-T1 AAT3220IGY-20-T1 AAT3220IGY-23-T1 AAT3220IGY-24-T1 AAT3220IGY-25-T1 AAT3220IGY-27-T1 AAT3220IGY-30-T1 AAT3220IGY-33-T1 AAT3220IGY-35-T1 AAT3220IQY-18-T1 AAT3220IQY-20-T1 AAT3220IQY-23-T1 AAT3220IQY-24-T1 AAT3220IQY-25-T1 AAT3220IQY-27-T1 AAT3220IQY-28-T1 AAT3220IQY-33-T1 AAT3220IQY-35-T1
OCR Text ...cent current which is typically 1.1A. Dropout voltage is also very low, typically less than 225mV at the maximum output current of 150mA. Th...5kW resistor into each pin. Thermal Information Symbol JA PD Description Maximum Thermal Re...
Description 150mA NanoPower⑩ LDO Linear Regulator
150mA NanoPower LDO Linear Regulator

File Size 415.50K  /  16 Page

View it Online

Download Datasheet

    CS209AYD14 CS209AYD8 CS209AYN8 CS209AYDR8 CS209AYDR14 CS209A

ZF Electronics Corporation
CHERRY[Cherry Semiconductor Corporation]
Part No. CS209AYD14 CS209AYD8 CS209AYN8 CS209AYDR8 CS209AYDR14 CS209A
OCR Text ... Package Options 14L SO OSC 1 TANK 2 Gnd 3 14 13 12 11 10 9 8 N.C. RF VCC N.C. DEMOD N.C. N.C. Block Diagram OUT1 4 N.C. 5 ...5kW 1.25 5kW 7.5kW 12.5kW 15kW 17.5kW Object Not Detected, L Unloaded. 1.0 0.75 0.0 0.100 0.20...
Description ER 4C 4#16 PIN PLUG
Proximity Detector

File Size 166.21K  /  6 Page

View it Online

Download Datasheet

For 1.5kw Found Datasheets File :: 426    Search Time::1.656ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1.5kw

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.57764887809753