Part Number Hot Search : 
ADM3251E 2SD259 M514265 LM393WD VSMF4720 TQS32 1N6300 M050A
Product Description
Full Text Search
  1.5kv Datasheet PDF File

For 1.5kv Found Datasheets File :: 3439    Search Time::1.157ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    EMIF04-VID01C2

STMicroelectronics
Part No. EMIF04-VID01C2
OCR Text ...61000-4-2 Level 4 on input pins 15kV (air discharge) 8kV (contact discharge) MIL STD 883E - Method 3015-6 Class 3 Lead free coated Flip-Chip (10 Bumps) Table 1: Order Code Part Number EMIF04-VID01C2 Marking GU Figure 1: Pin Configu...
Description 4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION

File Size 130.65K  /  6 Page

View it Online

Download Datasheet





    MAX3346E MAX3346EEBE-T MAX3346EEUD

MAXIM - Dallas Semiconductor
Maxim Integrated Products
Part No. MAX3346E MAX3346EEBE-T MAX3346EEUD
OCR Text 15kV ESD-Protected USB Transceiver in UCSP General Description The MAX3346E bidirectional transceiver converts logiclevel signals to USB signals, and USB signals to logiclevel signals. The MAX3346E includes the 1.5k USB pullup resistor in...
Description 1.65 to 3.6 V, /-15 kV ESD-protected USB transceiver
【15kV ESD-Protected USB Transceiver in UCSP
±15kV ESD-Protected USB Transceiver in UCSP

File Size 386.10K  /  17 Page

View it Online

Download Datasheet

    ICL3225CAZ ICL3225E ICL3225ECA ICL3225ECP ICL3225EIA ICL3227E ICL3227ECA ICL3227EIA ICL3245E ICL3245ECA ICL3245ECAZ ICL3

INTERSIL[Intersil Corporation]
Part No. ICL3225CAZ ICL3225E ICL3225ECA ICL3225ECP ICL3225EIA ICL3227E ICL3227ECA ICL3227EIA ICL3245E ICL3245ECA ICL3245ECAZ ICL3245ECB ICL3245EIA ICL3245EIB
OCR Text 15kV ESD Protected, +3V to +5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown The Intersil ICL32XXE devices are 3.0V to 5.5V powered RS-232 transmitters/receivers which meet ElA/TIA-232 and V.28/V.24 specificati...
Description RS-232 Transceiver, 1T/1R, 3V to 5.5V, 1Mbps, 15KV ESD (IEC61000), Enhanced Auto Powerdown
RS-232 Transceiver, 2T/2R, 3V to 5.5V, 1Mbps, 15KV ESD (IEC61000), Enhanced Auto Powerdown
-15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
-15kV ESD Protected 3V to 5.5V 1Microamp 1Mbps RS-232 Transceivers with Enhanced Automatic Powerdown

File Size 371.37K  /  19 Page

View it Online

Download Datasheet

   
Part No. STF203-22.TC
OCR Text ...on of esd voltages in excess of 15kv (air discharge) and 8kv (contact discharge) per iec 61000-4-2, level 4. the small size and integrated feature of the stf203- 22 minimizes required board space. the stf203-22 is suitable for use in usb h...
Description SUPPRESSOR CIRCUIT|TSSOP|6PIN|PLASTIC

File Size 166.86K  /  6 Page

View it Online

Download Datasheet

    ICL3237E ICL3237ECA ICL3237ECAZ ICL3237EIA ICL3237EIAZ

INTERSIL[Intersil Corporation]
Part No. ICL3237E ICL3237ECA ICL3237ECAZ ICL3237EIA ICL3237EIAZ
OCR Text 15kV ESD Protected, 10nA SupplyCurrent, +3V to +5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers The Intersil ICL3237E contains 3.0V to 5.5V powered RS-232 transmitters/receivers which meet ElA/TIA-232 and V.28/V.24 specifications, even at ...
Description -15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers

File Size 229.71K  /  12 Page

View it Online

Download Datasheet

    SHARP ELECTRONICS CORP
Part No. PC956L0NIP
OCR Text ...ejection voltage (cm h : min. 15kv/ s, cm l : min. ? 15kv/ s) 4. high speed response (t phl : typ. 210 ns, t plh : typ. 400 ns) 5. high isolation voltage between input and output (v iso(rms) : 5.0 kv) description pc956l0nsz s...
Description 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 2 Mbps

File Size 281.50K  /  15 Page

View it Online

Download Datasheet

    MAXIM - Dallas Semiconductor
Maxim Integrated Products Inc
Part No. MAX232E MAX232ECPE MAX232ECSE MAX232ECWE MAX232EEPE MAX232EESE MAX232EEWE MAX213ECAI MAX213ECWI MAX213EEAI MAX213EEWI MAX206ECAG MAX206ECNG MAX206ECWG MAX206EEAG MAX206EENG MAX206EEWG MAX211ECAI MAX211ECWI MAX211EEAI MAX211EEWI MAX241ECAI MAX241ECWI MAX241EEAI MAX241EEWI MAX205ECPG MAX205EEPG MAX207ECAG MAX207ECNG MAX207ECWG MAX207EEAG MAX207EENG MAX207EEWG MAX202E MAX202ECPE MAX202ECSE MAX202ECWE MAX202EEPE MAX202EESE MAX202EEWE MAX208E MAX208ECAG MAX208ECNG MAX208ECWG MAX208EEAG MAX208EENG MAX208EEWG MAX203ECPP MAX203ECWP MAX203EEPP MAX203EEWP MAX213E
OCR Text 15kV ESD-Protected, +5V RS-232 Transceivers _______________General Description The MAX202E-MAX213E, MAX232E/MAX241E line drivers/receivers are designed for RS-232 and V.28 communications in harsh environments. Each transmitter output and ...
Description -15kV ESD-protected, 5V RS-232 transceiver
15kV ESD-Protected 5V RS-232 Transceivers
±15kV ESD-Protected, 5V RS-232 Transceivers

File Size 262.86K  /  24 Page

View it Online

Download Datasheet

    MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EEUP MAX3002EUP MAX3003EUP MAX3001EEUPNBSP MAX3001EAUPNBSP MAX3002EUPNBS

MAXIM - Dallas Semiconductor
MAXIM[Maxim Integrated Products]
Maxim Integrated Products, Inc.
Part No. MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EEUP MAX3002EUP MAX3003EUP MAX3001EEUPNBSP MAX3001EAUPNBSP MAX3002EUPNBSP MAX3011EUPNBSP MAX3004EUPNBSP MAX3006EUPNBSP MAX3010EUPNBSP MAX3012EUPNBSP MAX3005EUPNBSP MAX3008EUPNBSP MAX3009EBP-T MAX3012EUP MAX3001E MAX3001EEBP-T MAX3002 MAX3002EBP-T MAX3003 MAX3003EBP-T MAX3004 MAX3004EBP-T MAX3004EUP MAX3005 MAX3005EBP-T MAX3005EUP MAX3006 MAX3006EBP-T MAX3006EUP MAX3007 MAX3007EBP-T MAX3007EUP MAX3008 MAX3008EBP-T MAX3008EUP MAX3009 MAX3009EUP MAX3010 MAX3010EBP-T MAX3010EUP MAX3011 MAX3011EBP-T MAX3011EUP MAX3012 MAX3012EBP-T MAX3.00E MAX3.02EUP MAX3.01EEUP MAX3.01EAUP AX3007 MAX3000EEBP-T
OCR Text 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators General Description The MAX3000E/MAX3001E/MAX3002-MAX3012 8channel level translators provide the level shifting necessary to allow data transfer in a multivoltage system. Exter...
Description 1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator
1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators
1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators
1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators
1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators
1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 
1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators
RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA
Fixed-Point Digital Signal Processor 532-FCBGA
6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler
1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1&micro;A5Mbps通道电平转换
1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators

File Size 418.53K  /  24 Page

View it Online

Download Datasheet

    MAX3030 MAX3030E MAX3030ECSE MAX3030ECUE MAX3030EESE MAX3030EEUE MAX3031ECSE MAX3031ECUE MAX3031EESE MAX3031EEUE MAX3032

Maxim Integrated Products, Inc.
MAXIM[Maxim Integrated Products]
MAXIM - Dallas Semiconductor
Maxim Integrated Produc...
Part No. MAX3030 MAX3030E MAX3030ECSE MAX3030ECUE MAX3030EESE MAX3030EEUE MAX3031ECSE MAX3031ECUE MAX3031EESE MAX3031EEUE MAX3032ECSE MAX3032ECUE MAX3032EESE MAX3032EEUE MAX3033ECSE MAX3033ECUE MAX3033EESE MAX3033EEUE MAX3032E MAX3031E MAX3033E MAX3030E-BMAX3033E MAX303 MAX3030E-MAX3033E MAX3033EEUE-T MAX3033EEUET MAX3030ECSE-T MAX3030ECSET MAX3030ECUE-T
OCR Text 15kV ESD-Protected, 3.3V Quad RS-422 Transmitters General Description The MAX3030E-MAX3033E family of quad RS-422 transmitters send digital data transmission signals over twisted-pair balanced lines in accordance with TIA/EIA422-B and ITU...
Description 15,kV ESD-Protected, 3.3V Quad RS-422 Transmitters
??5kV ESD-Protected, 3.3V Quad RS-422 Transmitters
&#177;15kV ESD-Protected, 3.3V Quad RS-422 Transmitters QUAD LINE DRIVER, PDSO16
5kV ESD保护3.3V的四路的RS - 422发送器
15kV ESD-Protected / 3.3V Quad RS-422 Transmitters
【15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
"?5kV ESD-Protected, 3.3V , 2Mbps Quad RS-422 Transmitters"
"?5kV ESD-Protected, 3.3V , 20Mbps Quad RS-422 Transmitters"
±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters
±15kV ESD-Protected, 3.3V Quad RS-422 Transmitters

File Size 322.83K  /  14 Page

View it Online

Download Datasheet

    MAX487 MAX487E MAX487ECPA MAX487ECSA MAX487EEPA MAX487EESA MAX488 MAX488ECPA MAX488ECSA MAX488EEPA MAX488EESA MAX1487ECP

Maxim Integrated Produc...
MAXIM INTEGRATED PRODUCTS INC
Maxim Integrated Products, Inc.
MAXIM[Maxim Integrated Products]
Maixm
http://
MAXIM - Dallas Semiconductor
Part No. MAX487 MAX487E MAX487ECPA MAX487ECSA MAX487EEPA MAX487EESA MAX488 MAX488ECPA MAX488ECSA MAX488EEPA MAX488EESA MAX1487ECPA MAX1487ECSA MAX1487EEPA MAX1487EESA MAX485 MAX485ECPA MAX485ECSA MAX485EEPA MAX485EESA MAX491 MAX491ECPD MAX491ECSD MAX491EEPD MAX491EESD MAX490ECPA MAX490ECSA MAX490EEPA MAX490EESA MAX483ECPA MAX483ECSA MAX483EEPA MAX483EESA MAX489 MAX489E MAX489ECPD MAX489ECSD MAX489EEPD MAX489EESD MAX481E MAX481ECPA MAX481ECSA MAX481EEPA MAX481EESA MAX485E MAX490E MAX488E MAX483E MAX1487E 1112 MAX1487 MAX483
OCR Text 15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers _______________General Description The MAX481E, MAX483E, MAX485E, MAX487E-MAX491E, and MAX1487E are low-power transceivers for RS-485 and RS-422 communications i...
Description ??5kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Low-Power / Slew-Rate-Limited RS-485/RS-422 Transceivers
3.3/5-V RS-485 Transceiver 8-SOIC -40 to 85
15kV ESD-Protected / Slew-Rate-Limited / Low-Power / RS-485/RS-422 Transceivers
【15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
From old datasheet system
" ?à15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers"
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
卤15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
±15kV ESD-Protected, Slew-Rate Limited, Low-Power, RS-485/RS-422 Transceivers

File Size 132.11K  /  16 Page

View it Online

Download Datasheet

For 1.5kv Found Datasheets File :: 3439    Search Time::1.157ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1.5kv

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.5791449546814