Part Number Hot Search : 
MX7503JN MBR840D 1N5985 FU220N MP151 HL6503MG 16001 738BT3
Product Description
Full Text Search
  1.2x1.5 Datasheet PDF File

For 1.2x1.5 Found Datasheets File :: 952    Search Time::2.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TDA8547 TDA8547T

PHILIPS[Philips Semiconductors]
Part No. TDA8547 TDA8547T
OCR Text 1 W BTL audio amplifier with output channel switching Preliminary specification File under Integrated Circuits, IC01 1997 Oct 07 Philips...2x1 1 Pmax (W) 1.4 0.7 3.0 1.5 1.8 0.9 1.0 0.5 - 80 - - - 60 50 100 Tamb(max) (C) SO16 DIP16 7...
Description 2 x 1 W BTL audio amplifier with output channel switching

File Size 240.88K  /  24 Page

View it Online

Download Datasheet





    TS4985 TS4985EIJT TS4985EIKJT

STMicroelectronics
Part No. TS4985 TS4985EIJT TS4985EIKJT
OCR Text ...Operating from VCC=2.2V to 5.5V 1.2W output power per channel @ VCC=5V, THD+N=1%, RL=8 10nA standby current 62dB PSRR @ 217Hz with Grounded inputs High SNR: 106dB(A) typ. Near Zero Pop & Click Lead-free 15 bumps flip-chip package Pin Con...
Description 2x1.2w Stereo Audio Power Amplifier with Dedicated Standby Pins

File Size 408.76K  /  9 Page

View it Online

Download Datasheet

    NLAST4599

ONSEMI[ON Semiconductor]
Part No. NLAST4599
OCR Text ...C-59 DT SUFFIX CASE 318G A1d 1 * * * * * * * * * * Select Pin Compatible with TTL Levels Channel Select Input Over-Voltage Tolerant...2X1 COM U Figure 2. Logic Symbol (c) Semiconductor Components Industries, LLC, 2002 Novembe...
Description Low Voltage Single Supply SPDT Analog Switch

File Size 120.07K  /  12 Page

View it Online

Download Datasheet

    LHI968

PERKINELMER[PerkinElmer Optoelectronics]
Part No. LHI968
OCR Text ...its condition 2x1 3 300 3800 1 20 0,2 10 50 1,5 mm 2 (2 elements) 100C, 1 Hz V /W % V pp V 25C , 0,3...10Hz 25C , RS =47kW Right for modification reserved / WS /, 29.6.2001 NEP D* Output Impedance Operating Voltage F...
Description Dual Element Detector

File Size 183.82K  /  1 Page

View it Online

Download Datasheet

    MAS9181B MAS9181BN MAS9181CS

ETC
Part No. MAS9181B MAS9181BN MAS9181CS
OCR Text ...AC5 DAC4 DAC3 DAC2 DAC1 DAC0 1 DA9181.006 13 October, 1999 VDD 1 2 3 4 5 6 7 8 9 1 2 3 4 6 7 P I I/O I I I I G O O O O O O...2x1/4 ' & &!#" $ %$ ! x f # ! (c) x* E (R) (c) | C PCPE% d@PdWCd Q FD FE DBGE...
Description OCTAL 8 BIT TRIMMER IC

File Size 240.67K  /  9 Page

View it Online

Download Datasheet

    KS57C0404 KS57C0408

SAMSUNG[Samsung semiconductor]
Part No. KS57C0404 KS57C0408
OCR Text 1 PRODUCT OVERVIEW The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsung's ne...2x1-byte or 2-byte instruction stored in reference area location 0020H - 007FH. REF can also referen...
Description The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung

File Size 209.75K  /  38 Page

View it Online

Download Datasheet

    LHI958 LHI954

PERKINELMER[PerkinElmer Optoelectronics]
Part No. LHI958 LHI954
OCR Text ... DATASHEET typical 2x1 3700 1 20 ma x units mm2 V /W condition (2 elements) 100C, 1 Hz 10 50 % V pp 25C , 0,3...10Hz Offset Voltage Right for modification reserved / WS /, 29.6.2001 0,2 1,50 8,1x10-10 25x10-10...
Description Dual Element Detectors

File Size 190.70K  /  1 Page

View it Online

Download Datasheet

    LHI878 LHI874

PERKINELMER[PerkinElmer Optoelectronics]
Part No. LHI878 LHI874
OCR Text ...ffset Voltage 2x1 3 300 4000 1 20 0,2 10 50 1,55 mm2 V /W % V pp V (2 elements) 100C, 1 Hz 25C , 0,3...10Hz RS =47kW , 25C Right for modification reserved / WS /, 29.6.2001 NEP D* Output Impedance Operating Voltage Field o...
Description Dual Element Detectors

File Size 192.38K  /  1 Page

View it Online

Download Datasheet

    SII
SEIKO
Part No. S-8232ABFT S-8232
OCR Text 1_00 BATTERY PROTECTION IC (FOR A 2-SERIAL-CELL PACK) S-8232 Series The 8232 is a series of lithium-ion rechargeable battery protec...2x1.25 or VCUaux1,2 VCUaux1,2 = VCU1,2x1.11 Overcharge release voltage 1,2 VCD1,2 Overdischarge dete...
Description The 8232 is a series of lithium-ion rechargeable battery protection ICs incorporating high-accuracy voltage detection circuits anddelay circuits.
BATTERY PROTECTION IC (FOR A 2-SERIAL-CELL PACK)

File Size 375.27K  /  24 Page

View it Online

Download Datasheet

For 1.2x1.5 Found Datasheets File :: 952    Search Time::2.203ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1.2x1.5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.54503798484802